PART |
Description |
Maker |
76650-0050 19025-0001 19025-0005 19025-0007 19216- |
Nylon Tap-and-Run Splice Wire Tap and Nylon Insulated Male Quick Disconnect Solderless Terminals
|
MolexKits
|
19141-0085 19069-0219 19044-0031 19044-0066 19044- |
Assorted Non-Insulated Quick Disconnect, Ring, Spade and Butt Splice Solderless Terminals
|
MolexKits
|
DNFR18-250FIB-C DNFR14-250B-C |
Female Disconnect Solderless Terminal; Wire Size (AWG):22-18; Tab Width:0.250"; Insulator Color:Red RoHS Compliant: Yes BRASS, TIN FINISH, PUSH-ON TERMINAL DISCONNECT FLAG 16-14AWG .205,0 2.5 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL
|
Panduit, Corp.
|
2174306-1 |
Solderless LED Sockets TE Solderless LED Socket, Type SMIZ
|
Tyco Electronics
|
0190250003 190250003 AMCT-57T |
Avikrimp?Quick Disconnect, Male, for 18-22 (0.80-0.35) Wire, Mylar Tape, Tab4.75mm (.187) x 0.51mm (.020) Avikrimp垄芒Quick Disconnect, Male, for 18-22 (0.80-0.35) Wire, Mylar Tape, Tab4.75mm (.187") x 0.51mm (.020")
|
Molex Electronics Ltd.
|
MA250DMMF MA250DMFM |
Adapter Disconnect, Male-Female, Non-Insulated
|
3M Electronics
|
AS1324-BTTT-12 AS1324-BTTT-AD AS1324-13 |
1.5MHz, 600mA Synchronous DC/DC Conver ter
|
austriamicrosystems AG ams AG
|
0190010008 BB-5268 |
Avikrimp Quick Disconnect, Male, for 14-16 (2.00-1.30), Box, Tab 4.75mm (.187) x 0.51mm (.020)
|
Molex Electronics Ltd.
|
0190250010 |
Avikrimp?Quick Disconnect, Male, for 14-16 (2.00-1.30) Wire, Mylar Tape, Tab6.35mm (.250
|
Molex Electronics Ltd.
|
0190010007 BB-5262T |
Avikrimp Quick Disconnect, Male, for 14-16 (2.00-1.30), Mylar Tape, Tab 6.35mm (.250) x 0.81mm (.032)
|
Molex Electronics Ltd.
|