PART |
Description |
Maker |
GE28F320W30B70 GE28F320W30B85 RD28F6408W30T85 28F6 |
Segmented Alphanumeric LED; Display Technology:LED; No. of Digits/Alpha:1; Body Material:GaAsP; LED Color:Red; Leaded Process Compatible:Yes; Luminous Intensity:7.5mcd RoHS Compliant: Yes 2M X 16 FLASH 1.8V PROM, PBGA56 1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30) 2M X 16 FLASH 1.8V PROM, PBGA56 1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30) SPECIALTY MEMORY CIRCUIT, PBGA80 1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30) 1.8伏英特尔无线闪存伏的I / O和SRAM(宽30
|
Intel, Corp. Intel Corp.
|
AM29F040B-120JF AM29F040B-90ED |
Flash Memory IC; Leaded Process Compatible:Yes; Memory Configuration:512K x 8; Package/Case:32-PLCC; Supply Voltage Max:5.5V; Access Time, Tacc:120ns; Mounting Type:Surface Mount RoHS Compliant: Yes 512K X 8 FLASH 5V PROM, 120 ns, PQCC32 Flash Memory IC; Leaded Process Compatible:Yes; Memory Configuration:512K x 8; Package/Case:32-TSOP; Peak Reflow Compatible (260 C):Yes; Supply Voltage Max:5.5V; Access Time, Tacc:90ns; Mounting Type:Surface Mount RoHS Compliant: Yes
|
Spansion, Inc. SPANSION LLC
|
AM29F800BT-120ED AM29F800BB-70SD AM29F800BB-90SD A |
Flash Memory IC; Leaded Process Compatible:Yes; Memory Size:8Mbit; Package/Case:48-TSOP; Peak Reflow Compatible (260 C):Yes; Supply Voltage Max:5V; Access Time, Tacc:120ns; Series:AM29 RoHS Compliant: Yes 512K X 16 FLASH 5V PROM, 120 ns, PDSO48 Flash Memory IC; Memory Size:8Mbit; Package/Case:44-SOIC; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Supply Voltage Max:5V; Access Time, Tacc:70ns; Series:AM29 RoHS Compliant: Yes 512K X 16 FLASH 5V PROM, 70 ns, PDSO44 Flash Memory IC; Memory Size:8Mbit; Package/Case:44-SOIC; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Supply Voltage Max:5V; Access Time, Tacc:90ns; Series:AM29 RoHS Compliant: Yes 512K X 16 FLASH 5V PROM, 90 ns, PBGA48
|
Spansion, Inc. SPANSION LLC
|
E28F256J3C-110 GE28F256J3C-110 E28F256J3C-115 GE28 |
Intel StrataFlash Memory (J3) 英特StrataFlash存储器(J3 Aluminum Electrolytic Radial Lead Audio Grade Capacitor; Capacitance: 2200uF; Voltage: 10V; Case Size: 10x20 mm; Packaging: Bulk 英特尔StrataFlash存储器(J3 Intel StrataFlash Memory (J3) 16M X 16 FLASH 2.7V PROM, 125 ns, PDSO56 Intel StrataFlash Memory (J3) 英特尔StrataFlash存储器(J3 Intel StrataFlash Memory (J3) 8M X 16 FLASH 3V PROM, 150 ns, PDSO56 Intel StrataFlash Memory (J3) 8M X 16 FLASH 2.7V PROM, 120 ns, PBGA64 (TE28FxxxJ3C) Strata Flash Memory Strata Flash Memory / 256 Mbit
|
Intel, Corp. Intel Corp. http:// Intel Corporation
|
TE28F160B3T90 28F008B3 28F016B3 28F032B3 28F320B3 |
(TE28F Series) SMART 3 ADVANCED BOOT BLOCK 4-8-16-32-MBIT FLASH MEMORY FAMILY SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 2M X 8 FLASH 3V PROM, 110 ns, PBGA48 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 512K X 16 FLASH 2.7V PROM, 90 ns, PDSO48 RES 10K-OHM 2% 0.25W 100PPM MET-FILM AXIAL TR-13 R-MIL-PRF-39017 智能高级启动34 - - 6 - 2 - Mbit闪存家庭 TVS UNI-DIR 70V 400W SMA 智能高级启动3 - - 6 - 2 - Mbit闪存家庭 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 2M X 8 FLASH 2.7V PROM, 90 ns, PDSO40 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 512K X 16 FLASH 3V PROM, 90 ns, PBGA48 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 智能高级启动3 - - 6 - 2 - Mbit闪存家庭 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 2M X 16 FLASH 2.7V PROM, 90 ns, PBGA48 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 智能高级启动3 - - 6 - 32 - Mbit闪存家庭 SMART 3 ADVANCED BOOT BLOCK, 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY SMART 3 ADVANCED BOOT BLOCK BYTE-WIDE, 8-MBIT (1024K x 8), 16-MBIT (2056K x 8) FLASH MEMORY FAMILY
|
TE Connectivity, Ltd. Intel, Corp. Intel Corp. Intel Corporation
|
W29EE011P-90 W29EE011P-15 W29EE011T-15 |
Hook-Up Wire; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Color:Black; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes KJA SERIES III 128K X 8 CMOS FLASH MEMORY 128K X 8 FLASH 5V PROM, 90 ns, PQCC32 128K X 8 CMOS FLASH MEMORY 128K的8的CMOS闪存
|
Winbond Electronics Corp Winbond Electronics, Corp.
|
W39V040A W39V040AQ W39V040AP |
3.3-Volt Flash NVM > Flash> FWH/LPC Flash Memory 512K 】 8 CMOS FLASH MEMORY WITH LPC INTERFACE
|
Winbond Electronics WINBOND[Winbond]
|
AT25DF081-UUN-T AT25DF081-MHN-Y AT25DF081-MHN-T AT |
4 Mbit Uniform Sector, Serial Flash Memory 1M X 8 FLASH 1.8V PROM, PDSO8 8-megabit 1.65-volt Minimum SPI Serial Flash Memory
|
Atmel, Corp. 聚兴科技股份有限公司 ATMEL Corporation
|
TE28F640J3 TE28F256J3 TE28F320J3C-110 TE28F128J3A- |
8M X 16 FLASH 2.7V PROM, 120 ns, PDSO56 Intel StrataFlash Memory (J3) Strata Flash Memory 256M 256M Strata Flash Memory
|
NUMONYX Intel Corporation
|
S29JL032H60TFI310 S29JL032H90TFI310 S29JL032H70TAI |
JT 3C 3#16 SKT PLUG 2M X 16 FLASH 3V PROM, 90 ns, PDSO48 JT 37C 37#22D PIN WALL RECP 2M X 16 FLASH 3V PROM, 70 ns, PDSO48 32M BIT CMOS 3.0V FLASH MEMORY 32兆位CMOS 3.0V闪存 32M BIT CMOS 3.0V FLASH MEMORY 2M X 16 FLASH 3V PROM, 60 ns, PDSO48 32M BIT CMOS 3.0V FLASH MEMORY 2M X 16 FLASH 3V PROM, 70 ns, PDSO48
|
Spansion Inc. Advanced Micro Devices, Inc. Spansion, Inc. http://
|
E28F004B5T60 E28F004B5T80 28F200B5 E28F400B5B60 E2 |
SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2/ 4/ 8 MBIT SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2 / 4 / 8 MBIT Dual-Slot, PCMCIA Analog Power Controller SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT 1M X 8 FLASH 5V PROM, 90 ns, PDSO48 DIRECTIONAL COUPLER, 20DB, SMT 256K X 8 FLASH 5V PROM, 70 ns, PDSO48 SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT 1M X 8 FLASH 5V PROM, 80 ns, PDSO48
|
Intel Corporation Intel Corp. Intel, Corp.
|
|