PART |
Description |
Maker |
VSKC166/08PBF VSKC236/08PBF |
165 A, 800 V, SILICON, RECTIFIER DIODE ROHS COMPLIANT, CERAMIC, INT-A-PAK-3 230 A, 800 V, SILICON, RECTIFIER DIODE ROHS COMPLIANT, CERAMIC, INT-A-PAK-3
|
Vishay Beyschlag
|
CR80-040 CR150-100 CR80-020LEADFREE CENTRALSEMICON |
2.5V to 5.5V, 230µA Dual Rail-to-Rail Voltage Output 10-Bit DAC with Parallel Interface in 24-lead TSSOP 80 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 150 A, 1000 V, SILICON, RECTIFIER DIODE, DO-8 80 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 600 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 800 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 1200 V, SILICON, RECTIFIER DIODE, DO-5 True Bipolar Input, Dual 12-Bit, 2-Channel, Simultaneous Sampling SAR ADC; Package: TSSOP; No of Pins: 24; Temperature Range: Industrial 80 A, 800 V, SILICON, RECTIFIER DIODE, DO-5
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
APT50DL60BCT APT50DL60BCTG |
Ultrasoft Recovery Rectifi er Diode
|
Microsemi Corporation
|
APT100DL60B APT100DL60BG APT100DL60S APT100DL60SG |
Ultrasoft Recovery Rectifi er Diode
|
Microsemi Corporation
|
APT50DL60B APT50DL60BG APT50DL60S APT50DL60SG |
Ultrasoft Recovery Rectifi er Diode
|
Microsemi Corporation
|
CPD34X CPD31X |
10A, 60V Schottky Rectifi er Die
|
Central Semiconductor Corp Central Semiconductor C...
|
ER2A |
SURFACE MOUNT SUPERFAST RECTIFI ER VOLTAGE - 50 to 600 Volts CURRENT - 2.0 Ampere
|
Yea Shin Technology Co., Ltd
|
PFF50 |
Axial Leaded Hermetically Sealed High Voltage Superfast Rectifi er Diode
|
Semtech Corporation
|
MAC15A10T MAC15-10G |
Triacs Silicon Bidirectional Thyristors 800 V, 15 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB Triacs Silicon Bidirectional Thyristors 800 V, 15 A, TRIAC, TO-220AB
|
ON Semiconductor
|
SDR939CT/3 SDR936CT-3 SDR938CT/3 |
15 AMP 50-800 VOLTS 45-60nsec ULTRA FAST RECTIFIER 30 A, 900 V, SILICON, RECTIFIER DIODE, TO-3 15 AMP 50-800 VOLTS 45-60nsec ULTRA FAST RECTIFIER 30 A, 800 V, SILICON, RECTIFIER DIODE, TO-3
|
Solid States Devices, Inc. Solid State Devices, Inc.
|
|