PART |
Description |
Maker |
UDA1334BT |
Low power audio DAC
|
NXP Semiconductors
|
UDA1334BTS-15 |
Low power audio DAC
|
NXP Semiconductors
|
UDA1334BTS UDA1334BTS/N2 |
UDA1334BTS; Low power audio DAC From old datasheet system
|
Philips
|
STW5094 |
18 BIT 8kHz TO 48kHz LOW POWER STEREO AUDIO DAC
|
ST Microelectronics
|
XRD5408 XRD5408AID XRD5408AIP XRD5410 XRD5410AID X |
5V, Low Power, Voltage Output Serial 12-Bit DAC(5V 浣?????靛?杈??涓茶?12浣?/A杞???? 5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family SERIAL INPUT LOADING, 13 us SETTLING TIME, 10-BIT DAC, PDIP8 5V/ Low Power/ Voltage Output Serial 8/10/12-Bit DAC Family
|
Exar, Corp. Exar Corporation
|
UDA1309H |
Low-power stereo bitstream ADC/DAC(低功耗立体声位流ADC/DAC)
|
NXP Semiconductors Philips Semiconductors
|
MAX5250 MAX5250ACAP MAX5250ACPP MAX5250AEAP MAX525 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?碌F Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?掳C to 85?掳C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C SERIAL INPUT LOADING, 10 us SETTLING TIME, 10-BIT DAC, PDIP20 Low-Power / Quad / 10-Bit Voltage-Output DAC with Serial Interface Low-Power, Quad, 10-Bit Voltage-Output DAC with Serial Interface Low-Power Quad 10-Bit Voltage-Output DAC with Serial Interface From old datasheet system
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MS6331 MS6331GTR MS6331GU MS6331TR MS6331U |
16-bit Stereo Audio DAC & Headphone Driver Component Less, Low Cost
|
MOSA ELECTRONICS
|
DAC3550A |
DAC 3550A STEREO AUDIO DAC
|
Micronas Analog Devices ETC
|
28C64AX-20/K 28C64AX-25/K 28C64AX-15I/K 28C64AX-15 |
Evaluation Kit for the MAX5883, MAX5884, MAX5885 Quad, 12-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC 128Kx8 EEPROM 16-Bit DACs with 16-Channel Sample-and-Hold Outputs Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs 12-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs 12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface 3.3V Transceiver with Two EIA TIA 562 Receivers Active in Shutdown x8的EEPROM
|
Microchip Technology, Inc.
|