PART |
Description |
Maker |
S29AL016J55TFIR10 S29AL016J55FFIR20 S29AL016J55TFI |
1M X 16 FLASH 3V PROM, 55 ns, PDSO48 LEAD FREE, MO-142DDD, TSOP-48 1M X 16 FLASH 3V PROM, 55 ns, PBGA64 1M X 16 FLASH 3V PROM, 55 ns, PBGA48 1M X 16 FLASH 3V PROM, 55 ns, PDSO56
|
Spansion, Inc. SPANSION LLC
|
SST39LF016 SST39LF016-90-4I-EI SST39VF016-90-4I-EI |
(SST39VF080 / SST39VF016 / SST39LF080 / SST39LF016) 8 Mbit / 16 Mbit (x8) Multi-Purpose Flash 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays CONNECTOR ACCESSORY LED Light Bars D52 - BACKSHELL ENVIRON EMI-RFI STRT MIL 2M X 8 FLASH 2.7V PROM, 70 ns, PBGA48 64 Mbit (x16) Multi-Purpose Flash Plus 2M X 8 FLASH 3V PROM, 55 ns, PDSO40 64 Mbit (x16) Multi-Purpose Flash Plus 2M X 8 FLASH 3V PROM, 55 ns, PBGA48 64 Mbit (x16) Multi-Purpose Flash Plus 2M X 8 FLASH 2.7V PROM, 90 ns, PDSO40 64 Mbit (x16) Multi-Purpose Flash Plus 64兆位(x16)的多功能闪存加 64 Mbit (x16) Multi-Purpose Flash Plus 2M X 8 FLASH 2.7V PROM, 70 ns, PDSO40
|
Silicon Storage Technology, Inc. SILICON STORAGE TECHNOLOGY INC
|
HY29LV320BF-80 HY29LV320BF-80I HY29LV320BT-12I HY2 |
32 Mbit (2M x 16) Low Voltage Flash Memory 2M X 16 FLASH 3V PROM, 80 ns, PDSO48 32 Mbit (2M x 16) Low Voltage Flash Memory 2M X 16 FLASH 3V PROM, 70 ns, PDSO48 122 x 32 pixel format, LED Backlight available 2M X 16 FLASH 3V PROM, 120 ns, PBGA63 32 Mbit (2M x 16) Low Voltage Flash Memory 2M X 16 FLASH 3V PROM, 90 ns, PBGA63 150 x 32 pixel format, LED Backlight available ECONOLINE: RKZ - Safety standards and approvals: EN 60950 certified, rated for 250VAC (LVD test report)- Custom Solutions Available- 3kVDC & 4kVDC Isolation- UL94V-0 Package Material- Power Sharing on Output- Efficiency to 84%
|
http:// Hynix Semiconductor, Inc. Hynix Semiconductor Inc.
|
S29NS016J0PBJW003 S29NS064J0LBJW000 |
110 nm CMOS 1.8-Volt only Simultaneous Read/Write, Burst Mode Flash Memories 1M X 16 FLASH 1.8V PROM, 65 ns, PBGA44 4M X 16 FLASH 1.8V PROM, 70 ns, PBGA44
|
Spansion, Inc. SPANSION LLC
|
AT49BV8192A-15TC AT49BV8192A-15TI AT49BV8192A-20CC |
LM431 Adjustable Precision Zener Shunt Regulator; Package: SOT-23; No of Pins: 3 512K X 16 FLASH 3V PROM, 120 ns, PDSO40 8-Megabit 1M x 8/ 512K x 16 CMOS Flash Memory 1M X 8 FLASH 5V PROM, 200 ns, PDSO48
|
ATMEL[ATMEL Corporation] Atmel, Corp.
|
NAND256-A NAND01G-A NAND01GW3A2AZB1 NAND01GW3A0AZB |
128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories 128兆,256兆,512兆位千兆位(x8/x1628 Byte/264字的页面.8V/3V,NAND闪存芯片 128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories 128兆,256兆,512兆位1千兆位(x8/x1628 Byte/264字的页面1.8V/3V,NAND闪存芯片 128M X 8 FLASH 1.8V PROM, 35 ns, PBGA63 8M X 16 FLASH 1.8V PROM, 35 ns, PDSO48 64M X 8 FLASH 3V PROM, 35 ns, PBGA55 64M X 16 FLASH 1.8V PROM, 35 ns, PDSO48 128M X 8 FLASH 3V PROM, 35 ns, PDSO48 8M X 16 FLASH 3V PROM, 35 ns, PDSO48 32M X 16 FLASH 3V PROM, 35 ns, PDSO48 32M X 16 FLASH 3V PROM, 35 ns, PBGA55
|
ST Microelectronics 意法半导 STMicroelectronics N.V. NUMONYX http://
|
W29EE012 W39L020P-70 W39L020P-70B W39L020P-90 W39L |
128K X 8 FLASH 5V PROM, 90 ns, PQCC32 128K X 8 FLASH 5V PROM, 90 ns, PDSO32 128K X 8 CMOS FLASH MEMORY 256K X 8 FLASH 3.3V PROM, 90 ns, PDSO32
|
Winbond Electronics, Corp. Winbond Electronics Corp WINBOND[Winbond]
|
PC28F256J3D-95 PC28F640J3D75A PC28F128J3D75B PC28F |
16M X 16 FLASH 2.7V PROM, 95 ns, PBGA64 LEAD FREE, ESBGA-64 4M X 16 FLASH 2.7V PROM, 75 ns, PBGA64 8M X 16 FLASH 2.7V PROM, 75 ns, PBGA64
|
Numonyx Asia Pacific Pte, Ltd.
|
AM29LV160DB-90WCC AM29LV160DB-70WCC AM29LV160DT-70 |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 1M X 16 FLASH 3V PROM, 70 ns, PBGA48 29LV160BB 16MBIT FLASH 3V TSOP-48 1M X 16 FLASH 3V PROM, 90 ns, PDSO48 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 1M X 16 FLASH 3V PROM, 120 ns, PDSO44 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 1M X 16 FLASH 3V PROM, 120 ns, PBGA48 IC SM FLASH 1MX16 120NS 3.3V 1M X 16 FLASH 3V PROM, 120 ns, PDSO48
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
HY29LV160TT-12 HY29LV160TF-12 HY29LV160TT-70 HY29L |
16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory 1M X 16 FLASH 3V PROM, 70 ns, PBGA48 16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory 1M X 16 FLASH 2.7V PROM, 80 ns, PDSO48 16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory 1M X 16 FLASH 2.7V PROM, 80 ns, PBGA48 Circular Connector; No. of Contacts:55; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:22; Circular Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:22-55
|
http:// Hynix Semiconductor, Inc. Hynix Semiconductor Inc.
|
|