PART |
Description |
Maker |
91800601000 |
110 Ohm, 26 AWG stranded (7x34) .018 TC conductors
|
List of Unclassifed Man...
|
SD1208-50-5 |
CAP AND SAFETY CHANN, BNC
|
Winchester Electronics Corporation
|
STD45NF75 STD45NF75T4 |
N-CHANNEL 75V - 0.018 OHM -40A DPAK STRIPFET II POWER MOSFET
|
ST Microelectronics
|
NP36N055SLE-E1-AY |
36 A, 55 V, 0.018 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA ROHS COMPLIANT, TO-252, MP-3ZK, 3 PIN
|
International Business Machines, Corp.
|
STD29NF03L |
N-CHANNEL 30V - 0.018 ohm - 29A DPAK LOW GATE CHARGE STripFET POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
UTD408L-TN3-T UTD408L-TN3-R UTD408-TN3-T UTD408-TN |
18 A, 30 V, 0.018 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252 LEAD FREE PACKAGE-3 N-CHANNEL ENHANCEMENT MODE
|
Unisonic Technologies Co., Ltd.
|
AP6904GH-HF AP6904GH-HF-14 |
22 A, 30 V, 0.018 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET HALOGEN FREE AND ROHS COMPLIANT, SDPAK-5 Simple Drive Requirement, Two Independent Device
|
Advanced Power Electronics, Corp. Advanced Power Electronics Corp. Advanced Power Electron...
|
IRFIZ34G-005PBF IRFIZ48G-024 IRFIZ48G-002PBF IRFIZ |
20 A, 60 V, 0.05 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB TO-220, 3 PIN 37 A, 60 V, 0.018 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB TO-220, 3 PIN 8 A, 60 V, 0.2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB TO-220, 3 PIN 21 A, 100 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Bourns, Inc. Amphenol, Corp. Glenair, Inc. Vishay Intertechnology, Inc. JST Mfg. Co., Ltd.
|
WP5S-0.018OHMJT07 WP5S-0.024OHMJT07 WP5S-0.03OHMJT |
RESISTOR, WIRE WOUND, 5 W, 5 %, 350 ppm, 0.018 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, WIRE WOUND, 5 W, 5 %, 350 ppm, 0.024 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, WIRE WOUND, 5 W, 5 %, 350 ppm, 0.03 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, WIRE WOUND, 5 W, 5 %, 350 ppm, 0.015 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, WIRE WOUND, 5 W, 5 %, 350 ppm, 0.033 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, WIRE WOUND, 5 W, 5 %, 350 ppm, 0.022 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, WIRE WOUND, 5 W, 5 %, 350 ppm, 0.016 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, WIRE WOUND, 5 W, 5 %, 350 ppm, 0.027 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, WIRE WOUND, 5 W, 5 %, 350 ppm, 0.039 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, WIRE WOUND, 5 W, 5 %, 350 ppm, 0.091 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, WIRE WOUND, 5 W, 5 %, 350 ppm, 0.02 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, WIRE WOUND, 5 W, 5 %, 350 ppm, 0.043 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, WIRE WOUND, 5 W, 5 %, 350 ppm, 0.036 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT
|
Welwyn Components, Ltd.
|
|