PART |
Description |
Maker |
CY7C1380C-200AC CY7C1380C-200BGC CY7C1380C-167AC C |
Memory : Sync SRAMs PUSHBUTTON, METAL, FLAT, 22MM 5A; Switch function type:NC/NO Mom; Voltage, contact AC max:250V; Temp, op. max:55(degree C); Temp, op. min:-20(degree C); Diameter, panel cut-out:22.2mm; Length / Height, external:32mm; Dielectric RoHS Compliant: Yes 18-Mb (512K x 36/1M x 18) Pipelined SRAM 1M X 18 CACHE SRAM, 2.8 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 1M X 18 CACHE SRAM, 2.6 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 2.8 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 3 ns, PQFP100 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 2.8 ns, PQFP100 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 3.4 ns, PQFP100
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
MCM6294J20R2 |
16K X 4 CACHE TAG SRAM, 10 ns, PDSO28
|
MOTOROLA INC
|
IS61LPD25636T-166TQI IS61LPD25636J-166B IS61LPD512 |
256K X 36 CACHE SRAM, 3.5 ns, PQFP100 TQFP-100 256K X 36 CACHE SRAM, 3.5 ns, PBGA119 512K X 18 CACHE SRAM, 2.8 ns, PBGA119
|
Integrated Silicon Solution, Inc. INTEGRATED SILICON SOLUTION INC
|
L7C180PC-20 L7C181PC-20 L7C181DM-12 L7C180DM-12 L7 |
x4 Cache-Tag RAM x4高速缓存内存标
|
Electronic Theatre Controls, Inc. Lighting Components and Design, Inc. GSI Technology, Inc.
|
GS84118AGT-100 GS84118AGT-133 GS84118AI-133I GS841 |
256K X 18 SYNC CACHE TAG
|
GSI[GSI Technology]
|
GS816018 GS816032 GS816032T-133IT GS816032T-250IT |
512K X 36 CACHE SRAM, 7.5 ns, PQFP100 512K X 32 CACHE SRAM, 5.5 ns, PQFP100 512K X 32 CACHE SRAM, 8.5 ns, PQFP100 18Mb Burst SRAMs 512K X 36 CACHE SRAM, 7 ns, PQFP100
|
GSI Technology
|
P4C174-12CMB P4C174-15CMB P4C174-12JMB P4C174-10CM |
HIGH SPEED 8K x 8 CACHE TAG STATIC RAM
|
Pyramid Semiconductor Corporation
|
MCM69T618 MCM69T618TQ5 MCM69T618TQ5R |
64K x 18 Bit Synchronous Pipelined Cache Tag RAM
|
MOTOROLA INC MOTOROLA[Motorola, Inc]
|
CY7C1363B-133AJC CY7C1363B-133AJI CY7C1363B-133AI |
9-Mbit (256K x 36/512K x 18) Flow-Through SRAM 256K X 36 CACHE SRAM, 7.5 ns, PQFP100 9-Mbit (256K x 36/512K x 18) Flow-Through SRAM 512K X 18 CACHE SRAM, 6.5 ns, PQFP100 9-Mbit (256K x 36/512K x 18) Flow-Through SRAM 256K X 36 CACHE SRAM, 8.5 ns, PBGA119 9-Mbit (256K x 36/512K x 18) Flow-Through SRAM 256K X 36 CACHE SRAM, 8.5 ns, PBGA165 9-Mbit (256K x 36/512K x 18) Flow-Through SRAM 512K X 18 CACHE SRAM, 7.5 ns, PBGA119 CONNECTOR ACCESSORY
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|
IDT71V67613S200BQ IDT71V67613S183BG IDT71V67613S20 |
256K X 36 CACHE SRAM, 3.1 ns, PBGA165 13 X 15 MM, FINE PITCH, BGA-165 256K X 36 CACHE SRAM, 3.3 ns, PBGA119 14 X 22 MM, PLASTIC, BGA-119 256K X 36 CACHE SRAM, 3.1 ns, PQFP100 14 X 20 MM, 1.40 MM HEIGHT, PLASTIC, TQFP-100 256K X 36 CACHE SRAM, 3.3 ns, PQFP100 14 X 20 MM, 1.40 MM HEIGHT, PLASTIC, TQFP-100 256K X 36 CACHE SRAM, 3.3 ns, PBGA165 13 X 15 MM, FINE PITCH, BGA-165 256K X 36 CACHE SRAM, 3.1 ns, PBGA119 14 X 22 MM, PLASTIC, BGA-119
|
Integrated Device Technology, Inc.
|
AS5SP1M18DQ AS5SP1M18DQ-30ET AS5SP1M18DQ-30IT AS5S |
1M X 18 CACHE SRAM, 3.5 ns, PQFP100 14 X 20 MM, MS-026-D/BHA, TQFP-100 1M X 18 CACHE SRAM, 4 ns, PQFP100 14 X 20 MM, MS-026-D/BHA, TQFP-100 Plastic Encapsulated Microcircuit 18Mb, 1M x 18, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
|
Austin Semiconductor, Inc Micross Components
|
|