PART |
Description |
Maker |
LT1780 LT1780CN LT1780CSW LT1781 LT1781CN LT1781CS |
Low Power 5V RS232 Dual Driver/Receiver with 【15kV ESD Protection From old datasheet system Low Power 5V RS232 Dual Driver/Receiver with ±15kV ESD Protection Low Power 5V RS232 Dual Driver/Receiver with 15kV ESD Protection
|
LINER[Linear Technology]
|
LT1780CSWPBF LT1781CSPBF LT1781CNPBF LT1780CNPBF |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C LINE TRANSCEIVER, PDSO18 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C LINE TRANSCEIVER, PDSO16 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C LINE TRANSCEIVER, PDIP16 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C LINE TRANSCEIVER, PDIP18
|
Linear Technology, Corp.
|
LT1137A LTC1387 LTC1383 |
Low Power 5V RS232 Dual Driver/Receiver with
|
Linear Technology
|
LT1081INPBF |
Advanced Low Power 5V RS232 Dual Driver/Receiver
|
Linear Technology
|
MAX208IDBE4 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C
|
外设及接
|
MAX5250 MAX5250ACAP MAX5250ACPP MAX5250AEAP MAX525 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?碌F Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?掳C to 85?掳C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C SERIAL INPUT LOADING, 10 us SETTLING TIME, 10-BIT DAC, PDIP20 Low-Power / Quad / 10-Bit Voltage-Output DAC with Serial Interface Low-Power, Quad, 10-Bit Voltage-Output DAC with Serial Interface Low-Power Quad 10-Bit Voltage-Output DAC with Serial Interface From old datasheet system
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
AM2168-35DC AM2168-35PC AM2168-35LC AM2169-70/BRA |
Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown; Package: PDIP; No of Pins: 16; Temperature Range: -40°C to 85°C Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C Half-Bridge N-Channel Power MOSFET Driver with Boost Regulator; Package: PDIP; No of Pins: 16; Temperature Range: 0°C to 70°C Half-Bridge N-Channel Power MOSFET Driver with Boost Regulator; Package: SO; No of Pins: 16; Temperature Range: -40°C to 85°C Single Cell High Current Micropower 600kHz Boost DC/DC Converter; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators Single Cell Micropower 600kHz PWM DC/DC Converters; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 x4 SRAM x4的SRAM Low Power 5V RS232 Dual Driver/Receiver with 0.1?碌F Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?掳C to 85?掳C Micropower High Efficiency 5V/12V Step-Up DC/DC Converter for Flash Memory; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C
|
API Delevan
|
CXA1644 CXA1644P |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 ECHO EFFECT GENERATOR
|
Sony, Corp. SONY[Sony Corporation]
|
UPD4722GS-GJG UPD4722 UPD4722GS-GJG-E2 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V 3.3V applicability RS-232 line driver/receiver
|
NEC Corp. NEC[NEC]
|
HCF4070 HCF4070B HCF4070BC1 HCF4070BEY HCF4070BF H |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit GATES 盖茨 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics SGS Thomson Microelectronics
|
CXA1665M CXA1665M-S CXA1665 |
All Band TV Tuner IC (VHF-CATV-UHF) 所有带电视调谐器集成电路(甚高频,有线电视,超高频 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件
|
Sony, Corp. SONY[Sony Corporation]
|