PART |
Description |
Maker |
ICL7136 ICL7136CJL ICL7136CMH ICL7136CPL ICL7136CQ |
Low Power, 3? Digit A/D Converter Low Power/ 3 Digit A/D Converter Low Power, 3? Digit A/D Converter Low Power, 3 Digit A/D Converter Low Power, 3 1/2 Digit A/D Converter From old datasheet system Low Power, 3Digit A/D Converter
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc.
|
D108ER D112ER D111ER D101ER D103ER D105ER D113ER D |
Low Cost, 1W SIP Tightly Regulated DC/DC Con vert ers
|
MicroPower Direct, LLC
|
LTS-5001AWC |
0.56inch (14.22mm) digit height single digit low current seven-segment display
|
Lite-On Technology Corporation
|
DLCAP |
Nippon Chemi-Con to Increase Production of Low- Resistance Electric Double Layer Capacitors DLCAP?for Passenger Vehicles
|
United Chemi-Con, Inc.
|
6SVP100M OS-CON6SVP100M |
10 AMP MINIATURE POWER RELAY 操作系统- con公司高级副总裁系列 OS-CON SVP series
|
Sanyo Electric Co., Ltd. Sanyo Semicon Device
|
TC7136ACPI |
Low Power 3-1/2 Digit Analog-to-Digital Converter 低功-1/2数字模拟到数字转换器
|
Microchip Technology, Inc.
|
TC14433AEJG TC14433EJG TC14433ELI TC14433EPG TC144 |
The TC14433 is a low power,high-performance, monolithic CMOS 3-1/2 digit A/D converter.The TC14433 combines both analog and digital circuits on a single IC,thus minimizing the number of external components.This dual-slope A/D converter pro The TC14433 is a low power,high-performance,monolithic CMOS 3-1/2 digit A/D converter.The TC14433 combines both analog and digital circuits on a single IC,thus minimizing the number of external components.This dual-slope A/D converter prov 3-1/2 Digital / Analog-to-Digital Converter 3-1/2 Digit, Analog-to-Digital Converter The TC14433 is a low power,high-performance,monolithic CMOS 3-1/2 digit A/D converter.The TC14433 combines both analog and digital ...
|
MICROCHIP[Microchip Technology]
|
HI713102 HI7133CPL HI7131 HI7131CM44 HI7131CPL HI7 |
3 1/2 Digit, Low Power, High CMRR, LCD/LED Display-Type A/D Converters
|
INTERSIL[Intersil Corporation]
|
G2R-1-H G2R-1A-DC12 G2R-14-AC120 G2RK-1 G2R-1-TDC1 |
Creepage distance of 8.0 mm min. between coil and con tact. The Best Seller G2R Power PCB Relay G2R
|
Omron Electronics LLC
|
UVS-4X01 UVS-4301 UVS-4801 4301E 4801E |
Single Digit LED Numeric Display Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits 0.4 inch ( 10.0 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS 0.4英寸0.0毫米)单数字的LED显示
|
http:// UOT[Unity Opto Technology] Unity Opto Technology Co., Ltd.
|
REC10-4824SRWLZ REC10 REC10-1205DRWL REC10-1205SRW |
THYRISTOR PROTECT BIDIR 30A SMB ECONOLINE -直流/直流-转炉 THYRISTOR PROTECT BI-DIR 50A SMB ECONOLINE -直流/直流-转炉 ECONOLINE - DC/DC - CONVERTER ECONOLINE -直流/直流-转炉 THYRISTOR PROTECT BIDIR 50A SMB ECONOLINE -直流/直流-转炉 DSUB CON D*M PIN F179A ECONOLINE -直流/直流-转炉 CONTACT SIG H3 P R/A 50 CONTACT SIGNAL H1 P R/A 30 CONTACT SIGNAL H2 P R/A 50 RP BKA COAX RG 316 SIZE 5 CONTACT SIGNAL H3 P R/A 30 CAB CON 16S PIN 22/20 F80 A176 CONTACT SIGNAL H1 P R/A 50 CAB CON 16S PIN 22/20 F80 A36 THYRISTOR PROTECT BI-DIR 30A SMB CTPIND*MA2024AS-NM-A156 THYRISTOR PROTECT BIDIR 100A SMB
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
M38C82MF-XXXFP M38C88EC-XXXFP M38C84EF-XXXFP M38C8 |
CON, RECEPTACLE F STR 16-PIN CAP 4.7UF 50V 5% TANT SMD-7238-28 BULK B-MIL-PRF-55365/4 RES 75-OHM 1% 0.125W 200PPM THK-FILM SMD-1206 TR-7-PA PTC Resettable Fuse; Operating Voltage Max:30V; Resistance:0.07ohm; Holding Current:1.85A; Tripping Current:3.7A; Initial Resistance Max:0.07ohm; Initial Resistance Min:0.04ohm; Interrupting Current Max:40A 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯8位CMOS微机 Replaced by TLV320AIC24K : Low-Power Stereo Voice Band CODEC 48-TQFP -40 to 85 单芯位CMOS微机 Low-Power Stereo CODEC with HP Amplifier 28-VQFN 0 to 70 单芯位CMOS微机 Replaced by TLV320AIC24K : Low-Power Stereo Voice Band CODEC 48-TQFP 0 to 70 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
|
Mitsubishi Electric Sem... Mitsubishi Electric Semicon... Mitsubishi Electric Semiconductor Mitsubishi Electric Corporation Mitsubishi Electric, Corp. http://
|