PART |
Description |
Maker |
MM74HCT04MTCX |
Hex Inverter; Package: TSSOP; No of Pins: 14; Container: Tape & Reel HCT SERIES, HEX 1-INPUT INVERT GATE, PDSO14
|
Fairchild Semiconductor, Corp.
|
74LCX04M 74LCX04TTR 74LCX04MTR -74LCX04M |
LVC/LCX/Z SERIES, HEX 1-INPUT INVERT GATE, PDSO14 LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS CMOS HEX INVERTER WITH 5V TOLERANT INPUT
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
MC74LCX14MELG |
Low Voltage CMOS Hex Schmitt Inverter With 5 V-Tolerant Inputs; Package: SOEIAJ-14; No of Pins: 14; Container: Tape and Reel; Qty per Container: 2000 LVC/LCX/Z SERIES, HEX 1-INPUT INVERT GATE, PDSO14
|
ON Semiconductor
|
M74HC14 M74HC14B1 M74HC14RM13TR M74HC14TTR M74HC14 |
HEX SCHMITT INVERTER HEX SCHMITT INVERTER Low-Voltage Adjustable Precision Shunt Regulator 3-SOT-23 -40 to 85
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics 意法半导
|
M74HCU04B1R M74HCU04C1R M74HCU04M1R M54HCU04K1 M54 |
RAD HARD HEX INVERTER (SINGLE STATE) HEX INVERTER SINGLE STAGE
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
AT89C52-12QA AT89C52-24AI AT89C52-16JA AT89C52-16Q |
Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-SOIC -40 to 125 Hex Inverter 14-VQFN -40 to 125 Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-SSOP -40 to 125 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 16 MHz, MICROCONTROLLER, PQFP44 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 16 MHz, MICROCONTROLLER, PDIP40 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 12 MHz, MICROCONTROLLER, PQFP44 8-Bit Microcontroller with 8K Bytes Flash 8-BIT, FLASH, 24 MHz, MICROCONTROLLER, PQFP44
|
Atmel Corp. Atmel, Corp.
|
74LVX04MXNL |
Low Voltage Hex Inverter LV/LV-A/LVX/H SERIES, HEX 1-INPUT INVERT GATE, PDSO14
|
Fairchild Semiconductor, Corp.
|
74ACTQ04 74ACTQ04PC 74ACTQ04SC 74ACTQ04SJ |
Quiet Series⑩ Hex Inverter Quiet Series Hex Inverter
|
FAIRCHILD[Fairchild Semiconductor]
|
MC74AC0406 MC74ACT04DR2G MC74ACT04DTR2G MC74ACT04M |
Hex Inverter CERAMIC CHIP/MIL-PRF-55681 AC SERIES, HEX 1-INPUT INVERT GATE, PDSO14
|
ONSEMI[ON Semiconductor] Rectron Semiconductor
|
MC14069UBCL MC14069UBCP MC14069UB MC14069UBD 4069U |
CERAMIC CHIP/MIL-PRF-55681 4000/14000/40000 SERIES, HEX 1-INPUT INVERT GATE, PDSO14 ORDERING INFORMATION Hex Inverter
|
Motorola Mobility Holdings, Inc. Motorola Inc MOTOROLA[Motorola Inc] ON Semi Motorola, Inc
|
PIC18LC442-E/JW PIC18C442-E/JW PIC18C452-E/L PIC18 |
Fuse, Current Rating Of Fuse 3Ampere, RMS Voltage Rating AC 250 Volt Fuse, Current Rating Of Fuse 500mA, RMS Voltage Rating AC 250 Volt Fuse, Current Rating Of Fuse 5 Ampere, RMS Voltage Rating AC 250 Volt Hex Buffer with Enable; Package: SOEIAJ-16; No of Pins: 16; Qty per Container: 50 BBG ECL BUFR W ENABLE HEX; Package: 20 LEAD PLLC; No of Pins: 20; Container: Rail; Qty per Container: 46 366 HEAD & 300 VISE WIRE MANAGER FOR 366 OR 376 JAWS Hex Buffer with Enable; Package: 20 LEAD PLLC; No of Pins: 20; Container: Tape and Reel; Qty per Container: 500 BBG ECL BUFR W ENABLE HEX; Package: SOEIAJ-16; No of Pins: 16; Container: Rail; Qty per Container: 50 Hex Inverter with Enable; Package: SOEIAJ-16; No of Pins: 16; Container: Rail; Qty per Container: 50 Dual 4-5-Input OR/NOR; Package: 20 LEAD PLLC; No of Pins: 20; Container: Rail; Qty per Container: 46 High-Performance Microcontrollers with 10-Bit A/D 高性能微控制器0A / D High-Performance Microcontrollers with 10-Bit A/D 高性能微控制器0位A / D Busss Heat Limiter Class T 高性能微控制器0A / D
|
Microchip Technology Inc. Microchip Technology, Inc.
|