PART |
Description |
Maker |
CS8129YT5G CS8129YTVA5G CS8129 CS8129YDW16 CS8129Y |
5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold 5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold(5.0 V, 750 mA带较低复位(RESET)门限的低压差线性稳压器) 5V, 750mA Low Dropout Linear Regulator with Lower RESETbar Threshold; Package: SO-16 WB; No of Pins: 16; Container: Tape and Reel; Qty per Container: 1000 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO16
|
ONSEMI[ON Semiconductor]
|
CS8122YT5 CS8122 CS8122YTVA5G CS8122YT5G CS8122YTH |
2.0% 5.0 V, 750 MA LOW DROPOUT LINEAR REGULATOR WITH DELAYED RESET
|
ONSEMI[ON Semiconductor]
|
MAX667 MAX667CPA MAX667CSA MAX667EPA MAX667ESA MAX |
5V/Programmable Low-Dropout Voltage Regulator From old datasheet system CONNECTOR ACCESSORY Quadruple 2-Line To 1-Line Data Selector / Multiplexer 16-CDIP -55 to 125 FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDIP8
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
LT1175 LT1175C LT1175CN8 LT1175CN8-5 LT1175CQ LT11 |
Quadruple 2-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-SOIC 0 to 70 5 V FIXED NEGATIVE LDO REGULATOR, 0.5 V DROPOUT, PDIP8 500mA Negative Low Dropout Micropower Regulator 5 V FIXED NEGATIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO4 From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
AMS1117 AMS1117-15 AMS1117-18 AMS1117-25 AMS1117-3 |
5.0V 800mA low dropout voltage regulator 3.3V 800mA low dropout voltage regulator 2.85V 800mA low dropout voltage regulator 2.5V 800mA low dropout voltage regulator 1.8V 800mA low dropout voltage regulator 1.5V 800mA low dropout voltage regulator 800mA LOW DROPOUT VOLTAGE REGULATOR 800mA的低压差稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO,
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] http://
|
AMS2930 AMS2930AM-X AMS2930AN-X AMS2930AS-X AMS293 |
3-Line to 8-Line Non-Inverting Decoder/Demultiplexer 16-PDIP -55 to 125 5.0V 150mA low dropout voltage regulator
|
Advanced Monolithic Sys... ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc.
|
LX8610-25CDM LX8610-33CDM LX8610-XX LX8610-33CST L |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO4 1A BICMOS VERY LOW DROPOUT REGULATORS
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
ACA1205 ACA1205S7C |
750/870 MHZ CATV LINE AMPLIFIER
|
ANADIGICS Inc
|
AMS3102CM1 AMS3102AM-50 AMS3102AM-X AMS3102AL-33 A |
300mA LOW DROPOUT VOLTAGE REGULATOR 4.0V 300mA low dropout voltage regulator MB 15C 14#20 1#16 SKT RECP 300mA低压差稳压器 MB 18C 18#20 PIN RECP 300mA低压差稳压器 4-Bit Binary Full Adder with Fast Carry 16-SOIC -55 to 125 300mA低压差稳压器 300mA LOW DROPOUT VOLTAGE REGULATOR 300mA低压差稳压器 TERMINAL BLOCK 7MM HORZ 7POS PCB MB 15C 14#20 1#16 SKT PLUG MB 12C 8#20 4#16 SKT RECP MB 8C 8#16 SKT RECP MB 12C 8#20 4#16 PIN RECP MB 15C 14#20 1#16 PIN RECP 8-Input Universal Shift/Storage Register with Common Parallel I/O Pins and Asynchronous Reset 20-SOIC -55 to 125 2.5V 300mA low dropout voltage regulator 2.0V 300mA low dropout voltage regulator 5.0V 300mA low dropout voltage regulator 3.0V 300mA low dropout voltage regulator 3.3V 300mA low dropout voltage regulator
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] Advanced Monolithic Sys...
|
ACA0861BRS7P2 |
750/860 MHz CATV Line Amplifier MMIC
|
Skyworks Solutions
|