PART |
Description |
Maker |
S2930-33 |
250mA Fixed Low Dropout Voltage Regu lator
|
SeCoS Halbleitertechnologie GmbH
|
IRU1117-25CD IRUB1117-25 IRUB1117-25CD IRUB1117-25 |
800mA LOW DROPOUT POSITIVE FIXED 2.5V REGULATOR 800mA的低压差型正,固2.5V的稳压器 0.8A Fixed LDO Linear Regulator in a SOT-223 3-Leads package 0.8A Fixed LDO Linear Regulator in a ULTRA THIN-PAK 2-Leads package 0.8A Fixed LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 0.8A Fixed LDO Linear Regulator in a SOIC 8-Lead package
|
International Rectifier, Corp.
|
SM2930-33 |
Voltage Regu lator
|
SeCoS Halbleitertechnologie GmbH
|
LR8563-15PQ LR8563-15PRA LR8563-15PRB LR8563-18PQ |
Low noise, fast response 300mA LDO regu lator
|
Leshan Radio Company
|
OM8500SF OM8500SC |
Hi-Rel Fixed 1.8V Linear Regulator in a 8-Pin FLAT-PAK Package Hi-Rel Fixed 1.8V Linear Regulator in a MO-078AA Package
|
International Rectifier
|
SG140-35IG_883B SG140-35IG SG140-35L_883B SG140A-3 |
Positive Fixed Linear Voltage Regulators; Package: TO-3; VIN (V): 35; VDIFF (V): 35; IOUT (A): 1.5; VOUT (V): 8; 8 V FIXED POSITIVE REGULATOR, MBFM2 Positive Fixed Linear Voltage Regulators; Package: TO-66; VIN (V): 35; VDIFF (V): 35; IOUT (A): 1.5; VOUT (V): 5; 5 V FIXED POSITIVE REGULATOR, MBFM2 Positive Fixed Linear Voltage Regulators; Package: TO-3; VIN (V): 35; VDIFF (V): 35; IOUT (A): 1.5; VOUT (V): 5; 5 V FIXED POSITIVE REGULATOR, MBFM2 Positive Fixed Linear Voltage Regulators; Package: TO-257_(Hermetic); VIN (V): 35; VDIFF (V): 35; IOUT (A): 1.5; VOUT (V): 5; 5 V FIXED POSITIVE REGULATOR, SFM3 Positive Fixed Linear Voltage Regulators; Package: TO-257_(Hermetic); VIN (V): 35; VDIFF (V): 35; IOUT (A): 1.5; VOUT (V): 12; 12 V FIXED POSITIVE REGULATOR, SFM3 Positive Fixed Linear Voltage Regulators; Package: TO-257_(Hermetic); VIN (V): 35; VDIFF (V): 35; IOUT (A): 1.5; VOUT (V): 15; 15 V FIXED POSITIVE REGULATOR, SFM3 Positive Fixed Linear Voltage Regulators; Package: LCC; VIN (V): 35; VDIFF (V): 35; IOUT (A): 0.5; VOUT (V): 12; 12 V FIXED POSITIVE REGULATOR, CQCC20 Positive Fixed Linear Voltage Regulators; Package: TO-39; VIN (V): 35; VDIFF (V): 35; IOUT (A): 0.5; VOUT (V): 6; 6 V FIXED POSITIVE REGULATOR, MBCY3 Positive Fixed Linear Voltage Regulators; Package: LCC; VIN (V): 35; VDIFF (V): 35; IOUT (A): 0.5; VOUT (V): 6; 6 V FIXED POSITIVE REGULATOR, CQCC20 positve fixed voltage regulator Positive Fixed Linear Voltage Regulators; Package: TO-66; VIN (V): 35; VDIFF (V): 35; IOUT (A): 1.5; VOUT (V): 15;
|
Microsemi, Corp. Microsemi Corporation
|
CS5205-1 CS5205-1GDP3 CS5205-1GDPR3 CS5205-1GT3 CS |
5A Adjustable, and 3.3V and 5V Fixed Linear Regulators A可调.3VV固定线性稳压器 5A Adjustable/ and 3.3V and 5V Fixed Linear Regulators
|
Cherry Semiconductor Co... ZF Electronics, Corp. ZF Electronics Corporation CHERRY[Cherry Semiconductor Corporation]
|
TC1189 TC1188 TC-1188 TC-1189 TC1188QECTTR TC1188R |
Delivering up to 120mA, the TC1188 and TC1189 are fixed output, low-dropout linear regulators that operate from a 2.5V to 6.0V ... Delivering up to 120mA, the TC1188 and TC1189 are fixed output, low-dropout linear regulators that operate from a 2.5V to 6.0V input range. The 50A supply current remains independent of load, making these devices ideal for battery-opera MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
|
MICROCHIP[Microchip Technology]
|