PART |
Description |
Maker |
HI586008 HI5860IA HI5860SOICEVAL1 HI5860IA-T |
12-Bit, 130 MSPS, High Speed D/A Converter; Temperature Range: -40°C to 85°C; Package: 28-TSSOP T&R PARALLEL, WORD INPUT LOADING, 0.035 us SETTLING TIME, 12-BIT DAC, PDSO28 12-Bit, 130MSPS, High Speed D/A Converter
|
Intersil, Corp. Intersil Corporation
|
LTC1274ISWTR LTC1274CSW |
12-Bit, 10mW, 100ksps ADCs with 1μA Shutdown 12-Bit, 10mW, 100ksps ADCs with 1A Shutdown 12-Bit, 10mW, 100ksps ADCs with 1µA Shutdown; Package: SO; No of Pins: 24; Temperature Range: -40°C to 85°C 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO24
|
Linear Integrated Systems Linear Technology, Corp.
|
MAX5138BGTE MAX5139GTE |
Low-Power, Single, 16-/12-Bit, Buffered Voltage-Output DACs; Package: TQFN;16 pin;10 mm² ; Temperature: -40°C to 105°C SERIAL INPUT LOADING, 5 us SETTLING TIME, 12-BIT DAC, QCC16
|
Maxim Integrated Products, Inc.
|
LTC242409 LTC2424CG LTC2428IGTRPBF |
4-/8-Channel 20-Bit mPower No Latency DSTM ADCs 4-/8-Channel 20-Bit µPower No Latency Delta-Sigma ADC; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 85°C 8-CH 20-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO28
|
Linear Technology, Corp.
|
ISL5829 ISL5829INZ |
Dual 12-bit, 3.3V, 130/210 MSPS, CommLink™ High Speed D/A Converter; Temperature Range: -40°C to 85°C; Package: 48-MQFP DUAL, PARALLEL, WORD INPUT LOADING, 12-BIT DAC, PQFP48 D/A Converter, Dual, 12 Bit, 130/210MSPS, High Speed, 3.3V
|
Intersil, Corp.
|
LTC1286CS8PBF LTC1278CN-4 LTC1276CN LTC1282CJ |
Micropower Sampling 12-Bit A/D Converters In S0-8 Packages; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP24 1-CH 12-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, CDIP24
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
AD7840SE/883B AD7840CQ |
14-Bit Digital-to-Analog Converter Single Chip 12-Bit Data Acquisition System; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 14位数字到模拟转换
|
Analog Devices, Inc.
|
LTC12901 LTC1290DISWTR LTC1290BISWTR LTC1290DISWPB |
Single Chip 12-Bit Data Acquisition System; Package: SO; No of Pins: 20; Temperature Range: -40°C to 85°C 8-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20
|
Linear Integrated Systems Linear Technology, Corp.
|
LTC1287BCJ8 LTC1287CCN8PBF LTC1287BCN8 LTC12871 LT |
3V Single Chip 12-Bit Data Acquisition System; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDIP8
|
Linear Technology, Corp.
|
CD4063BMS FN3318 CD4063 CD4063BKMSR |
Digital Comparator, 4-Bit Magnitude, Rad-Hard, CMOS, Logic From old datasheet system CMOS 4-Bit Magnitude Comparator; Temperature Range: -55°C to 125°C; Package: 16-FlatPack 4000/14000/40000 SERIES, 4-BIT MAGNITUDE COMPARATOR, TRUE OUTPUT, CDFP16
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
PI5C16861CA PI5C162861CA |
20-bit,2-port bus switch CBT/FST/QS/5C/B SERIES, DUAL 10-BIT DRIVER, TRUE OUTPUT, PDSO48 Isolated RS485 Transceiver; Package: SO; No of Pins: 28; Temperature Range: 0°C to 70°C 总线开
|
Pericom Technology PERICOM SEMICONDUCTOR CORP
|
LTC1860L LTC1861LCMS LTC1860LIMS8 LTC1860LCMS8 LTC |
µPower, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP; Package: MSOP; No of Pins: 10; Temperature Range: 0°C to 70°C 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO10 µPower, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 3V, 12-bit, 150ksps Differential Input ADC, MSOP, Serial Interface mPower, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP µPower, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
|
Linear Technology, Corp.
|
|