PART |
Description |
Maker |
ST9291 ST9291N3 ST9291J4 ST9291J6 ST9291N4 ST9291N |
16-48K ROM HCMOS MCU With On Screen Display and Voltage Tuning Output(带有屏幕显示和电压调整输出及16-48K ROM HCMOS MCU(24MHz)) 16-48K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND VOLTAGE TUNINGOUTPUT 16 48,000光盘HCMOS微控制器屏幕显示和电TUNINGOUTPUT
|
意法半导 STMicroelectronics N.V.
|
ST9291 ST9291J2 ST9291J3 ST9291J4 ST9291J5 ST9291J |
8/16-BIT MICROCONTROLLER (MCU) WITH 16-48K ROM, OTP, EPROM, ON SCREEN DISPLAY AND VOLTAGE TUNING OUTPUT 16-48K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND VOLTAGE TUNINGOUTPUT
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics SGS Thomson Microelectronics
|
ZLR163S2816GR55KXT ZLR163H2816GR55JWT ZLR163H2016G |
20-/28-Pin Low-Voltage ROM MCU with Infrared Timers
|
MAXIM - Dallas Semiconductor
|
ULS-2004R-883 ULS-2014R-883 ULS-2024R-883 ULS-2003 |
Single inverter ST72E311/ST72T311 - 8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES ST62T85B/ST62E85B/ST6285B - 8-BIT OTP/EPROM/ROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER 8/16-bit MCU family with up to 64K ROM/OTP/EPROM and up to 2K RAM Folder actuator ST6215C/ST6225C - 8-BIT MCUS WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET ST72101/ST72212/ST72213 - 8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS 七倍外设驱 5V VERY LOW DROP VOLTAGE REGULATORS 七倍外设驱
|
RECOM Electronic GmbH Linear Technology, Corp.
|
ST6201L ST6200L 5499 ST6203LM1 ST6200LB1 ST6200LM1 |
Low Voltage 8-Bit ROM MCUs with A/D Converter and 16 Pins(低压8位ROM微控制器(4M)) 低电8位微控制器的ROM / D转换器和16引脚(低压光8位微控制器(4分) LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER,AND 16 PINS From old datasheet system
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
ST7294 |
8-Bit MCU with 6K ROM, EEPROM and 16-Bit Timer with Input Capture and Dual Output Compare(B>6K ROM,EEPROM6位定时器位MCU)
|
意法半导
|
ST72361 ST7236107 ST72F361 |
8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI(具有ICP,IAP,Nested Interrupt,TLI,ROP,带LIN功能位MCU) 8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI垄芒
|
意法半导 STMicroelectronics
|
ST7263BK1B1XXX ST7263BK1M1XXX ST7263BK2B1XXX ST726 |
Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I?C Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I漏梅C
|
STMicroelectronics
|
ST7MDT2-EMU2B ST72C314J2 ST72C314J2TA ST72C314J2TC |
8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
|
STMicroelectronics
|
ST6280BQ6/GEN ST62T80BQ6 |
ST62T80B/ST62E80B/ST6280B - 8-BIT OTP/EPROM/ROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER 8-BIT MICROCONTROLLER (MCU) WITH 8K OTP, ROM, EPROM, FASTROM WITH LCD DRIVER, EEPROM AND A/D CONVERTER, 100 PINS
|
ST Microelectronics
|
ST7262 ST72621 ST72621J2 ST72621J2M1 ST72621J2T1 S |
LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
|
ST Microelectronics
|
ST72F63BK1M |
LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C, SO34-PSDIP32
|
SGS Thomson Microelectronics
|