PART |
Description |
Maker |
ST72321BAR9-AUTO ST72F321BAR9TARE ST72F321BAR9TCRE |
8-BIT, MROM, 16 MHz, MICROCONTROLLER, PQFP64 14 X 14 MM, LQFP-64 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PQFP64 10 X 10 MM, LQFP-64 8-bit MCU for automotive with 32 to 60 Kbyte Flash/ROM, ADC, 5 timers, SPI, SCI, I2C interface
|
ST Microelectronics STMicroelectronics
|
STM8AH51A9TAR STM8AH5169TCR STM8AH5169TAR STM8AH51 |
MICROCONTROLLER, PQFP64 MICROCONTROLLER, PQFP48 MICROCONTROLLER, PQFP32
|
STMICROELECTRONICS
|
MB91266PMC-G-XXXE1 MB91F267NPMC-G MB91F267PMC-G MB |
32-bit Proprietary Microcontroller 32-BIT, FLASH, 33 MHz, RISC MICROCONTROLLER, PQFP64 32-bit Proprietary Microcontroller 32-BIT, MROM, 33 MHz, RISC MICROCONTROLLER, PQFP64
|
Fujitsu Component Limited. Fujitsu, Ltd.
|
MB89P147-V2PF MB89P147-V2P-SH MB89PV140-102CF-ES |
MICROCONTROLLER, PQFP64 14 X 20 MM, 3.35 MM HEIGHT, 1 MM PITCH, PLASTIC, QFP-64 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDIP64 17 X 58 MM, 5.65 MM HEIGHT, 1.778 MM PITCH, PLASTIC, SHDIP-64 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PQFP64 14 X 20 MM, 3.35 MM HEIGHT, 1 MM PITCH, PLASITC, QFP-64 8-BIT, 8 MHz, MICROCONTROLLER, CQFP64
|
Fujitsu, Ltd. FUJITSU LTD
|
MB89P538-101PFM MB89P538-201PFM |
8-BIT, OTPROM, 12.5 MHz, MICROCONTROLLER, PQFP64 12 X 12 MM, 1.70 MM HEIGHT, 0.65 MM PITCH, PLASTIC, LQFP-64 8-BIT, OTPROM, 12.5 MHz, MICROCONTROLLER, PQFP64 14 X 20 MM, 3.35 MM HEIGHT, 1 MM PITCH, PLASTIC, QFP-64 8-BIT, OTPROM, 12.5 MHz, MICROCONTROLLER, PDIP64
|
Fujitsu, Ltd.
|
LC7234 |
MROM, MICROCONTROLLER, PQFP64
|
SANYO SEMICONDUCTOR CO LTD
|
MB96F348ASAPMC-GE2 MB96F348AWAPMC-GE2 MB96F348CSAP |
16-BIT, FLASH, 56 MHz, MICROCONTROLLER, PQFP80 16-BIT, FLASH, 56 MHz, MICROCONTROLLER, PQFP100 16-BIT, FLASH, 56 MHz, MICROCONTROLLER, PQFP64 12 X 12 MM, 1.70 MM HEIGHT, 0.65 MM PITCH, PLASTIC, LFQFP-64 16-BIT, FLASH, 56 MHz, MICROCONTROLLER, PQFP64 10 X 10 MM, 1.70 MM HEIGHT, 0.50 MM PITCH, PLASTIC, LFQFP-64 16-bit Proprietary Microcontroller 16-bit Proprietary Microcontroller
|
http:// Fujitsu Component Limited. Fujitsu Component Limit...
|
TC94A58FAG |
4-BIT, MROM, 16.93 MHz, MICROCONTROLLER, PQFP64
|
|
UPD78016FGC-XXX-AB8 |
8-BIT, OTPROM, 10 MHz, MICROCONTROLLER, PQFP64
|
|
MN101CF77G MN101C77C MN101C77F MN101C77A MN101C77D |
MN101C77A 8-BIT, MROM, 20 MHz, MICROCONTROLLER, PQFP64
|
Panasonic, Corp. Panasonic Semiconductor
|
ATMEGA64-16AL TS80C52X2-LIEB |
8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, PQFP64 8-BIT, MROM, 30 MHz, MICROCONTROLLER, PQFP44
|
ATMEL CORP TEMIC SEMICONDUCTORS
|
|