PART |
Description |
Maker |
PIC16F627A-I_ML PIC16F627A-I_P PIC16F627A-I_SO PIC |
Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDSO18 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PQCC28 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDSO20 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDIP18
|
Microchip Technology
|
ATMEGA644PA-PU ATMEGA164PA-MU ATMEGA164PA-MUR ATME |
8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDIP40 0.600 INCH, GREEN, PLASTIC, MS-011AC, DIP-40 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PQCC44 7 X 7 MM, 1 MM HEIGHT, 0.50 MM PITCH, GREEN, PLASTIC, MO-220VKKD-3, VQFN-44 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PQFP44 10 X 10 MM, 1 MM HEIGHT, 0.80 MM PITCH, GREEN, PLASTIC, MS-026ACB, TQFP-44 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PBGA49 5 X 5 MM, 1 MM HEIGHT, 0.65 MM PITCH, GREEN, VFBGA-49 MCU AVR 32KB FLASH 40PDIP 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDIP40
|
Atmel, Corp.
|
UPD70F3134AF1-EN4 UPD70F3134AYF1-EN4 UPD70F3134AF1 |
32-BIT, FLASH, 80 MHz, RISC MICROCONTROLLER, PBGA161 13 X 13 MM, PLASTIC, FBGA-161 32-BIT, FLASH, 80 MHz, RISC MICROCONTROLLER, PBGA161 20 X 20 MM, LEAD FREE, PLASTIC, LQFP-144 32-BIT, FLASH, 80 MHz, RISC MICROCONTROLLER, PQFP144 32-BIT, MROM, 80 MHz, RISC MICROCONTROLLER, PBGA161
|
NEC, Corp.
|
STM32F205ZCT6XXX STM32F205ZCT6TR STM32F205RCY6TR S |
32-BIT, FLASH, 120 MHz, RISC MICROCONTROLLER, PQFP144 20 X 20 MM, ROHS COMPLIANT, LQFP-144 32-BIT, FLASH, 120 MHz, RISC MICROCONTROLLER, PBGA66 ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/128 4KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
|
ST Microelectronics STMICROELECTRONICS
|
ATMEGA32L-8MI ATMEGA32L-8MC ATMEGA32L-8AC ATMEGA32 |
8-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash Electrical Outlet Connector; Voltage Rating:125V; Mounting Type:Cable Mount; Contact Plating:Nickel; Current Rating:15A RoHS Compliant: Yes 8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, PQFP44 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, PQFP44 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, PDIP40 Field Attachable Connector; Number of Contacts:3; Gender:Male
|
ATMEL Corporation Atmel, Corp. Atmel Corp.
|
LPC2132FBD64/CP325 LPC2134FBD64/0111 LPC2132FBD64/ |
32-BIT, FLASH, 60 MHz, RISC MICROCONTROLLER, PQFP64 10 X 10 MM, 1.40 MM HEIGHT, ROHS COMPLIANT, PLASTIC, MS-026, SOT314-2, LQFP-64 Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB ISP/IAP flash with 10-bit ADC and DAC; Package: SOT314-2 (LQFP64); Container: Reel Pack, SMD, 13" 32-BIT, FLASH, 60 MHz, RISC MICROCONTROLLER, PQFP64
|
NXP Semiconductors N.V.
|
ATTINY15L-1PL ATTINY15L-1SL ATTINY15L-1SU ATTINY15 |
8-bit Microcontroller with 1K Byte Flash 8-BIT, FLASH, 1.6 MHz, RISC MICROCONTROLLER, PDSO8 0.200 INCH, PLASTIC, EIAJ, SOIC-8 8-BIT, FLASH, 1.6 MHz, RISC MICROCONTROLLER, PDIP8 0.300 INCH, PLASTIC, DIP-8
|
ATMEL Corporation Atmel, Corp.
|
ATTINY261-ESMAZ ATTINY261-ESSZ |
8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, QCC20 4 X 4 MM, 0.50 MM PITCH, GREEN, MO-220WGGD-2, QFN-32 8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, PDSO20 0.300 INCH, GREEN, PLASTIC, SOIC-20
|
Atmel, Corp.
|
SAH-XC2268N-40F80L SAK-XC2268N-40F80L SAF-XC2261N- |
32-BIT, FLASH, 80 MHz, RISC MICROCONTROLLER, PQFP100 0.50 MM PITCH, GREEN, PLASTIC, LQFP-100 32-BIT, FLASH, 66 MHz, RISC MICROCONTROLLER, PQFP100
|
Infineon Technologies AG
|
ATMEGA103 ATMEGA103-6AC ATMEGA103-6AI ATMEGA103L A |
ER 4C 4#16S SKT RECP 8-BIT, FLASH, 4 MHz, RISC MICROCONTROLLER, PQFP64 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 6 MHz, RISC MICROCONTROLLER, PQFP64 MS/STANDARD CYLINDRICAL MIL-C-5015 SERIES 3102E ENVIRONMENTAL RESISTING BOX MOUNT RECEPTACLES, STRAIGHT BODY STYLE, SOLDER TERMINATION, 14S SHELL SIZE, 14S-2 INSERT ARRANGEMENT, RECEPTACLE GENDER, 4 CONTACTS ER 1C 1#16S PIN RECP BOX 8-Bit Microcontroller with 64K/128K Bytes In-System Programmable Flash
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
AT90LS2343-4PC AT90LS2343-4PI AT90LS2343-4SC AT90L |
8-Bit Microcontroller with 2K Bytes of In-System Programmable Flash LED GREEN DIFFUSED LEVEL METER LED GREEN 7-ELEMENT ARRAY LED AMBER 7-ELEMENT ARRAY -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 4 MHz, RISC MICROCONTROLLER, PDSO8 LED RED 7-ELEMENT ARRAY 8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, PDIP8 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, PDIP8
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
STM32F103ZGT6XXX STM32F103VGT6TR |
32-BIT, FLASH, 72 MHz, RISC MICROCONTROLLER, PQFP144 32-BIT, FLASH, 72 MHz, RISC MICROCONTROLLER, PQFP100
|
STMICROELECTRONICS
|
|