PART |
Description |
Maker |
MC74VHCT139ADTA2 |
AHCT/VHCT SERIES, OTHER DECODER/DRIVER, INVERTED OUTPUT, PDSO16
|
MOTOROLA INC
|
MC74VHCT50ADG MC74VHCT50ADR2 MC74VHCT50ADR2G MC74V |
Noninverting Buffer / CMOS Logic Level Shifter with LSTTL−Compatible Inputs AHCT/VHCT SERIES, HEX 1-INPUT NON-INVERT GATE, PDSO14 Noninverting Buffer / CMOS Logic Level Shifter with LSTTL−Compatible Inputs
|
ONSEMI[ON Semiconductor]
|
74VHCT541ASJ 74VHCT541A 74VHCT541AM 74VHCT541AMTC |
Octal Buffer/Line Driver with 3-STATE Outputs; Package: TSSOP; No of Pins: 20; Container: Tape & Reel Octal Transparent D-Type Latches With 3-State Outputs 20-SOIC -40 to 85 AHCT/VHCT SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDIP20
|
FAIRCHILD SEMICONDUCTOR CORP Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
HCTS4002MS FN3075 HCTS4002D HCTS4002DMSR HCTS4002H |
From old datasheet system Radiation Hardened Octal D-Type Flip-Flop/ Three-State/ Positive Edge Triggered Radiation Hardened Dual 4-Input NOR Gate HCT SERIES, DUAL 4-INPUT NOR GATE, CDIP14 Quadruple 2-Input Positive-NAND Gates 14-CDIP -55 to 125 HCT SERIES, DUAL 4-INPUT NOR GATE, CDFP14
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
CD4019BC CD4019BCM CD4019BCN CD4019BCSJ CD4019BCMX |
Quad AND-OR Select Gate Quad 2-input OR Gate 4000/14000/40000 SERIES, QUAD 2-INPUT AND-OR GATE, PDSO16 Single 2-Input NAND Gate with Schmitt-Trigger Input 5-SC70 -40 to 85 4000/14000/40000 SERIES, QUAD 2-INPUT AND-OR GATE, PDIP16
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
HCS27DMSR FN3054 HCS27MS HCS27D HCS27HMSR HCS27K H |
FF-ST4 Basic Series, Type 4 Safety Light Curtains With Automatic Restart HC/UH SERIES, TRIPLE 3-INPUT NOR GATE, CDIP14 Radiation Hardened Triple 3-Input NOR Gate From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ACS32HMSR-03 ACS32D ACS32K ACS32MS 5962F9862401VCC |
Radiation Hardened Quad 2-Input OR Gate AC SERIES, QUAD 2-INPUT OR GATE, UUC16 Radiation Hardened Quad 2-Input OR Gate AC SERIES, QUAD 2-INPUT OR GATE, CDIP14 Quadruple Bus Buffer Gate With 3-State Outputs 14-SO 0 to 70 Radiation Hardened Quad 2-Input OR Gate(抗辐射四2输入或门)
|
Intersil, Corp. Intersil Corporation
|
RND0.8ZHH-M6 RND02ZGE-M6 RND02ZGE |
RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, 2V Dual Outputs 5V, available with trimming RND系列 - 10W的直直流转换8 - 75V输入3.3 INTEGRATED CKT STATIC SENS RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, ±12V Dual Outputs ±15V, available with trimming RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V 12V Dual Outputs 15V available with trimming RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, 【12V Dual Outputs 【15V, available with trimming RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, ?2V Dual Outputs ?5V, available with trimming RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, 2V Dual Outputs 5V, available with trimming
|
AZ Displays, Inc. Kingbright, Corp. POWER-ONE[Power-One]
|
74ABT08N 74ABT08 74ABT08PWDH 74ABT08D 74ABT08DB 74 |
Quad 2-input AND gate - Description: Quad 2-Input AND Gate ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: -15/ 20 mA ; Propagation delay: 2.4 ns; Voltage: 4.5-5.5 V ABT SERIES, QUAD 2-INPUT AND GATE, PDSO14 Quad 2-input AND gate 输入与门 From old datasheet system Quad 2-input AND gate(输入与门)
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|