PART |
Description |
Maker |
IRFZ46N-002 E-018 IRF540N-006 IRF540N-004 IRF540N- |
46 A, 55 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 60 V, 0.023 ohm, N-CHANNE 81 A, 60 V, 0.012 ohm, N-CHANNE 27 A, 100 V, 0.052 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 72 A, 55 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 98 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 21 A, 150 V, 0.082 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 46 A, 100 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 2.2 A, 600 V, 4.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Bourns, Inc. VISHAY INTERTECHNOLOGY INC
|
ITF86130SK8T |
14 A, 30 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET, MS-012AA
|
FAIRCHILD SEMICONDUCTOR CORP
|
ITF86116SQT FN4808 |
10A, 30V, 0.012 Ohm, N-Channel, Logic Level, Power MOSFET From old datasheet system
|
Intersil
|
AP9952GP-HF |
68 A, 70 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB HALOGEN FREE AND ROHS COMPLIANT, TO-220, 3 PIN
|
Advanced Power Electronics, Corp.
|
AP9404GM-HF AP9404GM-HF14 |
Lower Gate Charge, Fast Switching Characteristic 30 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET Simple Drive Requirement
|
Advanced Power Electronics Corp.
|
502250-3591 5022503591 |
0.30mm (.012) Pitch Easy-On BackFlip FPC Connector, Right Angle, SMT,Dual Contact Style, 0.90mm (.012) Mated Height, 35 Circuits
|
Molex Electronics Ltd.
|
C-IXFD76N07-12 T-IXFD76N07-12 IXYSCORP-C-IXFD20N60 |
70 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET 800 V, 0.95 ohm, N-CHANNEL, Si, POWER, MOSFET
|
IXYS, Corp. IXYS CORP
|
LOB1-R0523FI LOB1-R0221FI LOB1-R022JI LOB1-R00562F |
RESISTOR, 1 W, 1 %, 0.0523 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.0221 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 5 %, 0.022 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00562 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00604 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 5 %, 0.0062 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.01 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.0147 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00523 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.0232 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.0332 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00576 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.0059 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00649 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 5 %, 0.0051 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00698 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 5 %, 0.0068 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00511 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.0422 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 5 %, 0.047 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 5 %, 0.033 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.0237 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 5 %, 0.01 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.0133 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.0226 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00665 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.0357 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00549 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 5 %, 0.005 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00634 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.005 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00619 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.0475 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00681 ohm, THROUGH HOLE MOUNT AXIAL LEADED
|
Welwyn Components, Ltd.
|
AP9974AGP |
68 A, 60 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB ROHS COMPLIANT, TO-220, 3 PIN N-CHANNEL ENHANCEMENT MODE POWER MOSFET
|
Advanced Power Electronics, Corp. Advanced Power Electron...
|
2SK3570-Z 2SK3570-ZK 2SK3570 2SK3570-S |
48 A, 20 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262 SWITCHING N-CHANNEL POWER MOSFET
|
NEC Corp. NEC[NEC] http://
|
STW80NF10 7305 |
N-CHANNEL 100V - 0.012ohm - 80A TO-247 LOW GATE CHARGE STripFETPOWER MOSFET N沟道100V 0.012ohm - 80A 247低栅极电荷STripFET⑩功率MOSFET N-CHANNEL 100V - 0.012ohm - 80A TO-247 LOW GATE CHARGE STripFET POWER MOSFET N-CHANNEL 100V 0.012 OHM 80A TO-247 LOW GATE CHARGE STRIPFET POWER MOSFET From old datasheet system N-CHANNEL 100V - 0.012ohm - 80A TO-247 LOW GATE CHARGE STripFET⑩ POWER MOSFET N-CHANNEL 100V 0.012 OHM 80A TO-247 LOW GATE CHARGE STRIPFET POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
|