PART |
Description |
Maker |
HN58X2408FPIAGE HN58X2416FPIAGE HN58X2432FPIAGE HN |
Memory>EEPROM>Serial EEPROM Two-wire serial interface 8k EEPROM (1-kword 】 8-bit)/16k EEPROM (2-kword 】 8-bit) 32k EEPROM (4-kword 】 8-bit)/64k EEPROM (8-kword 】 8-bit)
|
Renesas Electronics Corporation
|
HN58X2464TIE HN58X2464FPIE HN58X2464I |
Two-wire serial interface 8k EEPROM (1-kword 】 8-bit)/16k EEPROM (2-kword 】 8-bit) 32k EEPROM (4-kword 】 8-bit)/64k EEPROM (8-kword 】 8-bit)
|
Renesas Electronics Corporation
|
SR17607 |
13.56 MHz, 176-bit short range contactless user EEPROM with 64-bit Unique ID
|
STMicroelectronics
|
NM93C06EM8 NM93C06EMT8 NM93C06EN NM93CS06EMT8 NM93 |
256-Bit Serial CMOS EEPROM (MICROWIRE?/a> Synchronous Bus) The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 16 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 Card Edge Connector; No. of Contacts:40; Pitch Spacing:0.1" RoHS Compliant: Yes 256-Bit Serial CMOS EEPROM (MICROWIRE⑩ Synchronous Bus) 256-BIT SERIAL CMOS EEPROM (MICROWIRE⒙ SYNCHRONOUS BUS) 256-Bit Serial CMOS EEPROM (MICROWIRE Synchronous Bus) 256-Bit Serial CMOS EEPROM (MICROWIRE?Synchronous Bus)
|
Fairchild Semiconductor, Corp. EEPROM Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
ATAM862-TNSJ8 ATAM862-TNQJ8 |
Microcontroller with UHF ASK/FSK trancmitter. Program memory 4 kB flash. Data-EEPROM 2 x 512 bit. RF frequency range 868 MHz/915 MHz.
|
Atmel
|
SR176 SR176-A3S SR176-A3T SR176-A4S SR176-A4T SR17 |
13.56 MHz Short Range Contactless Memory Chip 176 bit USER EEPROM and 64-bit Unique ID 13.56兆赫短距离非接触式存储器芯片176位用户EEPROM4位唯一ID
|
STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V. ST Microelectronics
|
STM8AF6223 STM8AF6223PAU STM8AF6223PCU STM8AF6223P |
Automotive Standard low-power line 8-bit MCU with 8 Kbytes Flash, 16 MHz CPU, integrated EEPROM Automotive LIN line 8-bit MCU with 8 Kbytes Flash, 16 MHz CPU, integrated EEPROM
|
ST Microelectronics
|
STM8S105C4B3 STM8S105C4B3C STM8S105C4B3CTR STM8S10 |
Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I漏梅C
|
STMicroelectronics
|
AT88RF020 AT88RF020-MR1 AT88RF020-WA1 AT88RF02006 |
13.56 MHz, 2048-bit RFID EEPROM
|
ATMEL Corporation
|
28LV011RPFB-25 28LV011RPFE-25 28LV011RT1FE-25 28LV |
3.3V 1 Megabit (128K x 8-Bit) EEPROM 3.3V兆位28K的8位)的EEPROM PN Series Box Enclosure; NEMA Type:1, 2, 4, 4X, 12, 13; Enclosure Material:Polycarbonate; External Height:3.54"; External Width:6.3"; External Depth:9.45"; Enclosure Color:Gray 128K X 8 EEPROM 3V, 200 ns, DFP32 3.3V 1 Megabit (128K x 8-Bit) EEPROM 3.3V兆位28K的8位)EEPROM 3.3V 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 3V, 200 ns, DFP32
|
Maxwell Technologies, Inc
|
M35102-W4 M35102 M35102-C20 M35102-C30 M35102-S4 |
Contactless Memory Chip with 64-bit Unique Serial ID 13.56 MHz / 2048-bit High Endurance EEPROM Contactless Memory Chip with 64-bit Unique Serial ID 13.56 MHz, 2048-bit High Endurance EEPROM
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|