PART |
Description |
Maker |
6013-8110-0040 6013-9110-0040 9021 6012-9012-0040 |
RELAIS SOCKEL 11POLIG RELAY DCPO 12VAC SOT23, Low-Power Microprocessor Supervisory Circuits with Battery Backup INDUSTRIERELAIS 240V交流电DPCO SOT23, Low-Power Microprocessor Supervisory Circuits with Battery Backup 继电PCO 48VAC
|
Keystone Electronics, Corp. Glenair, Inc.
|
MAX6713Z MAX6713T MAX6713S MAX6713R MAX6713M MAX67 |
Microprocessor reset circuit with manual reset input. Reset threshold 2.63V. Output type active-low push-pull reset. Microprocessor reset circuit with manual reset input. Reset threshold 4.38V. Output type active-low push-pull reset. Microprocessor reset circuit with manual reset input. Reset threshold 4.63V. Output type active-low push-pull reset. Microprocessor reset circuit with manual reset input. Reset threshold 2.93V. Output type active-low open-drain reset. Microprocessor reset circuit with manual reset input. Reset threshold 2.93V. Output type active-high push-pull reset. Microprocessor reset circuit with manual reset input. Reset threshold 2.93V. Output type active-low push-pull reset. 4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 8-Bit Shift Register 16-SOIC -40 to 125 4引脚、SC70微处理器复位电路,带有手动复位输 8-Bit Shift Register 16-PDIP -40 to 125 4引脚、SC70微处理器复位电路,带有手动复位输
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc.
|
SP813MEU SP705 SP705_06 SP705CN SP705CP SP705CU SP |
1-CHANNEL POWER SUPPLY SUPPORT CKT, PDIP8 Low Power Microprocessor Supervisory Circuits
|
SIPEX[Sipex Corporation]
|
TS68C000VC8A TS68C000MFB_C8A TS68C000VR8A TS68C000 |
LOW POWER HCMOS 16/32 BIT MICROPROCESSOR
|
ETC[ETC]
|
SP707EU-L_TR SP813LEN-L_TR SP813MCP-L_TR SP705CN S |
Low Power Microprocessor Supervisory Circuits
|
Exar Corporation
|
MC68HC000 |
Low Power HCMOS 16-/32-Bit Microprocessor
|
MOTOROLA[Motorola, Inc]
|
TC3403 TC3403VPE |
The TC3403 is a low cost, low power analog-to-digital converter based on Microchip’s Sigma-Delta technology. It will perform 16-bit conversions (15-bit plus sign) at up to eight per second. The TC3403 is optimized for use as a microc 1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor and Microprocessor Reset Circuit
|
Microchip Microchip Technology Inc.
|
FMP3217BAX-FXXX FMP3217BAX-GXXX FMP3217BAX-H60E FM |
2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
|
FIDELIX
|
FMP1216AAX |
8M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
|
FIDELIX
|
FMP3216DAX |
2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
|
FIDELIX
|
FMP1216ACX |
8M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
|
FIDELIX
|
SP802TCN-L SP802TCN-L/TR SP802TCN/TR SP804TCN-L SP |
3.0V/3.3V Low Power Microprocessor Supervisory with Battery Switch-Over
|
Sipex Corporation
|