PART |
Description |
Maker |
GS71108TP-10 GS71108TP-12 GS71108TP-12I GS71108TP |
15ns 128K x 8 1Mb asynchronous SRAM 12ns 128K x 8 1Mb asynchronous SRAM 10ns 128K x 8 1Mb asynchronous SRAM 128K X 8 STANDARD SRAM, 10 ns, PDSO32 0.400 INCH, SOJ-32 128K X 8 STANDARD SRAM, 12 ns, PBGA48 6 X 8 MM, 0.75 MM PITCH, FBGA-48 128K X 8 STANDARD SRAM, 12 ns, PDSO32 0.300 INCH, SOJ-32 128K X 8 STANDARD SRAM, 15 ns, PBGA48 6 X 8 MM, 0.75 MM PITCH, FBGA-48 128K X 8 STANDARD SRAM, 15 ns, PDSO32
|
GSI[GSI Technology] GSI Technology, Inc.
|
MSM8128GLMB-35 MSM8128JL-020 MSM8128GI-35 MSM8128J |
128K X 8 STANDARD SRAM, 35 ns, CDFP32 128K X 8 STANDARD SRAM, 20 ns, CQCC32 CERAMIC, JLCC-32 128K X 8 STANDARD SRAM, 35 ns, CDIP32
|
Yageo, Corp.
|
MT5C1009SOJ-35/XT MT5C1009SOJ-35L/XT MT5C1009SOJ-5 |
128K X 8 STANDARD SRAM, 35 ns, CDSO32 CERAMIC, SOJ-32 128K X 8 STANDARD SRAM, 55 ns, CDSO32 CERAMIC, SOJ-32 128K X 8 STANDARD SRAM, 70 128K X 8 STANDARD SRAM, 15 ns, CDSO32 128K X 8 STANDARD SRAM, 12 ns, CDIP32 128K X 8 STANDARD SRAM, 55 ns, CQCC32 128K X 8 STANDARD SRAM, CQCC32 128K X 8 STANDARD SRAM, 35 ns, CDFP32 128K X 8 STANDARD SRAM, CDIP32
|
Micross Components Austin Semiconductor, Inc AUSTIN SEMICONDUCTOR INC
|
AS7C33128PFS32A AS7C33128PFS32A-100TQC AS7C33128PF |
3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 36 STANDARD SRAM, 10 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 9 ns, PQFP100 LM4040 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3; Qty per Container: 3000; Container: Reel 128K X 32 STANDARD SRAM, 8.5 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 36 STANDARD SRAM, 9 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 10 ns, PQFP100 LM4040 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3; Qty per Container: 1000; Container: Reel 128K X 36 STANDARD SRAM, 8.5 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 12 ns, PQFP100 DIODE ZENER SINGLE 1000mW 18Vz 14mA-Izt 0.05 5uA-Ir 13.7Vr DO41-GLASS 5K/REEL DIODE ZENER SINGLE 1000mW 18Vz 14mA-Izt 0.05 5uA-Ir 13.7Vr DO41-GLASS 5K/AMMO
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
MT5C1008EC-70LE/883C MT5C1008ECA-55LE/883C |
128K X 8 STANDARD SRAM, 70 ns, CDSO32 CERAMIC, LCC-32 128K X 8 STANDARD SRAM, 55 ns, CQCC32
|
Micross Components Austin Semiconductor, Inc
|
MSM8128G-85 MSM8128GLM-85 MSM8128GI-85 MSM8128WLI- |
128K X 8 STANDARD SRAM, 85 ns, CDFP32 DFP-32 128K X 8 STANDARD SRAM, 85 ns, CQCC32 LCC-32
|
Twilight Technology, Inc. Venkel, Ltd.
|
BS62LV1027 BS62LV1027PIP70 BS62LV1027SCG70 BS62LV1 |
Asynchronous 1M(128Kx8) bits Static RAM LM5035 PWM Controller with Integrated Half-Bridge and SyncFET Drivers; Package: TSSOP EXP PAD; No of Pins: 20 LM5041A Cascaded PWM Controller; Package: TSSOP; No of Pins: 16 LM5041 Cascaded PWM Controller; Package: TSSOP; No of Pins: 16 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 55 ns, PDSO32 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 55 ns, PDIP32 Very Low Power/Voltage CMOS SRAM 非常低功电压的CMOS的SRAM LM5033 100V Push-Pull Voltage Mode PWM Controller; Package: LLP; No of Pins: 10 128K X 8 STANDARD SRAM, 70 ns, PDSO32 LM5030 100V Push-Pull Current Mode PWM Controller; Package: LLP; No of Pins: 10 128K X 8 STANDARD SRAM, 55 ns, PDIP32 LM5030 100V Push-Pull Current Mode PWM Controller; Package: LLP; No of Pins: 10 128K X 8 STANDARD SRAM, 70 ns, PDIP32 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 70 ns, PDSO32 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 70 ns, UUC
|
http:// BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC. BRILLIANCE SEMICONDUCTOR INC
|
GS71208TP-8T GS71208TP-8 |
8ns 128K x 8 1Mb asynchronous SRAM 128K X 8 STANDARD SRAM, 8 ns, PDSO32 0.400 INCH, TSOP2-32
|
GSI Technology, Inc.
|
MT5C1009SOJ-35E/XT MT5C1009SOJ-55E/XT MT5C1009SOJ- |
128K X 8 STANDARD SRAM, 35 ns, CDSO32 CERAMIC, SOJ-32 128K X 8 STANDARD SRAM, 55 ns, CDSO32 CERAMIC, SOJ-32 128K X 8 STANDARD SRAM, 70 128K X 8 STANDARD SRAM, 35 ns, CDFP32
|
Micross Components Austin Semiconductor, Inc
|
CY7C1018CV33-12VC CY7C1018CV33-8VC CY7C1018CV33 CY |
128K x 8 static RAM, 8ns Memory : Async SRAMs 128K x 8 Static RAM 128K X 8 STANDARD SRAM, 8 ns, PDSO32 128K x 8 Static RAM 128K X 8 STANDARD SRAM, 15 ns, PDSO32
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
AS7C31025B AS7C31025B-20TJIN AS7C31025B-10JC AS7C3 |
SRAM - 3.3V Fast Asynchronous 128 x 64 pixel format, LED or EL Backlight available 8-Bit Parallel-Load Shift Registers 16-TVSOP -40 to 85 8-Bit Parallel-Load Shift Registers 16-SSOP -40 to 85 8-Bit Parallel-Load Shift Registers 16-SOIC -40 to 85 3.3V 128K X 8 CMOS SRAM (Center power and ground) 128K X 8 STANDARD SRAM, 15 ns, PDSO32 3.3V 128K X 8 CMOS SRAM (Center power and ground) 128K X 8 STANDARD SRAM, 10 ns, PDSO32
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
|