PART |
Description |
Maker |
P4C1024-17PC P4C214-17PPC P4C1024-17JC P4C1024-17J |
128K X 8 STANDARD SRAM, 17 ns, PDIP32 PLASTIC, DIP-32 16K X 16 CACHE SRAM, 17 ns, PQCC52 PLASTIC, LCC-52 128K X 8 STANDARD SRAM, 17 ns, PDSO32 SOJ-32 64K X 1 STANDARD SRAM, 10 ns, PDIP22 1K X 4 STANDARD SRAM, 10 ns, PDIP18 128K X 8 STANDARD SRAM, 15 ns, PDSO32
|
Performance Semiconductor, Corp. Pyramid Semiconductor, Corp. PERFORMANCE SEMICONDUCTOR CORP PYRAMID SEMICONDUCTOR CORP
|
AS7C31025 AS7C31025-12JC AS7C31025-12JI AS7C31025- |
Parallel-Load 8-Bit Shift Registers 16-SSOP -40 to 85 High Speed CMOS Logic Quad 2-Input AND Gates 14-SOIC -55 to 125 5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout) 128K X 8 STANDARD SRAM, 15 ns, PDSO32 5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout) 128K X 8 STANDARD SRAM, 12 ns, PDSO32
|
ALLIANCE MEMORY INC ALSC[Alliance Semiconductor Corporation] ETC[ETC] Alliance Semiconductor, Corp.
|
HM628128ALFP-8L HM628128ALT-8L HM628128ALR-8L HM62 |
128K X 8 STANDARD SRAM, 85 ns, PDSO32 0.525 INCH, PLASTIC, SOP-32 128K X 8 STANDARD SRAM, 85 ns, PDSO32 8 X 20 MM, 1.20 MM HEIGHT, TSOP-32 128K X 8 STANDARD SRAM, 85 ns, PDSO32 8 X 20 MM, 1.20 MM HEIGHT, REVERSE, TSOP-32 128K X 8 STANDARD SRAM, 85 ns, PDIP32 0.600 INCH, PLASTIC, DIP-32
|
Hitachi,Ltd.
|
WMS128K8V-XFRX WMS128K8V-XCX WMS128K8V-XDRX WMS128 |
17ns; 128K x 8 3.3V monilithic SRAM 128K X 8 STANDARD SRAM, 20 ns, CDFP32 128K X 8 STANDARD SRAM, 20 ns, CDSO32 CERAMIC, SOJ-32 128K X 8 STANDARD SRAM, 15 ns, CDSO32 CERAMIC, SOJ-32 128K X 8 STANDARD SRAM, 17 ns, CDSO32 CERAMIC, SOJ-32
|
WHITE ELECTRONIC DESIGNS CORP White Electronic Designs, Corp.
|
AS7C31024 AS7C31024-10 AS7C31024-10TJC AS7C31024-1 |
AML41 Series, Solid State Indicator, Square, Pushbutton Style, Lighted, 2 Incandescent Lamp, Snap in panel mount AML41 Series, Solid State Indicator, Rectangular, Pushbutton Style, Lighted, 1 Incandescent Lamp, Snap in panel mount 5V/3.3V 128K x 8 CMOS SRAM (Evolutionary Pinout) 5V/3.3V 128K的8 CMOS SRAM的(进化引脚 SWTCH PLUNGR SPDT 15A SCREW TERM 128K X 8 STANDARD SRAM, 20 ns, PDSO32 5V/3.3V 128K x 8 CMOS SRAM (Evolutionary Pinout) 128K X 8 STANDARD SRAM, 20 ns, PDSO32 High Speed CMOS Logic Dual Negative-Edge-Triggered J-K Flip-Flops with Set and Reset 16-TSSOP -55 to 125 128K X 8 STANDARD SRAM, 20 ns, PDSO32 5V/3.3V 128K x 8 CMOS SRAM (Evolutionary Pinout) 128K X 8 STANDARD SRAM, 15 ns, PDSO32 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Pin Plunger Actuator, 2,5 N - 3,61 N [9 oz -13 oz] Operating Force, Silver Contacts, Solder Termination, CE, CSA, DEMKO, UL 128K X 8 STANDARD SRAM, 20 ns, PDSO32 AML41 Series, Solid State Indicator, Rectangular, Pushbutton Style, Lighted, 2 Incandescent Lamp, Snap in panel mount 5V/3.3V 128K8 CMOS SRAM (Evolutionary Pinout)
|
Alliance Semiconductor, Corp. Alliance Semiconductor Corporation ETC
|
GVT71128E36B-7 GVT71128E36T-7 |
128K X 36 STANDARD SRAM, 7.5 ns, PBGA119 14 X 22 MM, 2.40 MM HEIGHT, FBGA-119 128K X 36 STANDARD SRAM, 7.5 ns, PQFP100 14 X 20 MM, 1.40 MM HEIGHT, PLASTIC, TQFP-100
|
Cypress Semiconductor, Corp.
|
BS62LV1027 BS62LV1027PIP70 BS62LV1027SCG70 BS62LV1 |
Asynchronous 1M(128Kx8) bits Static RAM LM5035 PWM Controller with Integrated Half-Bridge and SyncFET Drivers; Package: TSSOP EXP PAD; No of Pins: 20 LM5041A Cascaded PWM Controller; Package: TSSOP; No of Pins: 16 LM5041 Cascaded PWM Controller; Package: TSSOP; No of Pins: 16 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 55 ns, PDSO32 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 55 ns, PDIP32 Very Low Power/Voltage CMOS SRAM 非常低功电压的CMOS的SRAM LM5033 100V Push-Pull Voltage Mode PWM Controller; Package: LLP; No of Pins: 10 128K X 8 STANDARD SRAM, 70 ns, PDSO32 LM5030 100V Push-Pull Current Mode PWM Controller; Package: LLP; No of Pins: 10 128K X 8 STANDARD SRAM, 55 ns, PDIP32 LM5030 100V Push-Pull Current Mode PWM Controller; Package: LLP; No of Pins: 10 128K X 8 STANDARD SRAM, 70 ns, PDIP32 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 70 ns, PDSO32 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 70 ns, UUC
|
http:// BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC. BRILLIANCE SEMICONDUCTOR INC
|
AS7C3128K16-12JC AS7C3128K16-12TI AS7C3128K16-12TC |
128K X 16 STANDARD SRAM, 12 ns, PDSO44 0.400 INCH, PLASTIC, SOJ-44 128K X 16 STANDARD SRAM, 12 ns, PDSO44 18.4 X 10.2 MM, TSOP2-44
|
Alliance Semiconductor, Corp.
|
GS71208TP-8T GS71208TP-8 |
8ns 128K x 8 1Mb asynchronous SRAM 128K X 8 STANDARD SRAM, 8 ns, PDSO32 0.400 INCH, TSOP2-32
|
GSI Technology, Inc.
|
M5M51008AP-12L M5M51008AFP-12L M5M51008AFP-10LL |
128K X 8 STANDARD SRAM, 120 ns, PDIP32 128K X 8 STANDARD SRAM, 120 ns, PDSO32 128K X 8 STANDARD SRAM, 100 ns, PDSO32
|
|
CY7C1018BV33L-12VC CY7C1019BV33-12VC CY7C1018BV33- |
x8 SRAM x8的SRAM 128K x 8 Static RAM 128K X 8 STANDARD SRAM, 15 ns, PDSO32
|
Cypress Semiconductor, Corp.
|
AS7C31025A-10TI |
5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout) 128K X 8 STANDARD SRAM, 10 ns, PDSO32
|
Alliance Semiconductor, Corp.
|
|