PART |
Description |
Maker |
TH50VSF3582AASB |
MULTI-CHIP INTEGRATED CIRCUIT SILICON GATE CMOS SRAM AND FLASH MEMORY MIXED MULTI-CHIP PACKAGE
|
TOSHIBA
|
BC847S |
Multi-chip transistor (NPN)
|
Shenzhen Jin Yu Semiconductor Co., Ltd.
|
UMD2N |
NPN-PNP built-in re sistors Multi-Chip Digital Transistor
|
SeCoS Halbleitertechnologie GmbH
|
CE201210-6N8J CE201210-5N6J CE201210-4N7J CE201210 |
IC,MOT,MC68HC908GR8CP, DIP-28, MCU FLASH 8BIT 8MHZ 4K IC,MCU,MC68HC908JB8ADW,8-BIT SOIC-28,21 I/O,3MHZ IC,MCU,MC68HC711E9CFN2,8-BIT 2MHz,PLCC52 8-BIT, OTPROM, 2.1 MHz, MICROCONTROLLER, PDIP20 IC,MCU,MC68HC908KX8CDW,8-BIT SOIC-16,13 I/O,8MHZ Multi-Layer Chip Inductors 1 ELEMENT, 0.12 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Multi-Layer Chip Inductors 1 ELEMENT, 0.0056 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Multi-Layer Chip Inductors 1 ELEMENT, 0.33 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Multi-Layer Chip Inductors 1 ELEMENT, 0.0027 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Multi-Layer Chip Inductors 1 ELEMENT, 0.0068 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Multi-Layer Chip Inductors 1 ELEMENT, 0.0082 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD IC,MCU,MC68HC705C9ACFN,8-BIT PLCC-44,31 I/O,2MHZ 多层片式电感 Multi-Layer Chip Inductors 1 ELEMENT, 0.39 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
Bourns Inc. Bourns, Inc.
|
TPCP8H01 |
TOSHIBA Multi-Chip Transistor Silicon NPN Epitaxial Type, Field Effect Transistor Silicon N Channel MOS Type
|
Toshiba Semiconductor
|
MMPQ2222A FFB2222A FFB2222A_1 FMB2222A MMPQ2222ANL |
500 mA, 40 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR NPN Multi-Chip General Purpose Amplifier
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
SP506 |
Multi-Protocol Serial Transceivers 5V / Single Chip WAN Multi-Mode Serial Transceiver
|
Sipex
|
M36L0R7050L1ZAMF M36L0R7060U1 M36L0R7060U1ZAME M36 |
128 Mbit (Mux I/O, Multiple Bank, Multi-Level, Burst) Flash memory, 32 or 64 Mbit PSRAM, 1.8V supply Multi-Chip Package
|
STMicroelectronics
|
S71WS-N S71WS512NB0BFWYP3 S71WS512NB0BAWAP3 S71WS5 |
Stacked Multi-Chip Product (MCP) SPECIALTY MEMORY CIRCUIT, PBGA84 Stacked Multi-Chip Product (MCP) 堆叠式多芯片产品(MCP
|
Spansion Inc. Spansion, Inc.
|
CP305 |
Chip Form: SILICON TRANSISTOR Small Signal Transistor NPN - High Current Transistor Chip
|
CENTRAL[Central Semiconductor Corp]
|
CP705 |
Chip Form: SILICON TRANSISTOR Small Signal Transistor PNP - High Current Transistor Chip
|
Central Semiconductor Corp
|
|