PART |
Description |
Maker |
PL103201X PL626208X PL329203X PL103703X PL106703X |
PUSHBUTTON SWITCH, SPDT, MOMENTARY, PANEL MOUNT PUSHBUTTON SWITCH, DPDT, MOMENTARY, PANEL MOUNT PUSHBUTTON SWITCH, 3PDT, MOMENTARY, PANEL MOUNT PUSHBUTTON SWITCH, SPDT, LATCHED, PANEL MOUNT PUSHBUTTON SWITCH, DPDT, LATCHED, PANEL MOUNT PUSHBUTTON SWITCH, 4PDT, MOMENTARY, PANEL MOUNT PUSHBUTTON SWITCH, 3PDT, LATCHED, THROUGH HOLE-STRAIGHT PUSHBUTTON SWITCH, SPDT, MOMENTARY, THROUGH HOLE-STRAIGHT PUSHBUTTON SWITCH, SPDT, LATCHED, THROUGH HOLE-STRAIGHT
|
SWITCHCRAFT INC
|
A16-JBM-1 A16-JBM-2S A165L-JRA-24D-2S A165L-TRM-5D |
PUSHBUTTON SWITCH, SPDT, MOMENTARY, 3A, 30VDC, PANEL MOUNT PUSHBUTTON SWITCH, DPDT, MOMENTARY, 3A, 30VDC, PANEL MOUNT PUSHBUTTON SWITCH, DPDT, ALTERNATE, 3A, 30VDC, PANEL MOUNT Separate Construction with Cylindrical 16-dia. Body Separate Construction with Cylindrical 16-dia. Body
|
Omron Electronics LLC
|
TPF21RGPCES0 |
PUSHBUTTON SWITCH, DPDT, MOMENTARY, THROUGH HOLE-STRAIGHT
|
TYCO ELECTRONICS ALCOSWITCH
|
LP4OA1PBCRR LP4OA1PBBTR LP4OA1PBARR LP4OA1PBCTR LP |
PUSHBUTTON SWITCH, DPDT, MOMENTARY, 0.1A, 30VDC, THROUGH HOLE-STRAIGHT
|
E-Switch, Inc.
|
TPF21RGPC2 |
PUSHBUTTON SWITCH, DPDT, MOMENTARY, 0.02A, 20VDC, THROUGH HOLE-STRAIGHT
|
TYCO ELECTRONICS ALCOSWITCH
|
AP2C000SZBE AP2D000SZBE CAMPKCOMPONENTSINC-AP2N300 |
Industrial Pushbutton Switch PUSHBUTTON SWITCH, SPST, MOMENTARY, 0.2A, 24VDC, PANEL MOUNT-THREADED
|
C&K Components C & K COMPONENTS INC
|
P8-V211214 P8-V211212 P8-V216222 P8-V216215 P8-V21 |
PUSHBUTTON SWITCH, SPST, MOMENTARY-TACTILE, 20A, 28VDC, PANEL MOUNT-THREADED PUSHBUTTON SWITCH, DPDT, MOMENTARY-TACTILE, 20A, 28VDC, PANEL MOUNT-THREADED
|
OTTO ENGINEERING INC
|
P267F-1A-RD P267F-1D-CONMTL P267T-1D-BL |
PUSHBUTTON SWITCH, SPST, LATCHED AND MOMENTARY, PANEL MOUNT-THREADED P26-Series Pushbutton Switches
|
Carling Technologies
|
700C-SP7-B60-M6-R-E-H 700C-SP7-B60-VS2-R-E-H 700C- |
PUSHBUTTON SWITCH, SPDT, LATCHED, 0.02A, 20VDC, THROUGH HOLE-RIGHT ANGLE PUSHBUTTON SWITCH, SPDT, LATCHED, 0.02A, 20VDC, THROUGH HOLE-STRAIGHT PUSHBUTTON SWITCH, SPDT, LATCHED, 3A, 28VDC, THROUGH HOLE-RIGHT ANGLE PUSHBUTTON SWITCH, SPDT, LATCHED, 3A, 28VDC, THROUGH HOLE-STRAIGHT PUSHBUTTON SWITCHES - LATCHING
|
E-Switch, Inc.
|
CXG1040TN |
High Isolation DPDT Antenna Switch MMIC Used In Personal Communication Handset(高绝缘性、有吸收能力的双刀双掷天线开关微波集成电路(用于个人通信设备 High Isolation DPDT Switch From old datasheet system
|
SONY[Sony Corporation]
|
IPR1PAD7/1104 IPR1Z1AD8104 |
PUSHBUTTON SWITCH, SPST, LATCHED, 0.1A, 24VDC, THROUGH HOLE-STRAIGHT PUSHBUTTON SWITCH, SPST, LATCHED, 0.1A, 24VDC, PANEL MOUNT-THREADED
|
ZF Electronics, Corp.
|
M28C64-A25NS1T M28C64-A20MS1T M28C64-A20MS3T M28C6 |
64 Kbit 8K x 8 Parallel EEPROM With Software Data Protection 64千位8K的8并行EEPROM,带有软件数据保 SWITCH, DPDT; Thread size:1/4 x 40UNS; Switch function type:DPDT On-On; Current, contact @ contact voltage AC max:3A; Current, contact @ contact voltage DC max:8A; Material, contact:Silver; Resistance, contact:10mR; Temp, op. RoHS Compliant: Yes SWITCH, DPDT, LOCKING; Thread size:1/4 x 40UNS; Switch function type:DPDT On-On; Current, contact @ contact voltage AC max:3A; Current, contact @ contact voltage DC max:8A; Material, contact:Silver; Resistance, contact:10mR; Temp, RoHS Compliant: Yes SWITCH, DPDT, BIASED; Thread size:1/4 x 40UNS; Switch function type:DPDT On-Mom; Current, contact @ contact voltage AC max:3A; Current, contact @ contact voltage DC max:8A; Material, contact:Silver; Resistance, contact:10mR; Temp, RoHS Compliant: Yes Toggle Switch; Circuitry:SPDT; Switch Operation:On-Off-On; Contact Current Max:6A; Actuator Style:Bat; Switch Terminals:Solder Lug; Leaded Process Compatible:Yes; Mounting Type:Solder Lug RoHS Compliant: Yes 64 Kbit 8K x 8 Parallel EEPROM With Software Data Protection
|
STMicroelectronics N.V. 意法半导
|
|