PART |
Description |
Maker |
LTC1741CFW |
12-Bit, 65Msps Low Noise ADC
|
Linear Technology
|
LTC2192CUKGPBF LTC6421-20 LTC2259-14 LTC2190CUKGPB |
16-Bit, 65Msps/40Msps/25Msps Low Power Dual ADCs
|
Linear Technology http://
|
LTC2141-14-15 LTC2142-14-15 |
14-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
|
Linear Technology
|
LTC2263-12 LTC2264CUJ-12PBF LTC2264CUJ-12TRPBF LTC |
12-Bit, 65Msps/40Msps/25Msps Low Power Dual ADCs
|
Linear Technology
|
LTC2288IUPPBF LTC2286IUPTRPBF LTC2286IUPPBF LTC228 |
Dual 10-Bit, 65Msps Low Noise 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: -40°C to 85°C DUAL 1-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64 Dual 10-Bit, 25Msps Low Noise 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: -40°C to 85°C DUAL 1-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64 Dual 10-Bit, 25Msps Low Noise 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: 0°C to 70°C DUAL 1-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64 Dual 10-Bit, 40Msps Low Noise 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: 0°C to 70°C DUAL 1-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64
|
Linear Technology, Corp.
|
MAX1419ETN-D MAX1419ETND |
15-Bit, 65Msps ADC with -79.3dBFS Noise Floor for Baseband Applications
|
MAXIM - Dallas Semiconductor
|
MAX12557 MAX12557ETK |
Dual, 65Msps, 14-Bit, IF/Baseband ADC
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. http://
|
MAX19515 MAX19515ETM |
Dual-Channel, 10-Bit, 65Msps ADC
|
Maxim Integrated Products Maxim Integrated Produc...
|
MAX1951511 MAX19515ETM/V |
Dual-Channel, 10-Bit, 65Msps ADC
|
Maxim Integrated Products
|
LTC2170CUKG-12PBF LTC2170CUKG-12TRPBF LTC2170IUKG- |
12-Bit, 65Msps/40Msps/ 25Msps Low Power Quad ADCs
|
Linear Technology
|
HA4-5112883 HA-5104 |
Dual and Quad/ 8MHz and 60MHz/ Low Noise Operational Amplifiers Dual/ Low Noise/ High Performance Uncompensated Operational Amplifier
|
Intersil Corporation
|
LTC2287 LTC2288 LTC2286 LTC2286CUP LTC2286IUP LTC2 |
Dual 10-Bit, 65/40/25Msps Low Noise 3V ADCs
|
Linear Technology
|