PART |
Description |
Maker |
LG420M150BP3-2535 LG400M68BP4-2520 LG420M150BP3-22 |
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 420 V, 150 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 68 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 80 V, 1800 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 315 V, 180 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 80 V, 1500 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 80 V, 1000 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 18000 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 80 V, 3300 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 6800 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 80 V, 3900 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 80 V, 4700 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 12000 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 22000 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 80 V, 2700 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 3900 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 80 V, 2200 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 10000 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 15000 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 4700 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 5600 uF, THROUGH HOLE MOUNT ROHS COMPLIANT
|
Yageo, Corp. Glenair, Inc.
|
UCD1K3R3MCL1GS UCD1C270MCL1GS |
Aluminum Electrolytic SMT Low Impedance Capacitor; Capacitance: 3.3uF; Voltage: 80V; Case Size: 5x5.8 mm; Packaging: Tape & Reel CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 80 V, 3.3 uF, SURFACE MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 27 uF, SURFACE MOUNT CHIP, ROHS COMPLIANT
|
Nichicon, Corp.
|
UZS1V100MCL1GB UZS0J220MCL1GB |
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 10 uF, SURFACE MOUNT 4mmL CHIP, ROHS COMPLIANT Aluminum Electrolytic SMT 4.5mm Length General Purpose Capacitor; Capacitance: 22uF; Voltage: 6.3V; Case Size: 4x4.6 mm; Packaging: Tape & Reel CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 22 uF, SURFACE MOUNT
|
Nichicon, Corp.
|
36DX122F250BB2A 36DX113G050AF2A 36DX202F450DF2A 36 |
CAP 1200UF 250VDC -10% TO 50% 52.8 X 82.6MM SCRW TERM CAN 10 - Bulk CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 11000 uF, CHASSIS MOUNT, CAN, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 450 V, 2000 uF, CHASSIS MOUNT, CAN, ROHS COMPLIANT CAP 930UF 450VDC -10% TO 50% 65.5 X 108MM SCRW TERM CAN 1000 - Bulk CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 40 V, 24000 uF, CHASSIS MOUNT, CAN, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 75 V, 10000 uF, CHASSIS MOUNT, CAN, ROHS COMPLIANT Aluminum Capacitors Powerlytic?, Large Can CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 25 V, 2700 uF, CHASSIS MOUNT, CAN, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 200 V, 3400 uF, CHASSIS MOUNT, CAN, ROHS COMPLIANT
|
Vishay Sprague Vishay Siliconix
|
MX802J MX802LH MX802LH8 |
CVSD, CVSD CODEC, PQCC24 Aluminum Electrolytic Capacitor; Capacitor Type:Computer Grade; Voltage Rating:250VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to C; Capacitance:375uF RoHS Compliant: Yes DVSR CODEC
|
CML MICROSYSTEMS PLC Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers CML Microcircuits
|
ASM2P3805X ASM2I3805DG-20-AR ASM2I3805DG-20-AT ASM |
Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:160VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to 105 C; Capacitance:680uF RoHS Compliant: Yes Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:450VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-25 C to 105 C; Capacitance:68uF RoHS Compliant: Yes 3.3V CMOS Dual 1-To-5 Clock Driver
|
ALSC[Alliance Semiconductor Corporation]
|
KA-3528SRC KA-3528SGC KA-3528EC KA-3528IT KA-3528Y |
Aluminum Snap-In Capacitor; Capacitance: 820uF; Voltage: 250V; Case Size: 25x45 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 470uF; Voltage: 250V; Case Size: 25x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 120uF; Voltage: 400V; Case Size: 22x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 1500uF; Voltage: 200V; Case Size: 35x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 680uF; Voltage: 250V; Case Size: 25x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 820uF; Voltage: 200V; Case Size: 30x25 mm; Packaging: Bulk 3.5 x 2.8mm SURFACE MOUNT LED LAMPS
|
Kingbright Corporation. ETC
|
UWP1H3R3MCL1GB |
Aluminum Electrolytic SMT Bi-Polar Capacitor; Capacitance: 3.3uF; Voltage: 50V; Case Size: 5x5.5 mm; Packaging: Tape & Reel CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, NON-POLARIZED, 50 V, 3.3 uF, SURFACE MOUNT
|
Nichicon, Corp.
|
UWT1C470MCL1GB |
Aluminum Electrolytic SMT Wide Temp Range Capacitor; Capacitance: 47uF; Voltage: 16V; Case Size: 6.3x5.5 mm; Packaging: Tape & Reel CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 47 uF, SURFACE MOUNT
|
Nichicon, Corp.
|
|