PART |
Description |
Maker |
ATTINY25V-10MUR ATTINY45-20XUR ATTINY85V-10PU |
8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, PQCC20 4 X 4 MM, 0.80 MM HEIGHT, 0.50 MM PITCH, GREEN, MO-220WGGD-5, MLF-20 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDSO8 4.40 MM, GREEN, PLASTIC, MO-153AC, TSSOP-8 8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash 8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, PDIP8
|
Atmel, Corp.
|
AT89LP52-20AU AT89LP52-20JU AT89LP51 AT89LP51-20AU |
8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PQFP44 10 X 10 MM, 1 MM HEIGHT, 0.80 MM PITCH, GREEN, PLASTIC, MS-026ACB, TQFP-44 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDIP40 0.600 INCH, GREEN, PLASTIC, MS-011AC, DIP-40 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PQCC44 GREEN, PLASTIC, MS-018AC, LCC-44 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PQCC44 7 X 7 MM, 1 MM HEIGHT, 0.50 MM PITCH, GREEN, PLASTIC, MO-220VKKD-3, VQFN-44
|
ATMEL Corporation Atmel, Corp.
|
SST89E54RD2-40-I-PJ SST89V52RD2-40-I-PJ SST89V58RD |
DIODE SWITCH 80V 25MA SOT-353 FlashFlex51单片 XSTR GP SWITCH 75V 0.6A 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQCC44 FlashFlex51 MCU 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44 FlashFlex51 MCU 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PDIP40 FlashFlex51 MCU 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQFP44 FlashFlex51 MCU FlashFlex51单片 FlashFlex51 MCU 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQCC44 FlashFlex51 MCU 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQCC44 FlashFlex51 MCU 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PDIP40 TRANS DUAL NPN 50V 30MA SOT-353
|
Silicon Storage Technol... SILICON STORAGE TECHNOLOGY INC Silicon Storage Technology, Inc.
|
C8051F585-AM C8051F585-AQ C8051F585-IM C8051F585-I |
8-BIT, FLASH, 50 MHz, MICROCONTROLLER, PQCC48 ROHS COMPLIANT, MO-220VKKD-4, QFN-48 8-BIT, FLASH, 50 MHz, MICROCONTROLLER, PQFP48 ROHS COMPLIANT, MO-26ABC, QFP-48 8-BIT, FLASH, 50 MHz, MICROCONTROLLER, PQCC32 Programmable hysteresis and response time Configurble as interrupt or reset source Low current
|
Silicon Laboratories, Inc.
|
ATA6613P-PLPW AT90CAN128-16AN AT89C51CC01CA-RLTUM |
8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, QCC48 8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, PQFP64 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44 8-BIT, OTPROM, 40 MHz, MICROCONTROLLER, PQCC44 8-BIT, FLASH, RISC MICROCONTROLLER, PDIP8
|
ATMEL CORP
|
IS89C52 IS89C52-12PL IS89C52-12PLI IS89C52-12PQ IS |
ECONOLINE: RY-S_DCP - Internal SMD Technology- 1kVDC Isolation- Short Circuit Protection: Current Limit- UL94V-0 Package Material- Regulated Output- No External Components Required- Efficiency to 63% 8-BIT, FLASH, 12 MHz, MICROCONTROLLER, PQCC44 CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8-Kbytes of FLASH 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PDIP40
|
Integrated Silicon Solution Inc Integrated Silicon Solution, Inc.
|
STM32F205ZCT6XXX STM32F205ZCT6TR STM32F205RCY6TR S |
32-BIT, FLASH, 120 MHz, RISC MICROCONTROLLER, PQFP144 20 X 20 MM, ROHS COMPLIANT, LQFP-144 32-BIT, FLASH, 120 MHz, RISC MICROCONTROLLER, PBGA66 ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/128 4KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
|
ST Microelectronics STMICROELECTRONICS
|
IS89C51-24PL IS89C51-40PQ IS89C51-40WI IS89C51-12P |
8-BIT, FLASH, 24 MHz, MICROCONTROLLER, PQCC44 PLASTIC, LCC-44 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PDIP40 8-BIT, FLASH, 12 MHz, MICROCONTROLLER, PQFP44 8-BIT, FLASH, 12 MHz, MICROCONTROLLER, PQCC44
|
Atmel, Corp. INTEGRATED SILICON SOLUTION INC
|
PIC12F617T-H_SN PIC12F609-I_MD PIC12F609-I_P PIC12 |
8-Pin, Flash-Based 8-Bit CMOS Microcontrollers 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDSO8 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDIP8
|
Microchip Technology
|
AT89C5131A-PUTUM AT89C5130A-M-14 |
8-bit Flash Microcontroller with Full Speed USB Device 8-BIT, FLASH, 48 MHz, MICROCONTROLLER, QCC32 Maximum Core Frequency 48 MHz in X1 Mode, 24 MHz in X2 Mode
|
Atmel, Corp. ATMEL Corporation
|
STR630FZ1T6 STR635FZ1H6 STR635FZ1T6 STR631FV2T6 |
32-BIT, FLASH, 36 MHz, RISC MICROCONTROLLER, PQFP144 20 X 20 MM, TQFP-144 32-BIT, FLASH, 36 MHz, RISC MICROCONTROLLER, PBGA144 10 X 10 MM, 1.70 MM HEIGHT, LFBGA-144 32-BIT, FLASH, 36 MHz, RISC MICROCONTROLLER, PQFP100
|
ST Microelectronics STMICROELECTRONICS
|
|