PART |
Description |
Maker |
AS7C31025 AS7C31025-12JC AS7C31025-12JI AS7C31025- |
Parallel-Load 8-Bit Shift Registers 16-SSOP -40 to 85 High Speed CMOS Logic Quad 2-Input AND Gates 14-SOIC -55 to 125 5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout) 128K X 8 STANDARD SRAM, 15 ns, PDSO32 5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout) 128K X 8 STANDARD SRAM, 12 ns, PDSO32
|
ALLIANCE MEMORY INC ALSC[Alliance Semiconductor Corporation] ETC[ETC] Alliance Semiconductor, Corp.
|
IS63LV1024 IS63LV1024L-12T IS63LV1024L-8TI IS63LV1 |
128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT 128K X 8 STANDARD SRAM, 8 ns, PDSO32 TRANS PNP W/RES 50HFE NS-B1 128K X 8 STANDARD SRAM, 12 ns, PBGA36 TRANS PNP W/RES 30HFE NS-B1 128K X 8 STANDARD SRAM, 10 ns, PDSO32 TRANS PNP W/RES 60HFE NS-B1 CAP CERAMIC 330PF 50V NP0 0805
|
Integrated Silicon Solution, Inc. ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution Inc
|
AS7C31025A-10TJI AS7C31025A-10JI AS7C31025A-10TJC |
Parallel-Load 8-Bit Shift Registers 16-SOIC -40 to 85 128K X 8 STANDARD SRAM, 10 ns, PDSO32 Parallel-Load 8-Bit Shift Registers 16-TVSOP -40 to 85 128K X 8 STANDARD SRAM, 10 ns, PDSO32 5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout) 128K X 8 STANDARD SRAM, 10 ns, PDSO32
|
Alliance Semiconductor, Corp.
|
AS7C1025B AS7C1025B-20TJIN AS7C1025B-10JC AS7C1025 |
128 x 64 pixel format, LED or EL Backlight available 128K X 8 STANDARD SRAM, 20 ns, PDSO32 High Speed CMOS Logic Triple 3-Input NAND Gates 14-SOIC -55 to 125 128K X 8 STANDARD SRAM, 12 ns, PDSO32 5V 128K X 8 CMOS SRAM (Center power and ground) 128K X 8 STANDARD SRAM, 20 ns, PDSO32 5V 128K X 8 CMOS SRAM (Center power and ground) 128K X 8 STANDARD SRAM, 15 ns, PDSO32 High Speed CMOS Logic Dual Negative-Edge-Triggered J-K Flip-Flops with Reset 14-PDIP -55 to 125 High Speed CMOS Logic Dual Negative-Edge-Triggered J-K Flip-Flops with Reset 14-SOIC -55 to 125 SRAM - 5V Fast Asynchronous
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
KM681002C KM681002C-10 KM681002C-12 KM681002C-15 K |
128Kx8 Bit High-Speed CMOS Static RAM5V Operating. Operated at Commercial and Industrial Temperature Ranges. 128Kx8位高速CMOS静态RAM5V工作。在经营商业和工业温度范围 128K X 8 STANDARD SRAM, 20 ns, PDSO32 128K X 8 STANDARD SRAM, 10 ns, PDSO32
|
Samsung Electronic SAMSUNG[Samsung semiconductor] SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
MSM8128G-85 MSM8128GLM-85 MSM8128GI-85 MSM8128WLI- |
128K X 8 STANDARD SRAM, 85 ns, CDFP32 DFP-32 128K X 8 STANDARD SRAM, 85 ns, CQCC32 LCC-32
|
Twilight Technology, Inc. Venkel, Ltd.
|
GVT71128E36B-7 GVT71128E36T-7 |
128K X 36 STANDARD SRAM, 7.5 ns, PBGA119 14 X 22 MM, 2.40 MM HEIGHT, FBGA-119 128K X 36 STANDARD SRAM, 7.5 ns, PQFP100 14 X 20 MM, 1.40 MM HEIGHT, PLASTIC, TQFP-100
|
Cypress Semiconductor, Corp.
|
BS62LV1027 BS62LV1027PIP70 BS62LV1027SCG70 BS62LV1 |
Asynchronous 1M(128Kx8) bits Static RAM LM5035 PWM Controller with Integrated Half-Bridge and SyncFET Drivers; Package: TSSOP EXP PAD; No of Pins: 20 LM5041A Cascaded PWM Controller; Package: TSSOP; No of Pins: 16 LM5041 Cascaded PWM Controller; Package: TSSOP; No of Pins: 16 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 55 ns, PDSO32 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 55 ns, PDIP32 Very Low Power/Voltage CMOS SRAM 非常低功电压的CMOS的SRAM LM5033 100V Push-Pull Voltage Mode PWM Controller; Package: LLP; No of Pins: 10 128K X 8 STANDARD SRAM, 70 ns, PDSO32 LM5030 100V Push-Pull Current Mode PWM Controller; Package: LLP; No of Pins: 10 128K X 8 STANDARD SRAM, 55 ns, PDIP32 LM5030 100V Push-Pull Current Mode PWM Controller; Package: LLP; No of Pins: 10 128K X 8 STANDARD SRAM, 70 ns, PDIP32 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 70 ns, PDSO32 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 70 ns, UUC
|
http:// BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC. BRILLIANCE SEMICONDUCTOR INC
|
AS7C3128K16-12JC AS7C3128K16-12TI AS7C3128K16-12TC |
128K X 16 STANDARD SRAM, 12 ns, PDSO44 0.400 INCH, PLASTIC, SOJ-44 128K X 16 STANDARD SRAM, 12 ns, PDSO44 18.4 X 10.2 MM, TSOP2-44
|
Alliance Semiconductor, Corp.
|
M68AW128ML55ND6F M68AW128ML70ZB6T M68AW128M M68AW1 |
128K X 16 STANDARD SRAM, 70 ns, PDSO44 2兆位28K的16.0V异步SRAM BACKSHELL 2 Mbit (128K x16) 3.0V Asynchronous SRAM
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
CY7C1018CV33-12VC CY7C1018CV33-8VC CY7C1018CV33 CY |
128K x 8 static RAM, 8ns Memory : Async SRAMs 128K x 8 Static RAM 128K X 8 STANDARD SRAM, 8 ns, PDSO32 128K x 8 Static RAM 128K X 8 STANDARD SRAM, 15 ns, PDSO32
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|