PART |
Description |
Maker |
1N347 1N256 1N2029 1N2370 1N1342B 1N338 |
1 A, 100 V, SILICON, SIGNAL DIODE 1 A, 600 V, SILICON, SIGNAL DIODE 1 A, 400 V, SILICON, SIGNAL DIODE 1 A, 2000 V, SILICON, SIGNAL DIODE 6 A, 100 V, SILICON, RECTIFIER DIODE
|
|
P6KE39A P6KE9.1CA P6KE51CA P6KE300A P6KE300CA P6KE |
16-Bit Bus Transceivers and Registers with 3-State Outputs 56-SSOP -40 to 85 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 RF Down-Converter 20-QFN 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Presettable Synchronous 4-Bit Up/Down Binary Counters 16-SOIC -40 to 85 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-TSSOP 0 to 70 600 Watt Transient Voltage Suppressors
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] Microsemi
|
10ELS6TA1B2 |
0.77 A, 600 V, SILICON, SIGNAL DIODE
|
NIHON INTER ELECTRONICS CORP
|
MUR160 |
1 A, 600 V, SILICON, SIGNAL DIODE, DO-41
|
MICROSEMI CORP-COLORADO
|
1N6661 1N6663 JAN1N6663 JANTXV1N6663 JANTX1N6663 1 |
VOIDLESS-HERMETICALLY-SEALED STANDARD RECOVERY GLASS RECTIFIERS Signal or Computer Diode; Package: B; IO (A): 0.5; IFSM (A): 5; Cj (pF): 20; Vrwm (V): 600; VF (V): 1; IR (µA): 0.05; 0.5 A, SILICON, SIGNAL DIODE, DO-35
|
Microsemi Corporation Microsemi, Corp.
|
FS1J-LTP |
1 A, 600 V, SILICON, SIGNAL DIODE, DO-214AC
|
MICRO COMMERCIAL COMPONENTS
|
FMMT2907R FMMT2907A FMMT2907AR FMMT2907 MT2907AR |
SOT23 PNP SILICON PLANAR SWITCHING TRANSISTOR 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR 600 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
ZETEX PLC Zetex Semiconductor PLC ETC Zetex Semiconductors DIODES INC
|
SF10JG |
1 A, 600 V, SILICON, SIGNAL DIODE, DO-41 PLASTIC PACKAGE-2
|
Vishay Beyschlag
|
10DRA60 |
FRD - 1A 600A 120ns 1 A, 600 V, SILICON, SIGNAL DIODE
|
Nihon Inter Electronics, Corp. NIEC[Nihon Inter Electronics Corporation]
|
MUR140-T MUR160-A |
1.0A SUPER-FAST RECTIFIER 1 A, 600 V, SILICON, SIGNAL DIODE, DO-41
|
Diodes Inc. Diodes, Inc.
|
1N3613GPE |
1 A, 600 V, SILICON, SIGNAL DIODE, DO-204AL PLASTIC, DO-41, 2 PIN
|
Vishay Beyschlag
|
|