PART |
Description |
Maker |
2PB709ARL_DG 2PB709ARL 2PB709ASL 2PB709ASL/DG 2PB7 |
45 V, 100 mA PNP general-purpose transistors 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB PLASTIC PACKAGE-3
|
NXP Semiconductors N.V.
|
PMP5501G PMP5501V PMP5501Y PMP5501Y135 PMP5501G115 |
PNP/PNP matched double transistors; Package: SOT363 (SC-88); Container: Tape reel smd 100 mA, 45 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR PNP/PNP matched double transistors; Package: SOT353 (UMT5); Container: Tape reel smd 100 mA, 45 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
BC857BT-7 BC857AT BC857AT-7 BC857CT BC857CT-7 BC85 |
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR Wideband Video Quad SPST
|
Diodes, Inc. Diodes Inc. DIODES[Diodes Incorporated]
|
2SB1326TV6/PQ 2SB1326TV3/PQ 2SB1236ATV2/NP 2SC2021 |
5000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR 1500 mA, 160 V, PNP, Si, SMALL SIGNAL TRANSISTOR 150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 100 mA, 600 V, PNP, Si, SMALL SIGNAL TRANSISTOR 500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 5000 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
|
BC557CG BC557CZL1G BC556B07 |
Amplifier Transistors PNP Silicon 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
ON Semiconductor
|
2SA1337 2SA1337B |
100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR Silicon PNP Epitaxial
|
Renesas Electronics Corporation
|
BCF29 BCF30 |
CONNECTOR 100 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP general purpose transistors
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
2SB324 2SB709 2SB709A |
GE PNP ALLOY JUNCTION(UL TYPE) 100 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236
|
Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
2SA2077 |
Silicon PNP epitaxial planar type(Complementary to 2SC5845) 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Panasonic, Corp. Panasonic Semiconductor
|
2SB774 2SB0774 |
Silicon PNP epitaxial planer type(For low-frequency amplification) 100 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Panasonic, Corp. PANASONIC[Panasonic Semiconductor]
|
BCY78-VIII BCY78 BCY78-IX BCY78-VII BCY78-X BCY79- |
Safety Sign; Legend:No Smoking; External Height:10"; External Width:14"; Body Material:Aluminum; Color:Red/White RoHS Compliant: NA 100 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-18 PNP SILICON TRANSISTOR 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-18 Safety Sign; Legend:Caution Hearing Protection Must Be Worn In This Area; External Height:10"; External Width:14"; Body Material:Aluminum; Color:Yellow/Black RoHS Compliant: NA 100 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-18 Safety Sign; Legend:Caution Wear Safety Shoes in This Area; External Height:10"; External Width:14"; Body Material:Aluminum; Color:Yellow/Black RoHS Compliant: NA 100 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-18 PROTECTIVE WEAR SIGN Leaded Small Signal Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
|