PART |
Description |
Maker |
PUMA2US2500I-2512 PUMA2US2500I-2510 PUMA2US2500I-2 |
10MS, 8 PDIP, IND TEMP, GREEN, 1.8V(SERIAL EE) 10MS, 8 EIAJ SOIC, IND TEMP, GREEN, 2.7V(SERIAL EE) 10MS, 8 SOIC, EXT TEMP, GREEN, 2.7V(SERIAL EE) 10MS, 8 SOIC, IND TEMP, GREEN, 2.7(SERIAL EE) 10MS, 8 TSSOP, IND TEMP, GREEN, 2.7(SERIAL EE) 10MS, 8 TSSOP, EXT TEMP, GREEN, 2.7V(SERIAL EE) 10MS, 8 SOIC, IND TEMP, GREEN, 2.7V(SERIAL EE) 10MS, DIE, 2.7V, 11 MILS THICKNESS(SERIAL EE) 10MS, 8 MINI-MAP, IND TEMP, GREEN, 1.8V(SERIAL EE) 10MS, 8 LAP, IND TEMP, GREEN, 2.7V(SERIAL EE) SRAM/EPROM 静态存储器/存储 10MS, DIE, 1.8V, 11 MILS THICKNESS(SERIAL EE) 静态存储器/存储
|
TDK, Corp. TE Connectivity, Ltd.
|
ATF22V10C10 ATF22V10C-10GM_883 ATF22V10C-15GM_883 |
High-performance Electrically Erasable Programmable Logic Device 5NS, PLCC, COM TEMP, GREEN(EPLD) FLASH PLD, 5 ns, PQCC28 15NS, PDIP, IND TEMP, GREEN(EPLD) FLASH PLD, 15 ns, PDIP24
|
ATMEL Corporation 聚兴科技股份有限公司 Atmel, Corp.
|
PVZ2A203A01B00 PVZ2A303A01B00 PVZ2A204A01B00 PVZ2A |
16MHZ, PLCC, IND TEMP, GREEN(MCU AVR) 16MHZ, PDIP, IND TEMP, GREEN(MCU AVR) 16MHZ, MLF, IND TEMP(MCU AVR) 16MHZ, TQFP, IND TEMP, GREEN(MCU AVR)
|
|
ATF16V8C-7JU ATF16V8C-7PU ATF16V8C-10JI G16V8AS G1 |
7NS, PLCC, IND TEMP, GREEN(EPLD) FLASH PLD, 7.5 ns, PQCC20 7NS, PDIP, IND TEMP, GREEN(EPLD) FLASH PLD, 7.5 ns, PDIP20 16V8 FAM,300 GATE SPLD,5V,STD PWR 20 PIN(EPLD) FLASH PLD, 10 ns, PQCC20 Industry-standard architecture Emulates Many 20-pin PALs Low-cost, easy to use software tools
|
Atmel, Corp. ATMEL Corporation
|
ATF20V8B-7SC ATF20V8B-7XC ATF20V8B-7PC ATF20V8B-7J |
Highperformance EE PLD 10NS, PDIP, IND TEMP, GREEN(EPLD) FLASH PLD, 15 ns, PDIP24
|
ATMEL Corporation 聚兴科技股份有限公司 http:// Atmel, Corp.
|
ATMEGA328PV-10PU ATMEGA328PV-10MU |
10 MHZ, PDIP, IND TEMP, GREEN, 1.8V(MCU AVR) 8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, PDIP28 10 MHZ, MLF, IND TEMP, GREEN, 1.8V(MCU AVR) 8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, QCC32
|
Atmel, Corp.
|
ATMEGA168PV ATMEGA88PV ATMEGA88PV-10PU ATMEGA88PV- |
8-bit Microcontroller with 4/8/16K Bytes In-System Programmable Flash 10 MHZ, PDIP, IND TEMP, GREEN, 1.8V(MCU AVR) 8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, PDIP28 10 MHZ, MLF, IND TEMP, GREEN, 1.8V(MCU AVR) 8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, QCC32
|
ATMEL Corporation Atmel, Corp.
|
Z85C30-10BUA Z85C30-10DC Z85C30-10BQA AM85C30-8/BQ |
16MHZ, MLF, IND TEMP, GREEN(MCU AVR) 16MHZ, PDIP, IND TEMP, GREEN(MCU AVR) 16MHZ, MLF, IND TEMP, 5V(MCU AVR) 16MHZ, MLF, IND TEMP, GREEN, 5V(MCU AVR) 16MHZ, MLF, IND TEMP(MCU AVR) 16MHZ, TQFP, IND TEMP, GREEN, 5V(MCU AVR) Cartridge Fuse; Current Rating:2A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:5 x 15 mm; Body Material:Glass; Diameter:4.5mm; Fuse Terminals:Ferrule; Leaded Process Compatible:Yes; Length:14.48mm; Series:225 RoHS Compliant: Yes ATMEGA644V-10PU & AT86RF230-ZU(AVRZLINK) Communications Controller 通信控制 Cartridge Fuse; Current Rating:1A; Voltage Rating:250V; Fuse Type:Time Delay; Fuse Size/Group:5 x 15 mm; Body Material:Glass; Diameter:4.5mm; Fuse Terminals:Ferrule; Leaded Process Compatible:Yes; Length:14.48mm; Series:229 通信控制 Cartridge Fuse; Current Rating:1A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:5 x 15 mm; Body Material:Glass; Diameter:4.5mm; Fuse Terminals:Ferrule; Leaded Process Compatible:Yes; Length:14.48mm; Series:225 通信控制 16MHZ, TQFP, IND TEMP, 5V(MCU AVR) 通信控制 16MHZ, TQFP, IND TEMP, GREEN(MCU AVR) 通信控制
|
Advanced Micro Devices, Inc. Amphenol, Corp. Electronic Theatre Controls, Inc.
|
AT28C010-12TU AT28C010E-15JU |
120NS, TSOP, IND TEMP, GREEN(EEPROM) 128K X 8 EEPROM 5V, 120 ns, PDSO32 150NS, PLCC, IND TEMP, GREEN(EEPROM) 128K X 8 EEPROM 5V, 150 ns, PQCC32
|
Atmel, Corp.
|
ATF1508AS-10JU84 ATF1508AS-10JC84 ATF1508AS-15JC84 |
Highperformance EE PLD 25NS, 84 PLCC, IND TEMP(EPLD) EE PLD, 25 ns, PQCC84 10NS, 100 TQFP, IND TEMP, GREEN(EPLD) EE PLD, 10 ns, PQFP100 10NS, 100 PQFP, IND TEMP, GREEN(EPLD) EE PLD, 10 ns, PQFP100 10NS, 100 TQFP, IND TEMP(EPLD) EE PLD, 10 ns, PQFP100 EE PLD, 15 ns, PQCC84 7NS, 100 TQFP, COM TEMP, GREEN(EPLD)
|
ATMEL Corporation Atmel, Corp.
|
AT27C512R-70PA AT27C512R07 AT27C512R-70JA AT27C512 |
70NS, TSOP, IND TEMP, GREEN PKG(EPROM) 64K X 8 OTPROM, 70 ns, PDSO28 45NS, PLCC, IND TEMP, GREEN(EPROM) 64K X 8 OTPROM, 45 ns, PQCC32 512K (64K x 8) OTP EPROM
|
Atmel, Corp. 聚兴科技股份有限公司 ATMEL Corporation
|
AM79R100-4JC AM79R100-3JC |
7.5NS, PDIP, COM TEMP(EPLD) 通信集成电路 7NS, TSSOP, COM TEMP(EPLD) 通信集成电路
|
Integrated Device Technology, Inc. Advanced Micro Devices, Inc.
|
|