PART |
Description |
Maker |
AM4J-67205L-45 AM4J-67205V-45 AM4J-67205V-25 AM4J- |
90NS, CERDIP, 883C; LEV B COMPLIANT(EEPROM) 120NS, PDIP, IND TEMP(EEPROM) 70NS, PLCC, IND TEMP(EEPROM) 90NS, PLCC, IND TEMP(EEPROM) 120NS, TSOP, IND TEMP(EEPROM) Ultra Low Noise Precision High Speed Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Low Noise, High Speed Precision Operational Amplifiers; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Precision 5 Volt Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 250NS, PGA, 883C; LEV B FULLY COMPLIANT(EEPROM) x9 Asynchronous FIFO X9热卖异步FIFO 70NS, PDIP, IND TEMP(EEPROM) X9热卖异步FIFO Low Noise, High Speed Precision Operational Amplifiers; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Ultra Low Noise Precision High Speed Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C
|
Panasonic, Corp. Bourns, Inc. Advanced Monolithic Systems, Inc. Cypress Semiconductor, Corp. Alpha Wire Company
|
EP8250 EP8251 EP8252 EP8253 EP8254 EP8255 EP8256 E |
Analog IC CPU Supervisor with 8Kbit SPI EEPROM; Temperature Range: 0°C to 70°C; Package: 8-SOIC CPU Supervisor with 8Kbit SPI EEPROM; Temperature Range: -40°C to 85°C; Package: 8-SOIC CPU Supervisor with 8Kbit SPI EEPROM; Temperature Range: -40°C to 85°C; Package: 8-PDIP CPU Supervisor with 8Kbit SPI EEPROM; Temperature Range: 0°C to 70°C; Package: 8-PDIP SQUARE, 94.5 MHz, WAVEFORM GENERATION, PDIP5 14 Pin DIP TTL Square-Wave Generator
|
PCA ELECTRONICS INC.
|
EP910ILI-12 EP910LC-30T EP910LI-35 EP910PI-35 EP91 |
CPU Supervisor with 16Kbit SPI EEPROM; Temperature Range: -40°C to 85°C; Package: 8-PDIP CPU Supervisor with 16Kbit SPI EEPROM; Temperature Range: 0°C to 70°C; Package: 8-SOIC CPU Supervisor with 16Kbit SPI EEPROM; Temperature Range: 0°C to 70°C; Package: 14-TSSOP UV-Erasable/OTP PLD CPU Supervisor with 16Kbit SPI EEPROM; Temperature Range: 0°C to 70°C; Package: 8-PDIP RTC Module With CPU Supervisor 时钟模块CPU监控
|
Rochester Electronics, LLC
|
X28HC256P-12 X28HC256P-15 X28HC256J-90 X28HC256S-1 |
5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 150 ns, PDSO28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 120 ns, CPGA28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 90 ns, CQCC32 SWITCH SLIDE 2MM HORIZONTAL SMD 32K X 8 EEPROM 5V, 90 ns, CDIP28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 70 ns, CDIP28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 90 ns, CDIP28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 70 ns, PDIP28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 70 ns, PDSO28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 90 ns, PDSO28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 90 ns, PDIP28 RACK DESK SOLID BLACK 1.75X19X8,1 32K X 8 EEPROM 5V, 70 ns, CPGA28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 70 ns, PQCC32 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 70 ns, CPGA28 Continuity Tester RoHS Compliant: NA 32K X 8 EEPROM 5V, 90 ns, PQCC32 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 90 ns, PQCC32 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 90 ns, CDFP28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 70 ns, CQCC32 Aluminum Electrolytic Radial Leaded General Purpose Capacitor; Capacitance: 1000uF; Voltage: 50V; Case Size: 12.5x25 mm; Packaging: Bulk
|
Intersil, Corp. Intersil Corporation
|
PHT4N10T |
12V, 30mA Flash Memory Programming Supply; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 晶体管| MOSFET的| N沟道| 100V的五(巴西)直| 3.5AI(四)|的SOT - 223
|
Microsemi, Corp.
|
X28TC256JI-35 X28TC256J-35 X28TC256PI-35 X28TC256J |
16MHZ, PLCC, COM TEMP(MCU 5X) 33MHZ, PDIP, COM TEMP(MCU 5X) 128Kx8 EEPROM 128Kx8 EEPROM 24MHZ, PLCC, COM TEMP(MCU 5X) x8的EEPROM
|
Vishay Intertechnology, Inc. Diodes, Inc.
|
EDI7F2332MC150BNI EDI7F2332MC90BNI EDI7F2332MC120B |
16x8x1 BiMOS-E Crosspoint Switch; Temperature Range: -40°C to 85°C; Package: 40-PDIP EEPROM
|
Ecliptek, Corp.
|
210-99-648-41-001 210-91-306-41-001 210-91-308-41- |
PWR SUP 250W 3.3/5/12/-12V QUAD 双列直插式插座封闭框架焊 CONVERTER DC-DC 20W 12V/15V SGL 双列直插式插座封闭框架焊 Dual-in-line sockets Closed frame Solder tail 双列直插式插座封闭框架焊 CONVERTER DC-DC 20W 12V/5V DUAL CONVERTER DC-DC 20W 12V/12V SGL CONVERTER DC-DC 20W 24V/15V DUAL Dual-in-linesocketsClosedframeSoldertail
|
PRECI-DIP SA Precid-DipDurtalSA PREDIP[Precid-Dip Durtal SA]
|
AT28LV64B-20JI AT28LV64B-25TC AT28LV64B-25PC |
64K 8K x 8 Low Voltage CMOS E2PROM with Page Write and Software Data Protection High Speed CMOS Logic Octal Non-Inverting Buffers and Line Drivers with 3-State Outputs 20-SOIC -55 to 125 8K X 8 EEPROM 3V, 250 ns, PDSO28 High Speed CMOS Logic Octal Inverting Transparent Latches with 3-State Outputs 20-PDIP -55 to 125 8K X 8 EEPROM 3V, 200 ns, PQCC32
|
ATMEL Corporation Atmel, Corp.
|
M28C17-15BS6 M28C17-15KA6 M28C17-15MS6 M28C17-15NS |
16K (2K X8) PARALLEL EEPROM From old datasheet system Dual 4-Input Positive-AND Gates 14-PDIP 0 to 70 Dual 4-Input Positive-NAND Gates 14-SO 0 to 70 16 Kbit 2Kb x8 Parallel EEPROM 16千位2KB的x8并行的EEPROM Dual 4-Input Positive-AND Gates 14-SOIC 0 to 70 16千位2KB的x8并行的EEPROM
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
|