PART |
Description |
Maker |
AM29F800BT-120ED AM29F800BB-70SD AM29F800BB-90SD A |
Flash Memory IC; Leaded Process Compatible:Yes; Memory Size:8Mbit; Package/Case:48-TSOP; Peak Reflow Compatible (260 C):Yes; Supply Voltage Max:5V; Access Time, Tacc:120ns; Series:AM29 RoHS Compliant: Yes 512K X 16 FLASH 5V PROM, 120 ns, PDSO48 Flash Memory IC; Memory Size:8Mbit; Package/Case:44-SOIC; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Supply Voltage Max:5V; Access Time, Tacc:70ns; Series:AM29 RoHS Compliant: Yes 512K X 16 FLASH 5V PROM, 70 ns, PDSO44 Flash Memory IC; Memory Size:8Mbit; Package/Case:44-SOIC; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Supply Voltage Max:5V; Access Time, Tacc:90ns; Series:AM29 RoHS Compliant: Yes 512K X 16 FLASH 5V PROM, 90 ns, PBGA48
|
Spansion, Inc. SPANSION LLC
|
AM29LV010B-90EF AM29LV010B-70JF |
Flash Memory IC; Leaded Process Compatible:Yes; Memory Size:10Mbit; Package/Case:32-TSOP; Peak Reflow Compatible (260 C):Yes; Supply Voltage Max:3V; Access Time, Tacc:90ns; Series:AM29 RoHS Compliant: Yes 128K X 8 FLASH 3V PROM, 90 ns, PDSO32 Flash Memory IC; Leaded Process Compatible:Yes; Memory Size:10Mbit; Package/Case:32-PLCC; Peak Reflow Compatible (260 C):No; Supply Voltage Max:3V; Access Time, Tacc:70ns; Series:AM29 RoHS Compliant: Yes 128K X 8 FLASH 3V PROM, 70 ns, PQCC32
|
Spansion, Inc.
|
UN1231 UN1231A |
Flash Memory IC; Leaded Process Compatible:Yes; Memory Size:4Mbit; Package/Case:48-TSOP; Peak Reflow Compatible (260 C):Yes; Supply Voltage Max:3V Silicon NPN epitaxial planer transistor
|
Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
AM28F020 AM28F021 AM28F020-120EC AM28F020-120EE AM |
3 Megabit (256 K x 8-Bit) CMOS 12.0 Volt Bulk Erase Flash Memory(509.20 k) Rectangular Connector; Body Material:Polyester; Series:8016; Number of Contacts:38; Contact Material:Phosphor Bronze; Contact Plating:Gold Over Nickel; Gender:Male; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes Rectangular Connector; Body Material:Polyester; Series:8016; Number of Contacts:38; Contact Material:Phosphor Bronze; Contact Plating:Gold Over Nickel; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 2兆位56亩8位)的CMOS 12.0伏,整体擦除闪存 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 90 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 90 ns, PDIP32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 2兆位256亩8位)的CMOS 12.0伏,整体擦除闪存 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 200 ns, PQCC32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 150 ns, PDIP32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 120 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 120 ns, PDIP32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 200 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 150 ns, PQCC32
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
LH28F008SCHT LH28F008SCHT-85 LH28F008SCN-L120 LH28 |
8MBIT (1 MB x 8)Smart Voltage Flash Memory 40pin STSOP 8Mbit Flash Memory 8-MBIT(1 MB x 8) SmartVoltage Flash MEMORY 8MBIT (1 MB x 8)Smart Voltage Flash Memory 44pin PSOP
|
Sharp Electrionic Components
|
W39V040A W39V040AQ W39V040AP |
3.3-Volt Flash NVM > Flash> FWH/LPC Flash Memory 512K 】 8 CMOS FLASH MEMORY WITH LPC INTERFACE
|
Winbond Electronics WINBOND[Winbond]
|
UMA4N UMB4N UMB8N EMB4 IMB4A FMA4A IMB8A EMA4 |
General purpose (dual digital transistors) Flash Memory IC; Memory Size:4Mbit; Supply Voltage Max:3V; Package/Case:44-SOP; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes
|
ROHM[Rohm] Rohm CO.,LTD. http://
|
CAT28F512HI-12T CAT28F512HI-15T CAT28F512HI-90T CA |
512K-Bit CMOS Flash Memory 512 kb CMOS Flash Memory 64K X 8 FLASH 12V PROM, 120 ns, PDSO32
|
ON Semiconductor
|
MB84VA2003-10 MB84VA20 MB84VA2002 MB84VA2002-10 MB |
MCP (Multi-Chip Package) FLASH MEMORY & SRAM 8M (x 8/x 16) FLASH MEMORY & 2M (x 8) STATIC RAM
|
Fujitsu Microelectronics FUJITSU[Fujitsu Media Devices Limited]
|
AM41DL16X4D AM41DL1614DT70IS SPANSIONLLC-AM41DL162 |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM SPECIALTY MEMORY CIRCUIT, PBGA69 Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
|
http:// ADVANCED MICRO DEVICES INC SPANSION LLC Advanced Micro Devices, Inc.
|