PART |
Description |
Maker |
MC14536BDWR2G MC14536BFELG |
Programmable Timer 1 TIMER(S), PROGRAMMABLE TIMER, PDSO16 Programmable Timer 4000/14000/40000 SERIES, SYN POSITIVE EDGE TRIGGERED 4-BIT UP BINARY COUNTER, PDSO16
|
Rectron Semiconductor
|
EFRQ1200480R40-026 EFRQ600240R40-026 EFRQ1200480D5 |
CMOS Programmable Peripheral Interface; Temperature Range: -40°C to 85°C; Package: 44-MQFP T&R Single Event Hardened High-Speed, Dual Output PWM; Temperature Range: -55°C to 125°C; Package: 16-SBDIP General Purpose Timers; Temperature Range: -40°C to 85°C; Package: 14-PDIP CMOS Octal Bus Transceiver; Temperature Range: -40°C to 85°C; Package: 20-CerDIP CMOS Programmable Peripheral Interface; Temperature Range: -40°C to 85°C; Package: 44-PLCC T&R General Purpose Timers; Temperature Range: -40°C to 85°C; Package: 8-SOIC General Purpose Timers; Temperature Range: -40°C to 85°C; Package: 8-PDIP General Purpose Timers; Temperature Range: -55°C to 125°C; Package: 14-CerDIP CMOS Programmable Interval Timer; Temperature Range: -40°C to 85°C; Package: 24-CerDIP CMOS 8-Bit/16-Bit Microprocessor; Temperature Range: -40°C to 85°C; Package: 40-PDIP CMOS Priority Interrupt Controller; Temperature Range: -40°C to 85°C; Package: 28-CerDIP CMOS Programmable Peripheral Interface; Temperature Range: -40°C to 85°C; Package: 44-MQFP
|
Honeywell International, Inc. Air Cost Control
|
HS-82C54RH HS1-82C54RH HS1-82C54RH-8 HS1-82C54RH-Q |
From old datasheet system Radiation Hardened CMOS Programmable Interval Timer Radiation Hardened CMOS RProgrammable Interval TimerS
|
INTERSIL[Intersil Corporation]
|
TS3V555 TS3V555I 4075 TS3V555ID |
Analog Timer Circuit 模拟定时器电 From old datasheet system 3V LOW POWER SINGLE TIMERS
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
MSM82C59A-2 MSM82C59A-2JS |
PROGRAMMABLE INTERRUPT CONTROLLER 可编程中断控制器 Programmable Universal Timers(可编程中断控制器,单片8中断控制,可级联成64中断控制)
|
OKI SEMICONDUCTOR CO., LTD.
|
STR750FV0H6 STR755FR0H6 STR755FV0H6 STR751FR0 STR7 |
ARM7TDMI-S垄芒 32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN ARM7TDMI-S 32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN ARM7TDMI-S?/a> 32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN ARM7TDMI-S?/a> 32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN ARM7TDMI-S?32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
|
STMicroelectronics
|
MC14536B-D |
Programmable Timer
|
ON Semiconductor
|
CD4541-D14-T |
PROGRAMMABLE TIMER
|
Unisonic Technologies
|
HD14541B |
Programmable Oscillator/Timer
|
HITACHI[Hitachi Semiconductor]
|
D8254 |
PROGRAMMABLE INTERVAL TIMER
|
Electronic Theatre Controls, Inc. ETC
|
|