PART |
Description |
Maker |
PCX7457MG1250NC PCX7457VG1150NC PCX7457VG700NC PCX |
32-BIT, 1250 MHz, RISC PROCESSOR, CBGA483 32-BIT, 1150 MHz, RISC PROCESSOR, CBGA483 32-BIT, 700 MHz, RISC PROCESSOR, CBGA483 32-BIT, 733 MHz, RISC PROCESSOR, CBGA483 32-BIT, 666 MHz, RISC PROCESSOR, CBGA483
|
E2V TECHNOLOGIES PLC ATMEL CORP
|
PR3000A-33SF172M PR3000A-33MQ160C PR3000A-33SF172C |
32-BIT, 33 MHz, RISC PROCESSOR, CQFP172 HERMETIC SEALED, CAVITY-DOWN, STRAIGHT, CERAMIC, QFP-172 32-BIT, 33 MHz, RISC PROCESSOR, PQFP160 EIAJ, GULL WING, CAVITY-DOWN, METAL, QFP-160 32-BIT, 33 MHz, RISC PROCESSOR, CPGA175 HERMETIC SEALED, CAVITY-DOWN, CERAMIC, PGA-175
|
Performance Semiconductor, Corp.
|
IBM25PPC740L-GB300A2R IBM25PPC740L-GB350A2R IBM25P |
32-BIT, 300 MHz, RISC PROCESSOR, CBGA255 21 X 21 MM, 1.27 MM PITCH, CERAMIC, BGA-255 32-BIT, 350 MHz, RISC PROCESSOR, CBGA255 21 X 21 MM, 1.27 MM PITCH, CERAMIC, BGA-255 32-BIT, 375 MHz, RISC PROCESSOR, CBGA255 21 X 21 MM, 1.27 MM PITCH, CERAMIC, BGA-255 32-BIT, 400 MHz, RISC PROCESSOR, CBGA255 21 X 21 MM, 1.27 MM PITCH, CERAMIC, BGA-255 32-BIT, 333 MHz, RISC PROCESSOR, CBGA255 21 X 21 MM, 1.27 MM PITCH, CERAMIC, BGA-255 32-BIT, 366 MHz, RISC PROCESSOR, CBGA360
|
Electronic Theatre Controls, Inc.
|
XPC8250AZUPHBA KMPC8250ACVRIHBC |
32-BIT, 300 MHz, RISC PROCESSOR, PBGA480 37.50 X 37.50 MM, TBGA-480 32-BIT, 200 MHz, RISC PROCESSOR, PBGA516
|
Freescale Semiconductor, Inc. FREESCALE SEMICONDUCTOR INC
|
MPC8360CVVAJDGA MPC8360EVVAHFG FREESCALESEMICONDUC |
32-BIT, 533 MHz, RISC PROCESSOR, PBGA740 32-BIT, 500 MHz, RISC PROCESSOR, PBGA740 MPC8360E/MPC8358E PowerQUICC II Pro Processor PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
|
FREESCALE SEMICONDUCTOR INC Freescale Semiconductor, Inc Freescale Semiconductor, In... Freescale Semiconductor...
|
MPC603PFE180LX MPC603PFE233LX MPC603PFE200LX MPC60 |
32-BIT, 180 MHz, RISC PROCESSOR, CQFP240 32 X 32 MM, 4.10 MM HEIGHT, 0.50 MM PITCH, CERAMIC, QFP-240 32-BIT, 233 MHz, RISC PROCESSOR, CQFP240 32 X 32 MM, 4.10 MM HEIGHT, 0.50 MM PITCH, CERAMIC, QFP-240 32-BIT, 200 MHz, RISC PROCESSOR, CQFP240 32 X 32 MM, 4.10 MM HEIGHT, 0.50 MM PITCH, CERAMIC, QFP-240 32-BIT, 240 MHz, RISC PROCESSOR, CQFP240 32 X 32 MM, 4.10 MM HEIGHT, 0.50 MM PITCH, CERAMIC, QFP-240 32-BIT, 166 MHz, RISC PROCESSOR, CQFP240 32 X 32 MM, 4.10 MM HEIGHT, 0.50 MM PITCH, CERAMIC, QFP-240 32-BIT, 220 MHz, RISC PROCESSOR, CQFP240 32 X 32 MM, 4.10 MM HEIGHT, 0.50 MM PITCH, CERAMIC, QFP-240 32-BIT, 160 MHz, RISC PROCESSOR, CQFP240 32 X 32 MM, 4.10 MM HEIGHT, 0.50 MM PITCH, CERAMIC, QFP-240 32-BIT, 225 MHz, RISC PROCESSOR, CQFP240 32 X 32 MM, 4.10 MM HEIGHT, 0.50 MM PITCH, CERAMIC, QFP-240
|
Freescale Semiconductor, Inc.
|
PC7447VGU733LB PC7457VGU700LC |
32-BIT, 733 MHz, RISC PROCESSOR, CBGA360 32-BIT, 700 MHz, RISC PROCESSOR, CBGA483
|
E2V TECHNOLOGIES PLC ATMEL CORP
|
MCF54450CVM180 MCF54455CVR200 |
32-BIT, 180 MHz, RISC PROCESSOR, PBGA256 32-BIT, 200 MHz, RISC PROCESSOR, PBGA360
|
FREESCALE SEMICONDUCTOR INC
|
IBM25PPC440GP-3CC400E IBM25PPC440GP-3CC400C IBM25P |
32-BIT, 400 MHz, RISC PROCESSOR, CBGA552 25 X 25 MM, CERAMIC, BGA-552 32-BIT, 400 MHz, RISC PROCESSOR, PBGA552 25 X 25 MM, FLIP CHIP, PLASTIC, BGA-552 32-BIT, 466 MHz, RISC PROCESSOR, PBGA552 25 X 25 MM, FLIP CHIP, PLASTIC, BGA-552 32-BIT, 500 MHz, RISC PROCESSOR, PBGA552 25 X 25 MM, FLIP CHIP, PLASTIC, BGA-552
|
Applied Micro Circuits, Corp. Electronic Theatre Controls, Inc.
|
MPC8280VRQLDX MPC8280VRPKBX |
32-BIT, 333 MHz, RISC PROCESSOR, PBGA516 32-BIT, 300 MHz, RISC PROCESSOR, PBGA516
|
FREESCALE SEMICONDUCTOR INC
|
RPIXP2800BA RPIXP2800AB |
32-BIT, 1000 MHz, RISC PROCESSOR, PBGA1356 32-BIT, 1400 MHz, RISC PROCESSOR, PBGA1356
|
INTEL CORP
|
|