PART |
Description |
Maker |
BCAH180-300H-D BCAH045-285-V |
28250 MHz - 31300 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 18 dBi GAIN, 180 deg 3dB BEAMWIDTH 26350 MHz - 28500 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 23.8 dBi GAIN
|
ANDREW CORP
|
SATCOM ACR7HXB17CFREQ TDR5HYD57CFREQ TDS5HYD57CFRE |
Temperature Compensated Crystal Oscillators(Frequency from 0.5 MHz to 160 MHz)(温度补偿晶体振荡频率变动:0.5 MHz-160 MHz)) TCXO, CLOCK, 0.5 MHz - 160 MHz, ACMOS OUTPUT TCVCXO, CLOCK, 0.5 MHz - 160 MHz, TTL OUTPUT TCXO, CLOCK, 0.5 MHz - 160 MHz, TTL OUTPUT TCXO, CLOCK, 0.5 MHz - 160 MHz, HCMOS OUTPUT
|
Vectron International, Inc.
|
BLF6G27LS-75 BLF6G27-75 |
Product description75 W LDMOS power transistor for base station applications at frequencies from 2500 MHz to 2700 MHz WiMAX power LDMOS transistor S BAND, Si, N-CHANNEL, RF POWER, MOSFET 75 W LDMOS power transistor for base station applications at frequencies from 2500 MHz to 2700 MHz. BLF6G27-75<SOT502A (LDMOST)|<<http://www.nxp.com/packages/SOT502A.html<1<Always Pb-free,;
|
NXP Semiconductors N.V.
|
SNW1500S SNW1500SA |
150 MHz - 174 MHz MOBILE STATION ANTENNA, 2.15 dBi GAIN
|
|
PG1N0F-0093-009 |
928 MHz - 944 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 9 dBi GAIN
|
ANDREW CORP
|
PCSD18-06516-6DM |
1710 MHz - 1880 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 17.5 dBi GAIN, 65 deg 3dB BEAMWIDTH
|
CommScope, Inc.
|
PCSD19-09012-0D |
1850 MHz - 1990 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 14 dBi GAIN, 90 deg 3dB BEAMWIDTH
|
CommScope, Inc.
|
PCS-06516-2DM |
1710 MHz - 1990 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 17.5 dBi GAIN, 65 deg 3dB BEAMWIDTH
|
CommScope, Inc.
|
PCSD18SB-08514-2DZ PCSD19SB-06813-0DZ PCSD19SB-085 |
1710 MHz - 1880 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 16.7 dBi GAIN, 85 deg 3dB BEAMWIDTH 1850 MHz - 1990 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 15.4 dBi GAIN, 68 deg 3dB BEAMWIDTH 1850 MHz - 1990 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 16.5 dBi GAIN, 85 deg 3dB BEAMWIDTH 1710 MHz - 1880 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 16.5 dBi GAIN, 85 deg 3dB BEAMWIDTH 1850 MHz - 1990 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 14.4 dBi GAIN, 85 deg 3dB BEAMWIDTH 1850 MHz - 1990 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 17.7 dBi GAIN, 68 deg 3dB BEAMWIDTH 1850 MHz - 1990 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 16.7 dBi GAIN, 85 deg 3dB BEAMWIDTH 1850 MHz - 1990 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 17.5 dBi GAIN, 68 deg 3dB BEAMWIDTH 1710 MHz - 1880 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 14.4 dBi GAIN, 85 deg 3dB BEAMWIDTH
|
CommScope, Inc.
|
ACTF070020-PK11 ACTF070020_PK11 ACTF070020/PK11 |
70 MHz Standard Filter for Base Station Application
|
Advanced Crystal Technology
|
ACTF070013 ACTF070013-PK10 ACTF070013_PK10 ACTF070 |
70 MHz Standard Filter FOR base Station application
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] Advanced Crystal Technology
|
|