PART |
Description |
Maker |
H16C60 H16C30 H16C40 H16C50 |
HIGH EFFICIENCY RECTIFIERS(16A,300-600V) 高效率整流二极管6A300 - 600V的) HIGH EFFICIENCY RECTIFIERS(16A/300-600V)
|
MOSPEC[Mospec Semiconductor]
|
MAX640C/D MAX653C/D MAX653EPA MAX653ESA MAX653 MAX |
5V/3.3V/3V Adjustable, High-Efficiency, Low-IQ, Step-Down DC-DC Converters 700-mW Mono, Differential Input, Class-AB Audio Amplifier with Active Low Shutdown 8-SOIC -40 to 85 5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters 5V/3.3V/3V/可调、高效率、低IQ、降压型DC-DC转换 8-Bit Shift Register 24-SOIC -40 to 125 1 A SWITCHING REGULATOR, PDIP8 5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters 1 A SWITCHING REGULATOR, PDSO8
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
LTC1911-1.8 LTC1911-1.5 LTC1911EMS8-1.5PBF LTC1911 |
Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C SWITCHED CAPACITOR REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO8 250mA Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
BF987 Q62702-F35 |
SILICON N CHANNEL MOSFET TRIODE (For high-frequency stages up to 300 MHz, preferably in FM applications High overload capability) From old datasheet system Isolation- UL94V-0 Package Material- Power Sharing on Output- Efficiency to 84%
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
A8188SLT A8188SL 8188 A8188SL-XX A8188SLT-31 A8188 |
3.1 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PSSO3 LOW-DROPOUT REGULATORS . HIGH EFFICIENCY LOW-DROPOUT REGULATORS - HIGH EFFICIENCY
|
ALLEGRO[Allegro MicroSystems] Allegro MicroSystems, Inc.
|
LTC1436AIGN-PLL LTC1436ACGN-PLL |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS High Efficiency Low Noise Synchronous Step-Down Switching Regulators
|
http:// Linear Technology Corporation
|
KSQ60A03LB |
Low Forward Voltage Drop Low Power Loss, High Efficiency, High Surge Current Capability
|
NIEC[Nihon Inter Electronics Corporation]
|
PEG-3E-500B PEP-3R-10B PEG-3E-25B PEP-3R-70 PEP-3R |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 4A High Efficiency Switching Regulators; Package: DD PAK; No of Pins: 5; Temperature Range: 0°C to 70°C Micropower High Efficiency 3.3/5V Step-Up DC/DC Converter 10 to 500 MHz / Continuous 0° to 180° Adjustment / Voltage Controlled / Low Insertion Loss PHASE SHIFTERS
|
Merrimac Industries, Inc.
|
NCP2860 NCP2860DM277R2 |
300 mA Very Low Noise LDO 300 mA Very Low Noise, Low Dropout Linear Regulator From old datasheet system
|
ONSEMI[ON Semiconductor]
|
CF1-0816-0375-0816A |
HIGH EFFICIENCY - LOW VOLUME - HIGH POWER - LOW WEIGHT
|
HS Marston Aerospace Ltd.
|
ZXRD1050PQ16 ZXM64NO3X ZXRD1033PQ16 ZXRD1033NQ16 Z |
HIGH EFFICIENCY SIMPLESYNC?PWM DC-DC CONTROLLERS 5 V, High efficiency simplesync PWM DC-DC controller 3.3 V, High efficiency simplesync PWM DC-DC controller PTSE 30C 29#20 1#16 PIN RECP MC680X0 FPU COPROCESSOR Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3121; No. of Contacts:11; Connector Shell Size:18; Connecting Termination:Crimp; Circular Shell Style:Cable Receptacle RoHS Compliant: No HIGH EFFICIENCY SIMPLESYNC PWM DC-DC CONTROLLERS Adj, High efficiency simplesync PWM DC-DC controller
|
Diodes Incorporated ZETEX PLC Zetex Semiconductors
|
SP6648ER/TR SP6648EU/TR |
Ultra-low Quiescent Current / High Efficiency Boost Regulator Ultra-low Quiescent Current, High Efficiency Boost Regulator CANCA3100R32A10SBF80F0-05 超低静态电流,高效率升压稳压器
|
Sipex Corporation Panasonic, Corp.
|