PART |
Description |
Maker |
FCS-5052 |
3-Megapixel (2032x1536) high-definition resolution IEEE 802.3af PoE compliant to simplify deployment and installation
|
Level One
|
FCS-3062 |
2-Megapixel (1920 x 1080) high-definition resolution IEEE 802.3af PoE compliant to simplify deployment and installation
|
Level One
|
GH5409-1-LF |
Compliant with IEEE 802.3af standard for 1000 BASE-T
|
Bothhand USA, LP.
|
MP8008GV EV8008-V-00A |
Fully-Integrated IEEE 802.3af/at-Compliant PoE PD Interface with Peak Current Mode Flyback Controller Evaluation Board
|
Monolithic Power System...
|
FEP-0812 |
IEEE 802.3af/at PoE compliant to simplify deployment and installation Auto-detection and protection of non-standard PoE devices
|
Level One
|
SI3460 |
IEEE 802.3af PSE INTERFACE AND DC-DC CONTROLLER
|
Silicon Laboratories
|
LTC4263CSPBF LTC4263IDE LTC3803 LTC4259A-1 |
Single IEEE 802.3af Compliant PSE Controller with Internal Switch; Package: SO; No of Pins: 14; Temperature Range: 0°C to 70°C
|
LINEAR TECHNOLOGY CORP
|
MAX5971B MAX5971BETI |
Single-Port, 40W, IEEE 802.3af/at, PSE Controller with I2C
|
Maxim Integrated Products
|
MAX5953A MAX5953AUTM MAX5953B MAX5953BUTM MAX5953C |
IEEE 802.3af PD Interface and PWM Controllers with Integrated Power MOSFETs
|
Maxim Integrated Products
|
LTC4258CGW LTC4258 |
Quad IEEE 802.3af Power over Ethernet Controller with Integrated Detection
|
LINER[Linear Technology]
|
LTC425809 |
Quad IEEE 802.3af Power over Ethernet Controller with Integrated Detection
|
Linear Technology
|