PART |
Description |
Maker |
LA6393AT |
For Parallel Comparator Circuits High-Performance Dual Comparator
|
Sanyo Semicon Device
|
LA6393M LA6393M11 |
For Parallel Comparator Circuits High-Performance Dual Comparator
|
Sanyo Semicon Device
|
LTC1450CN LTC1450LCN LTC1450CG |
Parallel Input, 12-Bit Rail-to-Rail Micropower DACs in SSOP Quad, Micropower, Push-Pull Outputs, LinCMOS(TM) Voltage Comparator 14-TSSOP 0 to 70 Quad, Micropower, Push-Pull Outputs, LinCMOS(TM) Voltage Comparator 14-SOIC 0 to 70 PARALLEL, WORD INPUT LOADING, 14 us SETTLING TIME, 12-BIT DAC, PDSO24
|
Linear Technology Corporation Linear Technology, Corp.
|
14-56-4065 |
2.54mm (.100") Pitch SL垄芒 Insulation Displacement Connector Assembly, Female,Single Row, Version D, Back Ribs, Wire Size 28, 0.76楼矛m (30楼矛") Gold (Au), 6 Circui
|
Molex Electronics Ltd.
|
HCTS85MS02 HCTS85MS HCTS85DMSR HCTS85K/SAMPLE |
HCT SERIES, 4-BIT MAGNITUDE COMPARATOR, TRUE OUTPUT, CDFP16 HCT SERIES, 4-BIT MAGNITUDE COMPARATOR, TRUE OUTPUT, CDIP16 Radiation Hardened 4-Bit Magnitude Comparator Comparator, Digital, Magnitude, 4-Bit, TTL Inputs, Rad-Hard, High-Speed, CMOS, Logic
|
Intersil Corporation
|
MIC6270YM5 MIC627008 MIC6270YM5TR |
IttyBitty Comparator COMPARATOR, 9000 uV OFFSET-MAX, 600 ns RESPONSE TIME, PDSO5
|
Micrel Semiconductor MICREL INC
|
0015912205 |
2.54mm (.100) Pitch SL垄芒 Wire-to-Board Header, Low Profile, Surface Mount, Single Row, Right Angle, .120 Pocket, Shrouded, with Press-fit Plastic Peg, 20 Circui
|
Molex Electronics Ltd.
|
MAX9051AESA MAX9051AEUT-T MAX9041 MAX9041AESA MAX9 |
Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs COMPARATOR, 7000 uV OFFSET-MAX, 450 ns RESPONSE TIME, PDSO8
|
Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
EL5285CS EL5285CS-T13 EL5285CS-T7 EL5285I |
Dual 4ns High-Speed Comparator DUAL COMPARATOR, 4000 uV OFFSET-MAX, PDSO14
|
Intersil, Corp. Intersil Corporation
|
TA7521P |
Dual Comparator Voltage Comparator
|
Toshiba
|
AD8468WBKSZ-RL AD8468WBKSZ-R7 |
Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator COMPARATOR, 10000 uV OFFSET-MAX, 50 ns RESPONSE TIME, PDSO6
|
Analog Devices ANALOG DEVICES INC
|
|