PART |
Description |
Maker |
MDS-223PIN M223 |
Surface Mount Double-Balance Mixer, 10 KHz - 500 MHz
|
MACOM[Tyco Electronics]
|
AD1385TD/883B AD1385 |
16-Bit 500 kHz Wide Temperature Range Sampling ADC(16浣?00kHz瀹芥俯搴???撮??妨/D杞???? 16-Bit 500 kHz Wide Temperature Range Sampling ADC 1-CH 16-BIT FLASH METHOD ADC, PARALLEL ACCESS, CDIP48 16-Bit 500 kHz Wide Temperature Range Sampling ADC(1600kHz宽温度范围采样A/D转换
|
Analog Devices, Inc.
|
0510-50A |
50 W, 28 V, 500-1000 MHz common emitter transistor 50 Watts, 28 Volts, Class AB Defcom 500 - 1000 MHz TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 3.7A I(C) | SOT-324VAR 晶体管|晶体管|叩| 60V的五(巴西)总裁| 3.7AI(丙)|的SOT - 324VAR 500-1000 MHz, Class AB, Common Emitter; fO (MHz): 1000; P(out) (W): 50; P(in) (W): 10; Gain (dB): 7; Vcc (V): 28; ICQ (A): 0.1; Case Style: 55AV-2
|
GHZTECH[GHz Technology] MICROSEMI POWER PRODUCTS GROUP
|
S10 |
10 MHz - 500 MHz RF/MICROWAVE SGL POLE SGL THROW SWITCH, 4.5 dB INSERTION LOSS 10 to 500 MHz THIN FILM SPST SWITCH
|
MACOM[Tyco Electronics]
|
NCP1509 NCP1509MNR2 NCP1509MNR2G |
0.8 A SWITCHING REGULATOR, 1000 kHz SWITCHING FREQ-MAX, PDSO10 Up to 500 mA, 1 MHz, High Efficiency Synchronous Step−Down DC−DC Converter in DFN Package
|
ON Semiconductor
|
UC3845BD1013TR UC3843BN E-UC3842BN E-UC3843BD1 UC3 |
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER 1 A SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PDIP8 1 A SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PDSO8 SO-8
|
STMicroelectronics N.V.
|
NC501SM-12 NC501SM-28 NC503SM-28 NC504SM-28 |
Surface Mount Noise Sources 200 kHz to 500 MHz SURFACE MOUNT NOISE SOURCE SERIES
|
Micronetics, Inc.
|
LRDC-10-1J |
Directional Coupler 50Ω 5 to 500 MHz Directional Coupler 50惟 5 to 500 MHz Directional Coupler 50ヘ 5 to 500 MHz
|
http:// Mini-Circuits
|
AD8367 AD8367ARU AD8367ARU-REEL AD8367ARU-REEL-7 A |
500 MHz/ Linear-in-dB VGA with AGC Detector 500 MHz, Linear-in-dB VGA with AGC Detector 500 MHz, 45 dB Linear-in-dB Variable Gain Amplifier
|
http:// Analog Devices, Inc. AD[Analog Devices]
|
NZG150-500K |
Legacy 100 Hz to 500 kHz
|
Micronetics, Inc.
|