PART |
Description |
Maker |
APM4320KC-TRG |
13000 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, MS-012AA GREEN, SOP-8
|
Anpec Electronics, Corp.
|
XCS30 XCS10-3BG256C XCS10-3BG256I XCS10-3CS144C XC |
Available in both 5V and 3.3V versions FPGA, 576 CLBS, 10000 GATES, 125 MHz, PQFP100 FPGA, 576 CLBS, 10000 GATES, 166 MHz, PQFP144 FPGA, 784 CLBS, 13000 GATES, 125 MHz, PQFP208 FPGA, 784 CLBS, 13000 GATES, 166 MHz, PQFP240 XCS40XL-4PQ240C - NOT RECOMMENDED for NEW DESIGN FPGA, 784 CLBS, 13000 GATES, 217 MHz, PQFP240 Spartan and Spartan-XL FPGA Families Data Sheet Full readback capability for program verification
|
XILINX INC Xilinx, Inc. http://
|
HER7G HER1G HER2G HER3G HER4G HER5G HER6G |
13000 GATE 3.3 VOLT LOGIC CELL ARRAY - NOT RECOMMENDED for NEW DESIGN MINIATURE HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
|
GOOD-ARK[GOOD-ARK Electronics]
|
HER207 HER207-T3 HER207-TB HER206 HER206-T3 HER206 |
10000 GATE 3.3 VOLT LOGIC CELL ARRAY - NOT RECOMMENDED for NEW DESIGN 5000 GATE 3.3 VOLT LOGIC CELL ARRAY - NOT RECOMMENDED for NEW DESIGN 13000 GATE LOGIC CELL ARRAY - NOT RECOMMENDED for NEW DESIGN 13000 GATE 3.3 VOLT LOGIC CELL ARRAY - NOT RECOMMENDED for NEW DESIGN 2.0A HIGH EFFICIENCY RECTIFIER 2.0安培高速整流二极管
|
WTE[Won-Top Electronics] Won-Top Electronics Co., Ltd.
|
XC4000E XC4002XL XC4003E XC4005E XC4005XL XC4006E |
Logic Cell Array Family Shielded Multiconductor Cable; Number of Conductors:15; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:8; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No; Conductor Material:Copper; Jacket Color:Chrome RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:25; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No; Conductor Material:Copper; Jacket Color:Chrome RoHS Compliant: Yes MB 41C 27#20 14#16 PIN PLUG Multiconductor Cable; Number of Conductors:10; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No; Conductor Material:Copper; Jacket Color:Chrome RoHS Compliant: Yes FAN 220AC BISCUIT BT3A1 W/O FG RES, POT 2K 10% .5W 25T CE T.A Solid-State Panel Mount Relay; Output Device:SCR; Output Voltage Max:280Vrms; Output Voltage Min:24Vrms; Control Voltage Max:32VDC; Control Voltage Min:3VDC; Load Current Max:90A; Switching:Zero Cross; Load Current Min:0.04A RES POT 5K00 PT 25T TA CE 3/8 XC4000E and XC4000X Series Field Programmable Gate Arrays XC4000E和XC4000X系列现场可编程门阵列 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 1024 CLBS, 18000 GATES, 166 MHz, PQFP240 High Insulation Power Relay (Sealed 1 Form C 1-Coil Latch) FPGA, 324 CLBS, 6000 GATES, 111 MHz, PQFP208 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 217 MHz, PQFP176 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 111 MHz, PQFP240 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 13000 CLBS, 13000 GATES, 179 MHz, PQFP144 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 400 CLBS, 7000 GATES, 217 MHz, PQFP144 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 400 CLBS, 7000 GATES, 217 MHz, PQFP208 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 179 MHz, PQFP208 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 200 MHz, PQFP208 Labels; External Height:0.5"; External Width:0.5"; Label Material:Nylon-Cloth FPGA, 576 CLBS, 10000 GATES, 200 MHz, PQFP160 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 238 MHz, PBGA256 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 1024 CLBS, 18000 GATES, 217 MHz, PBGA256 RESISTOR-VARIABLE,LINEAR 50K,20 TURN,3/8 XC4000E和XC4000X系列现场可编程门阵列 RESISTOR-VARIABLE,LINEAR 20K,20 TURN XC4000E和XC4000X系列现场可编程门阵列 RESISTOR-VARIABLE,LINEAR 100K,20 TURN FPGA, 576 CLBS, 10000 GATES, 217 MHz, PBGA256 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 217 MHz, PQFP240 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 179 MHz, PQFP240 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 64 CLBS, 1000 GATES, 217 MHz, PQFP100 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 13000 CLBS, 13000 GATES, 166 MHz, PQFP160 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 64 CLBS, 1000 GATES, 179 MHz, PQCC84 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 1024 CLBS, 18000 GATES, 166 MHz, PQFP160 XC4000E and XC4000X Series Field Programmable Gate Arrays XC4000EXC4000X系列现场可编程门阵列 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 13000 CLBS, 13000 GATES, 179 MHz, PQFP208 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 13000 CLBS, 13000 GATES, 200 MHz, PQFP208 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 400 CLBS, 7000 GATES, 200 MHz, PQFP100 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 400 CLBS, 7000 GATES, 200 MHz, PQFP208 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 400 CLBS, 7000 GATES, 179 MHz, PQFP160 SureGrip Hook Test Clips; For Use With:Fluke TL222 and TL224 Test Leads; Color:One Red, One Black RoHS Compliant: NA
|
Xilinx, Inc. TE Connectivity, Ltd. XILINX INC
|
LZ931000 LZ9813000 LZ9811000 LZ9G1900 LZ95300 LZ95 |
FPGA, 1010 GATES FPGA, 13000 GATES FPGA, 11000 GATES FPGA, 1900 GATES FPGA, 315 GATES FPGA, 1680 GATES FPGA, 6075 GATES FPGA, 5000 GATES FPGA, 8370 GATES FPGA, 650 GATES
|
SHARP ELECTRONICS CORP
|
FDS6961AZ FDS6961AZL86Z FDS6961AZL99Z |
3.5 A, 30 V, 0.09 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET SO-8 TRANSISTOR | MOSFET | MATCHED PAIR | N-CHANNEL | 30V V(BR)DSS | 3.5A I(D) | SO Dual N-Channel Logic Level PowerTrench MOSFET
|
Fairchild Semiconductor, Corp.
|
HI3-0506A-5Z |
16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel,CMOS Analog MUXs with Active Overvoltage Protection
|
Intersil Corporation
|
FDS8858CZ |
Dual N & P-Channel PowerTrench? MOSFET N-Channel: 30V, 8.6A, 17.0mΩ P-Channel: -30V, -7.3A, 20.5mΩ Dual N & P-Channel PowerTrench㈢ MOSFET N-Channel: 30V, 8.6A, 17.0mヘ P-Channel: -30V, -7.3A, 20.5mヘ
|
Fairchild Semiconductor
|
PHN210T |
Dual N-channel TrenchMOS intermediate level FET 3.4 A, 30 V, 0.1 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET, MS-012AA
|
NXP Semiconductors N.V.
|
|