PART |
Description |
Maker |
Q62703-Q3278 Q62703-Q3284 LST776 LST776-NR LST776- |
SCR PHASE CONTROL 1200V 16A TO64 Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:14; No. Strands x Strand Size:42 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Temperature Max:105 C; Voltage Nom.:600V RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:14; No. Strands x Strand Size:42 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Leaded Process Compatible:Yes; Temperature Max:105 C RoHS Compliant: Yes SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 125 Vac, 1 A, Pin Plunger Actuator, Solder Termination Hyper TOPLED RG Hyper-Bright LED SINGLE COLOR LED, SUPER RED, 2.4 mm Hyper TOPLED RG Hyper-Bright LED SINGLE COLOR LED, ORANGE, 2.4 mm Hyper TOPLED RG Hyper-Bright LED 超TOPLED的RG超高亮LED Hyper TOPLED RG Hyper-Bright LED SINGLE COLOR LED, AMBER, 2.4 mm
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] Siemens Group SIEMENS AG
|
BP280TO5-2.1V-090T BP280TO5-2.1V-090N BP280TO3-5V- |
T-1 3/4 SINGLE COLOR LED, PURE ORANGE, 5 mm T-1 3/4 SINGLE COLOR LED, STANDARD RED, 5 mm T-1 3/4 SINGLE COLOR LED, HIGH EFFICIENCY GREEN, 5 mm T-1 3/4 SINGLE COLOR LED, HIGH EFFICIENCY RED, 5 mm T-1 3/4 SINGLE COLOR LED, BLUE, 5 mm T-1 3/4 SINGLE COLOR LED, AMBER YELLOW, 5 mm T-1 3/4 SINGLE COLOR LED, ULTRA RED, 5 mm 5 mm, 1 ELEMENT, INFRARED LED, 850 nm T-1 3/4 SINGLE COLOR LED, PURE GREEN, 5 mm T-1 3/4 SINGLE COLOR LED, LIME YELLOW, 5 mm 5 mm, 1 ELEMENT, INFRARED LED, 940 nm 5 mm, 1 ELEMENT, INFRARED LED, 880 nm
|
LEDtronics, Inc. LEDTRONICS INC
|
LH3344-QO |
T-1 SINGLE COLOR LED, HYPER RED, 3 mm
|
SIEMENS A G
|
BLS102SURC-A110 |
T-4 SINGLE COLOR LED, HYPER RED, 10 mm
|
|
LH3344-QTE7507 |
T-1 SINGLE COLOR LED, HYPER RED, 3 mm
|
SIEMENS A G
|
LH5464-NE7508 |
T-1 3/4 SINGLE COLOR LED, HYPER RED, 5 mm
|
SIEMENS A G
|
CDLE-033-190 333-2SURC-S530-A2 333-2SURC/S530-A2 |
5.0mm Round Type LED Lamps T-1 3/4 SINGLE COLOR LED, HYPER RED, 5 mm
|
Everlight Electronics Co., Ltd EVERLIGHT ELECTRONICS CO LTD
|
BLF051SURC/E28V BLF051SURC-E28V |
5mm FLANGE BASED LED LAMP T-1 3/4 SINGLE COLOR LED, HYPER RED, 5 mm
|
Kingbright Corporation. Kingbright, Corp.
|
APD3224SURC-F01 |
T-3/4 SINGLE COLOR LED, HYPER RED, 1.9 mm 3.2x2.4mm SMD CHIP LED LAMP
|
Kingbright Corporation.
|
DDH-GJS-M1 DDH-GJS-MN2-1 DDH-GJS-NP2-1 DDH-GJS-M2 |
LED SINGLE COLOR LED, HYPER RED LED 发光二极
|
DOMINANT Opto Technologies Sdn Bhd. DOMINANT Opto Technologies Sdn. Bhd.
|
AA4040SURCK |
4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP SINGLE COLOR LED, HYPER RED, 2.4 mm
|
Kingbright, Corp. KINGBRIGHT[Kingbright Corporation]
|
LAK376-U LAK376-SV LAK376-RU Q62703-Q3739 LOK376-R |
Hyper ARGUS LED Hyper-Bright 3 mm T1 LED Non Diffused Hyper ARGUS LED Hyper-Bright/ 3 mm T1 LED/ Non Diffused Hyper ARGUS LED Hyper-Bright, 3 mm T1 LED, Non Diffused SINGLE COLOR LED, YELLOW, 3 mm Hyper ARGUS LED Hyper-Bright / 3 mm T1 LED / Non Diffused Hyper ARGUS LED Hyper-Bright, 3 mm T1 LED, Non Diffused 超乌鳢的LED超亮度,3毫米T1的LED,非漫射
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG Siemens Group
|
|