PART |
Description |
Maker |
CY8C24794-SPI CY8C24794-SPAX CY8C24794-SPLFX CY8C2 |
Explosion-Proof Limit Switches Series CX: Short Housing: Top Plunger; 1NC 1NO SPDT Snap Action; Number of internal basic switches BZ: 1; 0.75 in - 14NPT conduit Environmentally sealed limit switch with Leadwire termination, Rotary Roller Lever actuation, Double Pole Double Throw (DPDT) Circuitry, 5 A (Resistive) ampere rating at 28 Vdc, Military Part Number MS21320-2 PSoCTM Mixed-Signal Array PSoCTM混合信号阵列 Environmentally sealed limit switch with Leadwire termination, Rotary Roller Lever actuation, Double Pole Double Throw (DPDT) Circuitry, 5 A (Resistive) ampere rating at 28 Vdc, Military Part Number MS21320-1 PSoCTM混合信号阵列
|
Cypress Semiconductor Corp.
|
PIBVEXP OSYEXP |
Explosion Proof Supervisory Switch
|
Systemsensor advanced ideas.
|
185BW CAMPKCOMPONENTSINC-TFCFF5SA105BW TFCCF5VT255 |
SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 11.56mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.5A, 125VDC, 11.56mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 1A, 30VDC, 9.53mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 1A, 30VDC, 9.4mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 1A, 30VDC, 9.4mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 1A, 30VDC, 4.24mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 1A, 30VDC, 9.53mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 2.28mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 4.19mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 2.28mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 11.56mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 1A, 30VDC, 11.56mm, PANEL MOUNT
|
C & K COMPONENTS INC
|
D388-A8AA D388-A8KA D388-A8KL D388-A8LD D388-A8ML |
SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 2.7mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 4.4mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 21.9mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 5.6mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 2.5mm, PANEL MOUNT
|
THE CHERRY CORP
|
AM51646C6R3N AM51646C5L3N AM51646C7L3N AM50040C5R3 |
SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 16A, 125VDC, 4.6mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.1A, 30VDC, 2.4mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.1A, 30VDC, 2.5mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 6A, 125VDC, 9.7mm, PANEL MOUNT
|
Harwin PLC Littelfuse, Inc.
|
DC1EP4LD DC3CK7LD DC3CK7RD DC1FT7SD |
SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 1A, 48VDC, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, THROUGH HOLE-RIGHT ANGLE SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 1A, 48VDC, THROUGH HOLE-RIGHT ANGLE
|
ZF Electronics, Corp. THE CHERRY CORP
|
S2A-T3 S2A-T1 S2G-T3 S2A S2M-T3 S2B-T1 S2B-T3 S2D- |
Series HDLS Plug-in: Side Rotary; 1NC 1NO SPDT Snap Action; 20 mm Explosion-Proof Limit Switches Series GXS: Top Plunger; 1NC 1NO SPDT Snap Action; 5 m Cable 2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|
3418 ABS5612413 ABS5612518 |
SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.1A, 30VDC, 5.1mm, THROUGH HOLE-RIGHT ANGLE SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.1A, 30VDC, 5.1mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.1A, 30VDC, 4mm, PANEL MOUNT
|
|
GSAB40C-Q03 GSAA40C-Q01 GSAA40C-Q03 GSAC20C-Q01 GS |
SNAP ACTING/LIMIT SWITCH, MOMENTARY, 2.8A, 24VDC, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, DPDT, MOMENTARY, 2.8A, 24VDC, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, MOMENTARY, 0.1A, 50VDC, PANEL MOUNT
|
HONEYWELL SENSING AND CONTROL
|
ABJ582861 ABJ241061 ABJ2410619 ABJ241241 ABJ141240 |
SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 4mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.85mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 3.5mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 1A, 30VDC, 3.5mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 8.5mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 2A, 30VDC, 4mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 1A, 30VDC, 8.5mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 2A, 30VDC, 4mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 8.5mm, PANEL MOUNT
|
|
VB-3221 VB-3141 VB-4211 VB-4151 VB-4221 VB-4111 VB |
Multiple Limit Switch
|
Omron Electronics LLC http://
|
BZ-3R-A2 |
SNAP ACTING/LIMIT SWITCH
|
HONEYWELL SENSING AND CONTROL
|
|