PART |
Description |
Maker |
1331 1332 1320G1BLACK 1327 1300 110G9 1377G1 1377G |
CONTACT 15A CRIMP/SOLDER POWERPOLE HOUSING & CONT.BLK POWERPOLE HOUSING RED POWERPOLE HOUSING & CONT.BLUE CONTACT 25A 90DEG PCB 0.7 CONTACT 25A VERTICAL PCB MTG POWERPOLE HOUSING & CONT. RED PLUG FREE LATCHED 6 WAY CONTACT 25A 90DEG PCB 0.4 联系25A90度板0.4 CONTACT 30A CRIMP/SOLDER 联系30A条卷 POWERPOLE HOUSING & CONT. RED POWERPOLE房屋 LOCKING PIN POWERPACK 锁销强力 POWERPOLE HOUSING GREEN POWERPOLE房屋
|
3M Company Anderson Power Products, Inc.
|
IDT74ALVCH16841 |
3.3V CMOS 20-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD
|
IDT
|
IDT74ALVCH16821 74ALVCH16821_DS_66945 |
3.3V CMOS 20-BIT BUS-INTERFACE FLIPFLOP WITH 3-STATE OUTPUTS AND BUS-HOLD From old datasheet system
|
IDT
|
HS4-3282-8 HS4-3282-9 HS1-3282-8 HS-3282 5962-8688 |
CMOS ARINC Bus Interface Circuit From old datasheet system CMOS ARINC Bus Interface Circuit 1 CHANNEL(S), 100K bps, SERIAL COMM CONTROLLER, CDIP40
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
PCF85102C-2T/03 PCF85102C-2P/03 PCF85102C-2T/0311 |
256 x 8-bit CMOS EEPROM with I2C-bus interface PCF85102C-2; 256 x 8-bit CMOS EEPROM with I²C-bus interface
|
NXP Semiconductors N.V. Philips
|
IRFN340SMD |
N-Channel Power MOSFET(BVdss:400V,Id(cont):10A,Rds(on):0.55Ω)(N沟道功率MOS场效应管(BVdss:400V,Id(cont):10A,Rds(on):0.55Ω))
|
SemeLAB SEME-LAB[Seme LAB]
|
NP5Q128A13ESFC0E NP5Q128AE3ESFC0E |
128-Mbit, Quad/Dual/Single Serial Interface, 128-Kbyte Sectors Phase Change Memory (PCM) with 66MHz SPI Bus Interface
|
Numonyx B.V
|
TC74LVXC3245FS E005096 |
From old datasheet system OCTAL DUAL SUPPLY CONFIGURABLE VOLTAGE INTERFACE BUS TRANSCEIVER OCTAL DUAL SUPLY CONFIGURABLE VOLTAGE INTERFACE BUS TRANSCEIVER
|
TOSHIBA[Toshiba Semiconductor]
|
Q67100-H9020 SDE2526 Q67100-H3262 Q67100-H3261 SDE |
Nonvolatile Memory 2-Kbit E2PROM with I2C Bus Interface with Extended Temperature Range 非易失性内与I2C总线接口与千位E2PROM的扩展温度范 OSC 5V SMT 7X5 CMOS PROGRM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 Nonvolatile Memory 2-Kbit EEPROM with IIC Bus Interface with Extended Temperature Range(2-K位EEPROM(带IIC总线接口,扩展温度范围)) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
MB86046B |
MB86046B is home bus protocol controller for the home bus interface
|
ETC
|
INF8594E |
512 x 8-bit CMOS EEPROM with IIC-bus interface 512 x 8-Bit CMOS EEPROM with I2C-Bus Interface
|
Integral Corp.
|