PART |
Description |
Maker |
50K60-01-1-03N 51K30-01-1-08N 51K30-01-1-06N |
0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-3POSITIONS, SP3T, LATCHED, 0.2A, 28VDC, PANEL MOUNT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-8POSITIONS, SP8T, LATCHED, 0.2A, 28VDC, PANEL MOUNT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-6POSITIONS, SP6T, LATCHED, 0.2A, 28VDC, PANEL MOUNT
|
Grayhill, Inc. GRAYHILL INC
|
50DP36-01-1-AJN 50DP36-01-2-AJN 50DP45-01-2-AJN 50 |
0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-10POSITIONS, SP10T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-5POSITIONS, DP5T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-4POSITIONS, DP4T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-6POSITIONS, SP6T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-8POSITIONS, SP8T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-3POSITIONS, DP3T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-4POSITIONS, SP4T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-2POSITIONS, DPDT, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-10POSITIONS, SP10T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-4POSITIONS, SP4T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED
|
Grayhill, Inc.
|
R50-CPCB36-01106S-S R50-CPCA36-01106S-S R50-CACA36 |
ROTARY SWITCH-6POSITIONS, SP6T, LATCHED, 28A, 0.2VDC, THROUGH HOLE-STRAIGHT ROTARY SWITCH-2POSITIONS, SPDT, LATCHED, 28A, 0.2VDC, PANEL MOUNT-THREADED ROTARY SWITCH-4POSITIONS, SP4T, LATCHED, 28A, 0.2VDC, PANEL MOUNT-THREADED ROTARY SWITCH-4POSITIONS, SP4T, LATCHED, 28A, 0.2VDC, THROUGH HOLE-STRAIGHT
|
OTTO Engineering, Inc. OTTO ENGINEERING INC
|
MRA206-CE MRA206-A MRA206-B MRA112-CA MRK112-CA MR |
ROTARY SWITCH-6POSITIONS, DP6T, LATCHED, THROUGH HOLE-STRAIGHT ROTARY SWITCH-12POSITIONS, SP12T, LATCHED, THROUGH HOLE-STRAIGHT ROTARY SWITCH-12POSITIONS, SP12T, LATCHED, 0.014A, 28VDC, THROUGH HOLE-STRAIGHT ROTARY SWITCH-3POSITIONS, 4P3T, LATCHED, 0.014A, 28VDC, THROUGH HOLE-STRAIGHT ROTARY SWITCH-3POSITIONS, 4P3T, LATCHED, THROUGH HOLE-STRAIGHT ROTARY SWITCH-6POSITIONS, DP6T, LATCHED, 0.014A, 28VDC, THROUGH HOLE-STRAIGHT
|
|
C1860-105-CPS C1836-110-CPS C1836-108-CPS C1836-20 |
ROTARY SWITCH-5POSITIONS, SP5T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED ROTARY SWITCH-10POSITIONS, SP10T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED ROTARY SWITCH-8POSITIONS, SP8T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED ROTARY SWITCH-4POSITIONS, DP4T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED ROTARY SWITCH-2POSITIONS, SPDT, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED ROTARY SWITCH-4POSITIONS, SP4T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED
|
COLE INSTRUMENT CORP
|
MA00L1NZQD MA00L1NCQD MA00L2NCQD MB05L1NCQF MG00L1 |
Half-inch Rotary Switches ROTARY SWITCH-5POSITIONS, DP5T, LATCHED, 0.25A, 28VDC, THROUGH HOLE-STRAIGHT ROTARY SWITCH-12POSITIONS, SP12T, LATCHED, 0.25A, 28VDC, PANEL MOUNT-THREADED
|
C&K Components C & K COMPONENTS INC
|
PE42562A-X |
SP6T RF Switch, 9 kHz? GHz
|
Peregrine Semiconductor
|
SW-284-PIN |
GaAs Matched SP6T Switch DC - 2 GHz
|
M/A-COM Technology Solutions, Inc.
|
24001-2S 24001-3S 24001-9S 24001-9N |
ROTARY SWITCH-2POSITIONS, SPDT, LATCHED, 1A, 28VDC, PANEL MOUNT-THREADED ROTARY SWITCH-3POSITIONS, SP3T, LATCHED, 1A, 28VDC, PANEL MOUNT-THREADED ROTARY SWITCH-9POSITIONS, SP9T, LATCHED, 1A, 28VDC, PANEL MOUNT-THREADED
|
GRAYHILL INC
|
HMC252QS24E HMC252QS2408 |
GaAs MMIC SP6T NON-REFLECTIVE SWITCH, DC - 3 GHz
|
Hittite Microwave Corporation
|
|