PART |
Description |
Maker |
NM93C06EM8 NM93C06EMT8 NM93C06EN NM93CS06EMT8 NM93 |
256-Bit Serial CMOS EEPROM (MICROWIRE?/a> Synchronous Bus) The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 16 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 Card Edge Connector; No. of Contacts:40; Pitch Spacing:0.1" RoHS Compliant: Yes 256-Bit Serial CMOS EEPROM (MICROWIRE⑩ Synchronous Bus) 256-BIT SERIAL CMOS EEPROM (MICROWIRE⒙ SYNCHRONOUS BUS) 256-Bit Serial CMOS EEPROM (MICROWIRE Synchronous Bus) 256-Bit Serial CMOS EEPROM (MICROWIRE?Synchronous Bus)
|
Fairchild Semiconductor, Corp. EEPROM Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
93C46 93C46-EJ 93C46-EP 93C46-ESM 93C46-ESN 93C46- |
256 Bit/1K 5.0V CMOS Serial EEPROM 256 Bit/1K 5.0V CMOS Serial EEPROM 256 Bit/1K 5.0V的CMOS串行EEPROM 1K 5.0V Microwire Serial EEPROM
|
Microchip Technology, Inc. Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
NVM3060 |
The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS 4096-Bit EEPROM
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
AT88RF001NBSP AT88RF001-01 AT88RF001 |
The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each RF Interface IC with 256-bit EEPROM and Password. Provides an RF interface for communication with two-wire and SPI serial memories. Low-cost Asset Identification IC with serial TWI/SPI interface, 320 bits RFID External EEPROM Interface IC
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
PCF85103C-2 PCF85103C-2T PCF85103C-2P |
256 x 8-bit CMOS EEPROM with I2C-bus interface 256 X 8-bit CMOS EEPROM with I 2 C-bus interface
|
PHILIPS[Philips Semiconductors]
|
29F1610 29F1610A-10 MX29F1610A-90 MX29F1610A-10 29 |
16M-BIT [2M x8/1M x16] CMOS SINGLE VOLTAGE FLASH EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS
|
Macronix International Co., Ltd.
|
24LC024-I/SN 24LC024-I/ST 24LC024-I/P 24LC025-I/P |
256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 SERIAL EEPROM|256X8|CMOS|DIP|8PIN|PLASTIC 串行EEPROM的| 256X8 |的CMOS |双酯| 8引脚|塑料 SERIAL EEPROM|256X8|CMOS|TSSOP|8PIN|PLASTIC 串行EEPROM的| 256X8 |的CMOS | TSSOP封装| 8引脚|塑料 SERIAL EEPROM|256X8|CMOS|SOP|8PIN|PLASTIC 256-Channel, High-Throughput HDLC Controller Stratum 3 Timing Card IC with Synchronous Ethernet Support Stratum 3/3E Timing Card IC
|
Microchip Technology, Inc.
|
24C02SC 24C01SC/WF 24C02SC/W08 |
串行EEPROM的| 256X8 |CMOS |晶圆 SERIAL EEPROM|128X8|CMOS|WAFER The 24C02SC is a 2K bit Electrically Erasable PROM with bondpad positions optimized for smart card specific applications. The 24C02SC is organized as a single block of 256 x 8-bit memory with an I2C compatible 2-wire seria
|
Microchip
|
24AA128-I/MC 24AA128-E/P 24AA128-E/SM 24AA128-E/ST |
128K I2C CMOS Serial EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS
|
Microchip Technology Inc. Microchip Technology, Inc.
|