PART |
Description |
Maker |
BD678G |
Plastic Medium−Power Silicon PNP Darlingtons 4 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-225AA
|
ON Semiconductor
|
MJL3281A MJL1302A |
Complementary NPN-PNP Silicon Power Bipolar Transistor Power 15A 200V PNP
|
ON Semiconductor
|
MJE2955T MJE2955TG MJE3055TG MJE3055T |
Bipolar Power TO220 PNP 10A 60V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 10 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB Complementary Silicon Plastic Power Transistors
|
ON Semiconductor
|
2SA1396 2SA1396-AZ 2SA1396M 2SA1396-K-AZ |
TRANSISTOR | BJT | PNP | 100V V(BR)CEO | 10A I(C) | SOT-186 晶体管|晶体管|进步党| 100V的五(巴西)总裁| 10A条一(c)|的SOT - 186 10 A, 100 V, PNP, Si, POWER TRANSISTOR PNP SILICON POWER TRANSISTOR
|
NEC, Corp.
|
BD242 BD242C BD242A BD242B |
3 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220 PNP SILICON POWER TRANSISTORS
|
Power Innovations International, Inc. POINN[Power Innovations Ltd] Power Innovations Limited
|
2SB941 2SB941A 2SD1266A 2SB0941 2SD1266 2SB941APQ |
Silicon PNP epitaxial planar type power transistor Silicon PNP epitaxial planar type(For low-frequency power amplification) 3 A, 80 V, PNP, Si, POWER TRANSISTOR 3 A, 60 V, PNP, Si, POWER TRANSISTOR
|
PANASONIC[Panasonic Semiconductor] PANASONIC CORP
|
BCX52-10 BCX52-16 BCP52-16 BCP52-10 BC52PA |
60 V, 1 A PNP medium power transistors PNP medium power transistor series in Surface-Mounted Device (SMD) plastic packages.
|
NXP Semiconductors
|
2SA1319-AA 2SB631-LS 2SD600K-LS 2SB631-YA 2SA1249- |
700 mA, 160 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 1 A, 100 V, PNP, Si, POWER TRANSISTOR, TO-126 1 A, 120 V, NPN, Si, POWER TRANSISTOR, TO-126 1.5 A, 160 V, PNP, Si, POWER TRANSISTOR, TO-126
|
SANYO SEMICONDUCTOR CO LTD
|
ZX5T951Z ZX5T951ZTA |
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89 4.3 A, 60 V, PNP, Si, POWER TRANSISTOR
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
SLA4390 |
PNP NPN Darlington Transistor (H-Hridge)(PNP NPN达林顿晶体管H桥)) 5 A, 100 V, 4 CHANNEL, NPN AND PNP, Si, POWER TRANSISTOR
|
Sanken Electric Co., Ltd.
|
MJE2955T03 MJE34003 MJE52103 MJE585203 MJE80203 MR |
COMPLEMENTARY SILICON POWER TRANSISTORS COMPLEMETARY SILICON POWER TRANSISTORS SILICON NPN TRANSISTOR HIGH VOLTAGE PNP POWER TRANSISTOR SILICON NPN POWER DARLINGTON TRANSISTOR RF Power Field Effect Transistors 880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs RF LDMOS Wideband Integrated Power Amplifiers GENERAL PURPOSE L TO X-BAND GaAs MESFET 10 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
FREESCALE NEC STMICROELECTRONICS[STMicroelectronics]
|
|