PART |
Description |
Maker |
PARS304.45L00R PARS303.33L00R PARS433.42L00R PARS4 |
Frequency Range 300 to 480MHz 1-PORT SAW RESONATOR, 433.92 MHz 1-PORT SAW RESONATOR, 433.42 MHz 1-PORT SAW RESONATOR, 303.33 MHz 1-PORT SAW RESONATOR, 304.45 MHz 1-PORT SAW RESONATOR, 303.875 MHz
|
AVX Corporation AVX, Corp.
|
SU-A29BC-FREQ SU-A29B7-FREQ SU-A29BB-FREQ SU-A29B9 |
Frequency Range: 300.0MHz to 1.7GHz 频率范围00.0MHz.7G
|
NEL Frequency Controls, Inc.
|
SU-A29B7-FREQ SU-A29B0-FREQ SU-A29B1-FREQ SU-A29B9 |
Frequency Range: 300.0MHz to 1.7GHz
|
Nel Frequency Controls,...
|
FMC7G10US60 7070-12-ZDO |
IGBT Compact & Complex Module Building Entrance Terminal Signal Generator; Signal Generator Type:ARB/Frequency/Signal; Bandwidth Max:31.5MHz; Modulation Type:Amplitude/Frequency; Sweep Rate Range:0 Hz to 31.5 MHz lin/log; Sweep Time Range:1 mSec to 60 Sec; Accuracy:0.001% Frequency
|
FAIRCHILD[Fairchild Semiconductor] Bourns Inc. Fairchild Semiconductor Corporation
|
MAX6400-BMAX6405 MAX6400-MAX6405 MAX6405BS__-T MAX |
100MHz Current Feedback Video Amplifier With Disable; Temperature Range: 0°C to 70°C; Package: 8-SOIC 57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier; Temperature Range: -40°C to 85°C; Package: 16-SOIC Low Power UniSLIC14 Family; Temperature Range: -40°C to 85°C; Package: 28-PLCC 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA4 110MHz, High Slew Rate, High Output Current Buffer; Temperature Range: 0°C to 70°C; Package: 8-CerDIP 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA4 Dual 125MHz Video Current Feedback Amplifier; Temperature Range: -40°C to 85°C; Package: 8-PDIP 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA4 3.2 Microsecond Sample and Hold Amplifiers; Temperature Range: 0°C to 70°C; Package: 14-SOIC 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA4 Precision Quad Comparators; Temperature Range: 0°C to 70°C; Package: 16-SOIC 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA4 1 Microsecond Precision Sample and Hold Amplifier; Temperature Range: 0°C to 70°C; Package: 16-SOIC 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA4 Low Power UniSLIC14 Family; Temperature Range: 0°C to 70°C; Package: 28-PLCC 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA4 µP Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA4 120MHz, Low Power, 8x8 Video Crosspoint Switch; Temperature Range: 0°C to 70°C; Package: 44-PLCC 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA4 350MHz, 4x1 Video Crosspoint Switch with Synchronous Controls; Temperature Range: 0°C to 70°C; Package: 16-SOIC T&R 400MHz, 4x1 Video Crosspoint Switch; Temperature Range: 0°C to 70°C; Package: 16-QSOP T&R Low Power UniSLIC14 Family; Temperature Range: -40°C to 85°C; Package: 28-SOIC T&R 480MHz, Video Buffer with Output Disable; Temperature Range: 0°C to 70°C; Package: 6-SOT-23 T&R 330MHz, 4x1 Video Crosspoint Switch With Tally Outputs; Temperature Range: 0°C to 70°C; Package: 16-SOIC T&R 480MHz, Video Buffer with Output Disable; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R Low Cost SLIC For Large Telecom Switches; Temperature Range: 0°C to 70°C; Package: 32-QFN T&R Low Power UniSLIC14 Family; Temperature Range: -40°C to 85°C; Package: 28-PLCC T&R 400MHz, 4x1 Video Crosspoint Switch; Temperature Range: 0°C to 70°C; Package: 14-SOIC T&R Low Cost SLIC For Large Telecom Switches; Temperature Range: 0°C to 70°C; Package: 24-SOIC Low Power UniSLIC14 Family; Temperature Range: -40°C to 85°C; Package: 28-SOIC 480MHz, Video Buffer with Output Disable; Temperature Range: 0°C to 70°C; Package: 8-PDIP TR909 DLC/FLC SLIC With Low Power Standby; Temperature Range: -40°C to 85°C; Package: 28-PLCC μP Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package 渭P Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package レP Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package µP Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package
|
MAXIM INTEGRATED PRODUCTS INC 电源管理 Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
FMBL1G200US60 |
IGBT Molding Type Module 10MHz DDS Sweep Function Generator; Bandwidth Max:10MHz; Sweep Rate Range:100:1 lin/log; Sweep Time Range:10 mSec to 30 Sec; Frequency Max:10MHz; Frequency Min:0.01Hz RoHS Compliant: NA
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
FMM1103VJ |
The FMM1103VJ is a GaAs Microwave Static Frequency Divider designed for dividing an input signal by 8 over a frequency range from 2.0 to 12.0 GHz
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
AM-155PIN |
300-1000 MHz, high dynamic range amplifier, 12.5 dB gain High Dynamic Range Amplifier, 12.5 dB Gain, 300 - 1000 MHz
|
MA-Com Tyco Electronics
|
ICS9248-97 ICS9248YF-97-T ICS9248YF-97LF-T |
180 MHz, PROC SPECIFIC CLOCK GENERATOR, PDSO48 0.300 INCH, SSOP-48 16-Bit Transparent D-Type Latches With 3-State Outputs 48-SSOP -40 to 85 Frequency Generator & Integrated Buffers Frequency Timing Generator for PENTIUM II Systems
|
Integrated Device Technology, Inc. ICST[Integrated Circuit Systems]
|
AMC-155SNA |
High Dynamic Range Amplifier, 12.5dB Gain, 300 - 1000 MHz
|
Tyco Electronics
|
TB0606A |
IF SAW Filter 480MHz
|
TAI-SAW TECHNOLOGY CO., LTD. TAI-SAW TECHNOLOGY CO., LTD...
|
TB480E3 |
SAW Filter 480MHz TO-39
|
TAI-SAW TECHNOLOGY CO., LTD.
|