PART |
Description |
Maker |
MAX5360 MAX5360LEUK MAX5360MEUK MAX5360NEUK MAX536 |
4 V,low-cost, low-power, 6-bit DAC with 2-wire serial interface Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package 低成本,低功耗,6位DAC,带线串行接口,采用SOT23封装 Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package SERIAL INPUT LOADING, 20 us SETTLING TIME, 6-BIT DAC, PDSO5 Low-Cost / Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package Low-Cost Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package 2 V,low-cost, low-power, 6-bit DAC with 2-wire serial interface
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
AD7470 HSC-INTERFACEBOARD EVAL-CONTROLBOARD AD7472 |
AD7470/AD7472: 1.75MSPS. 4mW 10-Bit/12-Bit SAR ADC Data Sheet (Rev. A. 3/00) 2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP 12-Bit, 2.7 V to 5.25 V, 1.5 MSPS Low Power ADC 10-Bit, 2.7 V to 5.25 V, 1.75 MSPS Low Power ADC 1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs 1.75MSPS, 4mW 10-Bit/12-Bit SAR ADC
|
Analog Devices, Inc. AD[Analog Devices]
|
SP9600KN SP9600KS SP9600 SP9600AN SP9600AS SP9600B |
SERIAL INPUT LOADING, 20 us SETTLING TIME, 12-BIT DAC, PDIP8 12-Bit, Low Power Voltage Output D/A Converter 12-Bit Low Power Voltage Output D/A Converter 12-Bit / Low Power Voltage Output D/A Converter
|
SIPEX[Sipex Corporation]
|
5962-8961603VX 5962-8961604VX 5962-8961601VX |
2.7V to 5.25V Low-Power 8-Channel Serial 10-Bit ADCs Analog-to-Digital Converter8-Bit ±15kV ESD-Protected, Quad, Low-Power RS-232 Line Receiver 模拟到数字转换器
|
TE Connectivity, Ltd.
|
AS6C8008 |
512K X 8 BIT LOW POWER 1024K X 8 BIT SUPER LOW POWER CMOS SRAM
|
List of Unclassifed Manufacturers List of Unclassifed Manufac...
|
KM684000LI KM684000LI-10 KM684000LI-10L KM684000LI |
512Kx8 bit CMOS static RAM, 85ns, low power Quadruple Bilateral Analog Switch 14-TSSOP -40 to 85 524288亩字× 8位高速CMOS静态RAM 524,288K WORD x 8 BIT HIGH SPEED CMOS STATIC RAM 524288亩字× 8位高速CMOS静态RAM RES 1.6K-OHM 1% 0.063W 200PPM THK-FILM SMD-0603 TR-7-PA 512Kx8 bit CMOS static RAM, 100ns, low power 512Kx8 bit CMOS static RAM, 70ns, low power
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
CS5508 CS5506 CS5507 CS5505 CS5505-AP CS5505-AS CS |
Very low-power, 16/20-bit A/D conveter VERY LOW POWER 16BIT AND 20 BIT A/D CONVERTERS Very-Low-Power, 16-Bit/20-Bit A/D Converters
|
ETC Cirrus Logic CRYSTAL
|
5962F9584501VYC 5962H9584501VYC 5962R9584501VYC 59 |
2-Wire, Serial, 8-Bit DACs with Rail-to-Rail Outputs 5-Pin, Multiple-Input, Programmable Reset ICs Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23 Low-Cost, Voltage-Output, 16-Bit DACs in µMAX 5V, Low-Power, Voltage-Output, Serial 12-Bit DACs Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in µMAX Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23 Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in µMAX x8的SRAM x8 SRAM x8的SRAM
|
Analog Devices, Inc. California Micro Devices Corporation
|
MAX189BC/D MAX187AEWE MAX187BC/ MAX189AEWE MAX187A |
5V, Low-Power, 12-Bit Serial ADCs 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 5V / Low-Power / 12-Bit Serial ADCs LJT 12C 8#20 4#16 PIN PLUG Circular Connector; No. of Contacts:22; Series:MS27467; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:13; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:13-35 RoHS Compliant: No 5V, Low-Power, 12-Bit Serial ADCs
|
ADC Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
TC7MPB9307FK TC7MPB9307FT |
P SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20 Low Voltage/Low Power 8-Bit Dual Supply Bus Switch
|
Toshiba Semiconductor
|
MCP3301NBSP MCP3301-CI-SN MCP3301 MCP3301-CI/MS MC |
The MCP3301 13-bit Analog to Digital Converter (ADC) features a full differential input and low power consumption in a small package ... 13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface 13-Bit Differential Input Low Power A/D Converter with SPI Serial Interface
|
MICROCHIP[Microchip Technology]
|
HY64UD16322A HY64UD16322A-DF70E HY64UD16322A-DF70I |
2M x 16 bit Low Low Power 1T/1C Pseudo SRAM 2M x 16 bit Low Low Power 1T/1C Pseudo SRAM 200万16位低功T/1C伪静态存储器 Mobile PSRAM - 32Mb
|
Hynix Semiconductor, Inc. Hynix Semiconductor Inc.
|