PART |
Description |
Maker |
E75-20A E75-42A E69-21A E69-31A E69-41A E69-51A E6 |
SNAP ACTING/LIMIT SWITCH, DPDT, LATCHED, 0.1A, 11.43mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, DPST, MOMENTARY, 0.1A, 7.63mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, LATCHED, 11.43mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 5.72mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 7.63mm, PANEL MOUNT SWITCH SNAP MOM SPDT 10A QC TERM SNAP ACTING/LIMIT SWITCH, DPST, MOMENTARY, 7.63mm, PANEL MOUNT
|
THE CHERRY CORP
|
D362-A8MA D369-A8JA D369-A8ML D361-W9LD D369-W9LD |
SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 4.4mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 2.6mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 21.9mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 5.6mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 5.6mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 12.8mm, PANEL MOUNT
|
THE CHERRY CORP
|
AH715259F AH76204609F AH71525619 AH74523619 AH7456 |
SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 4.4mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.6A, 125VDC, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 2.4mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 4.4mm, PANEL MOUNT
|
Vishay Intertechnology, Inc.
|
E4-271 D8-344 MS25356-1 S3-5 |
SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 4A, 28VDC, 0.51mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, 4PDT, MOMENTARY, 15A, 30VDC, 1.52mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, 6PST, MOMENTARY, 15A, 30VDC, 1.52mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, DPDT, MOMENTARY, 1.52mm, PANEL MOUNT
|
EATON CORP
|
V15H10-EP200 |
SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 1A, 30VDC, PANEL MOUNT
|
HONEYWELL SENSING AND CONTROL
|
1BD007-11540-000 |
SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.001A, 5VDC, PANEL MOUNT
|
HON HAI PRECISION INDUSTRY CO LTD
|
YA-2RL-A6 |
SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.5A, 125VDC, 1.52mm, PANEL MOUNT
|
HONEYWELL SENSING AND CONTROL
|
GKDA3M8 GKCC3M8 GKBC3M8 GKDC2L6 GKDC30N6 GKDC2M7 G |
SNAP ACTING/LIMIT SWITCH, DPST, MOMENTARY, 2.8A, 24VDC, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, 4PST, MOMENTARY, 2.8A, 24VDC, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, 3PST, MOMENTARY, 2.8A, 24VDC, PANEL MOUNT
|
HONEYWELL SENSING AND CONTROL
|
DDS001 DDS002 DDS003 |
Micro Mini Thru-hole Detect Switches SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.1A, 30VDC, 2mm, THROUGH HOLE-RIGHT ANGLE
|
C&K Components C & K COMPONENTS INC
|
GSAB40C-Q03 GSAA40C-Q01 GSAA40C-Q03 GSAC20C-Q01 GS |
SNAP ACTING/LIMIT SWITCH, MOMENTARY, 2.8A, 24VDC, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, DPDT, MOMENTARY, 2.8A, 24VDC, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, MOMENTARY, 0.1A, 50VDC, PANEL MOUNT
|
HONEYWELL SENSING AND CONTROL
|
GLCB05A1B4C028 GLCB04A1B4C028 GLCB35A1A2C026 GLCB3 |
SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.55A, 125VDC, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.1A, 50VDC, PANEL MOUNT
|
HONEYWELL SENSING AND CONTROL
|
|